전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD840 데이터시트(PDF) 2 Page - Analog Devices

부품명 AD840
상세설명  Wideband, Fast Settling Op Amp
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD840 데이터시트(HTML) 2 Page - Analog Devices

  AD840_15 Datasheet HTML 1Page - Analog Devices AD840_15 Datasheet HTML 2Page - Analog Devices AD840_15 Datasheet HTML 3Page - Analog Devices AD840_15 Datasheet HTML 4Page - Analog Devices AD840_15 Datasheet HTML 5Page - Analog Devices AD840_15 Datasheet HTML 6Page - Analog Devices AD840_15 Datasheet HTML 7Page - Analog Devices AD840_15 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
AD840–SPECIFICATIONS
Model
AD840J
AD840K
AD840S
Conditions
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Units
INPUT OFFSET VOLTAGE
1
0.2
1
0.1
0.3
0.2
1
mV
TMIN–TMAX
1.5
0.7
2mV
Offset Drift
5
3
5
µV/°C
INPUT BIAS CURRENT
3.5
8
3.5
5
3.5
8
µA
TMIN–TMAX
10
6
12
µA
INPUT OFFSET CURRENT
0.1
0.4
0.1
0.2
0.1
0.4
µA
TMIN–TMAX
0.5
0.3
0.6
µA
INPUT CHARACTERISTICS
Differential Mode
Input Resistance
30
30
30
k
Input Capacitance
2
2
2
pF
INPUT VOLTAGE RANGE
Common Mode
10
12
10
12
±10
12
V
Common-Mode Rejection
VCM = ± 10 V
90
110
106
115
90
110
dB
TMIN–TMAX
85
90
85
dB
INPUT VOLTAGE NOISE
f = 1 kHz
4
4
4
nV/
√Hz
Wideband Noise
10 Hz to 10 MHz
10
10
10
µV rms
OPEN-LOOP GAIN
VO =
±10 V
RLOAD = 1 k
100
130
100
130
100
130
V/mV
TMIN–TMAX
50
80
75
100
50
80
V/mV
RLOAD = 500
75
100
75
V/mV
TMIN–TMAX
50
75
50
V/mV
OUTPUT CHARACTERISTICS
Voltage
RLOAD ≥ 500 Ω
TMIN–TMAX
10
10
10
V
Current
VOUT = ± 10 V
50
50
50
mA
Output Resistance
Open Loop
15
15
15
FREQUENCY RESPONSE
Gain Bandwidth Product
VOUT = 90 mV p-p
AV = –10
400
400
400
MHz
Full Power Bandwidth
2
VO = 20 V p-p
RLOAD = 500 Ω
5.5
6.4
5.5
6.4
5.5
6.4
MHz
Rise Time
AV = –10
10
10
10
ns
Overshoot
3
AV = –10
20
20
20
%
Slew Rate
3
AV = –10
350
400
350
400
350
400
V/
µs
Settling Time
3 – 10 V Step
AV = –10
to 0.1%
80
80
80
ns
to 0.01%
100
100
100
ns
OVERDRIVE RECOVERY
–Overdrive
190
190
190
ns
+Overdrive
350
350
350
ns
DIFFERENTIAL GAIN
f = 4.4 MHz
0.025
0.025
0.025
%
DIFFERENTIAL PHASE
f = 4.4 MHz
0.04
0.04
0.04
Degree
POWER SUPPLY
Rated Performance
±15
±15
±15
V
Operating Range
5
18
5
18
5
18
V
Quiescent Current
12
14
12
14
12
14
mA
TMIN–TMAX
16
16
18
mA
Power Supply Rejection Ratio
VS =
±5 V to ±18 V
90
100
94
100
90
100
dB
TMIN–TMAX
80
86
80
dB
TEMPERATURE RANGE
Rated Performance
4
0
+75
0
+75
–55
+125
°C
TRANSISTOR COUNT
# of Transistors
72
72
72
REV. C
–2–
(@ +25 C and
15 V dc, unless otherwise noted)
OBSOLETE


유사한 부품 번호 - AD840_15

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD8400 AD-AD8400 Datasheet
664Kb / 16P
   2-Channel, 256-Position Digital Potentiometer
REV. 0
AD8400 AD-AD8400 Datasheet
268Kb / 20P
   8-Bit Dual Nonvolatile Memory Digital Potentiometer
REV. 0
AD8400 AD-AD8400 Datasheet
496Kb / 20P
   1-/2-/4-Channel Digital Potentiometers
REV. B
AD8400 AD-AD8400 Datasheet
749Kb / 16P
   256-Position and 33-Position Digital Potentiometers
REV. B
AD8400AN1 AD-AD8400AN1 Datasheet
496Kb / 20P
   1-/2-/4-Channel Digital Potentiometers
REV. B
More results

유사한 설명 - AD840_15

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
KH220 FAIRCHILD-KH220 Datasheet
401Kb / 5P
   Fast Settling Wideband Op Amp
logo
Cadeka Microcircuits LL...
KH220 CADEKA-KH220 Datasheet
442Kb / 5P
   Fast Settling Wideband Op Amp
logo
Analog Devices
AD840 AD-AD840 Datasheet
419Kb / 8P
   Wideband, Fast Settling Op Amp
REV. C
logo
National Semiconductor ...
CLC103 NSC-CLC103 Datasheet
404Kb / 6P
   Fast Settling, High Current Wideband Op Amp
logo
Exar Corporation
KH103AI EXAR-KH103AI Datasheet
589Kb / 7P
   Fast Settling, High Current Wideband Op Amp
logo
Cadeka Microcircuits LL...
KH103 CADEKA-KH103 Datasheet
334Kb / 6P
   Fast Settling, High Current Wideband Op Amp
logo
Fairchild Semiconductor
KH103 FAIRCHILD-KH103 Datasheet
363Kb / 6P
   Fast Settling, High Current Wideband Op Amp
logo
Analog Devices
AD3554 AD-AD3554 Datasheet
398Kb / 6P
   FAST-SETTLING, WIDEBAND, FET-INPUT OP AMP
logo
National Semiconductor ...
CLC401 NSC-CLC401 Datasheet
388Kb / 6P
   Fast Settling, Wideband High-Gain Monolithic Op Amp
logo
Analog Devices
AD842 AD-AD842_17 Datasheet
400Kb / 17P
   Wideband, High Output Current Fast Settling Op Amp
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com