전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STF12100 데이터시트(PDF) 6 Page - Sangdest Microelectronic (Nanjing) Co., Ltd

부품명 STF12100
상세설명  SCHOTTKY RECTIFIER
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SMC [Sangdest Microelectronic (Nanjing) Co., Ltd]
홈페이지  http://www.smc-diodes.com/
Logo SMC - Sangdest Microelectronic (Nanjing) Co., Ltd

STF12100 데이터시트(HTML) 6 Page - Sangdest Microelectronic (Nanjing) Co., Ltd

  STF12100 Datasheet HTML 1Page - Sangdest Microelectronic (Nanjing) Co., Ltd STF12100 Datasheet HTML 2Page - Sangdest Microelectronic (Nanjing) Co., Ltd STF12100 Datasheet HTML 3Page - Sangdest Microelectronic (Nanjing) Co., Ltd STF12100 Datasheet HTML 4Page - Sangdest Microelectronic (Nanjing) Co., Ltd STF12100 Datasheet HTML 5Page - Sangdest Microelectronic (Nanjing) Co., Ltd STF12100 Datasheet HTML 6Page - Sangdest Microelectronic (Nanjing) Co., Ltd STF12100 Datasheet HTML 7Page - Sangdest Microelectronic (Nanjing) Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
SANGDEST
MICROELECTRONICS
Technical Data
Green Products
Data Sheet N1053, Rev. A
• Weiqi Street, Airport Development Zone, Jiangning District, Nanjing, China 211113
(86) 25-87123907
• FAX (86) 25-87123900 • World Wide Web Site - http://www.sangdest.com.cn • E-Mail Address - sales@ sangdest.com.cn •
ST12100
STB12100
STF12100
STD12100
Electrical Characteristics:
Characteristics
Symbol
Condition
Max.
Units
VF1
@ 12A, Pulse, TJ = 25 °C
0.75
V
Forward Voltage Drop*
VF2
@ 12A, Pulse, TJ = 125 °C
0.7
V
Reverse Current (per leg)*
IR1
@VR = rated VR
TJ = 25
°C
0.3
mA
IR2
@VR = rated VR
TJ = 125 °C
50
mA
Junction Capacitance
(per leg)
CT
@VR = 5V, TC = 25
°C
fSIG = 1MHz
660
pF
Voltage Rate of Change
dv/dt
-
10,000
V/
µs
* Pulse Width < 300µs, Duty Cycle <2%
Thermal-Mechanical Specifications:
Characteristics
Symbol
ST12100
STB12100
STD12100
STF12100
Units
Junction Temperature
TJ
-55 to +150
°C
Storage Temperature
Tstg
-55 to +150
°C
Maximum Thermal
Resistance Junction to
Case(per leg)*
RθJC
2.5
2.5
1.2
5.5
°C/W
Approximate Weight
wt
1.8
1.85
0.39
1.8
g
Case Style
TO-220AC/ D
2PAK/ DPAK/ ITO-220AC


유사한 부품 번호 - STF12100

제조업체부품명데이터시트상세설명
logo
SMC Diode Solutions Co....
STF12100 SMCDIODE-STF12100 Datasheet
379Kb / 6P
   SCHOTTKY RECTIFIER
Rev. B
logo
Sangdest Microelectroni...
STF12100C SMC-STF12100C Datasheet
195Kb / 7P
   SCHOTTKY RECTIFIER
logo
SMC Diode Solutions Co....
STF12100C SMCDIODE-STF12100C Datasheet
396Kb / 6P
   SCHOTTKY RECTIFIER
Rev. B
More results

유사한 설명 - STF12100

제조업체부품명데이터시트상세설명
logo
Solid States Devices, I...
SED120LB100 SSDI-SED120LB100_1 Datasheet
98Kb / 2P
   Schottky Rectifier
logo
Yangzhou yangjie electr...
SS22A YANGJIE-SS22A Datasheet
168Kb / 2P
   Schottky Rectifier
logo
International Rectifier
MBRB1035PBF IRF-MBRB1035PBF Datasheet
201Kb / 7P
   SCHOTTKY RECTIFIER
logo
Sirectifier Semiconduct...
MBR3060CT SIRECTIFIER-MBR3060CT Datasheet
133Kb / 2P
   SCHOTTKY RECTIFIER
logo
International Rectifier
153CNQ100 IRF-153CNQ100 Datasheet
64Kb / 4P
   SCHOTTKY RECTIFIER
30CLJQ100 IRF-30CLJQ100 Datasheet
51Kb / 4P
   SCHOTTKY RECTIFIER
30LJQ150 IRF-30LJQ150 Datasheet
51Kb / 4P
   SCHOTTKY RECTIFIER
logo
Fairchild Semiconductor
FMKA130L FAIRCHILD-FMKA130L Datasheet
63Kb / 2P
   Schottky Rectifier
logo
International Rectifier
160CNQ IRF-160CNQ Datasheet
89Kb / 5P
   SCHOTTKY RECTIFIER
logo
Sensitron
SHD125044P SENSITRON-SHD125044P Datasheet
84Kb / 3P
   SCHOTTKY RECTIFIER
163CMQ SENSITRON-163CMQ Datasheet
143Kb / 4P
   SCHOTTKY RECTIFIER
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com