전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD1672 데이터시트(PDF) 4 Page - Analog Devices

부품명 AD1672
상세설명  Complete 12-Bit, 3 MSPS Monolithic A/D Converter
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD1672 데이터시트(HTML) 4 Page - Analog Devices

  AD1672_15 Datasheet HTML 1Page - Analog Devices AD1672_15 Datasheet HTML 2Page - Analog Devices AD1672_15 Datasheet HTML 3Page - Analog Devices AD1672_15 Datasheet HTML 4Page - Analog Devices AD1672_15 Datasheet HTML 5Page - Analog Devices AD1672_15 Datasheet HTML 6Page - Analog Devices AD1672_15 Datasheet HTML 7Page - Analog Devices AD1672_15 Datasheet HTML 8Page - Analog Devices AD1672_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
AD1672
REV. 0
–4–
tOD
S1
S1
S2
S2
S3
S3
DATA 1
DATA 2
ANALOG
INPUT
INPUT
CLOCK
DATA
OUTPUT
OTR
tC
tCL
tCH
Figure 1. Timing Diagram
SWITCHING SPECIFICATIONS
Parameter
Symbol
Value
Units
Clock Period
tC
334
ns min
Clock
Pulse Width High
tCH
167
ns min
Pulse Width Low
tCL
167
ns min
Output Delay
tOD
15
ns min
30
ns typ
Pipeline Delay (Latency)
2.5
Clock Cycles
ABSOLUTE MAXIMUM RATINGS*
Parameter
With Respect to
Min
Max
Units
VCC
ACOM
–0 5
+6.5
Volts
VDD
DCOM
–0.5
+6.5
Volts
DRVDD
DRCOM
–0.5
+6.5
Volts
ACOM
DCOM, DRCOM –0.5
+0.5
Volts
CLOCK
DCOM
–0.5
VDD + 0.5
Volts
Digital Outputs DCOM
–0.5
DRVDD + 0.5 Volts
AIN
ACOM
–6.5
+6.5
Volts
REFIN
ACOM
–0.5
VCC + 0.5
Volts
Junction Temperature
+150
°C
Storage Temperature
–65
+150
°C
Lead Temperature (10 sec)
+300
°C
*Stresses above those listed under “Absolute Maximum Ratings” may cause
permanent damage to the device. This is a stress rating only and functional
operation of the device at these or any other conditions above those indicated in the
operational sections of this specification is not implied. Exposure to absolute
maximum ratings for extended periods may effect device reliability.
WARNING!
ESD SENSITIVE DEVICE
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection.
Although the AD1672 features proprietary ESD protection circuitry, permanent damage may
occur on devices subjected to high energy electrostatic discharges. Therefore, proper ESD
precautions are recommended to avoid performance degradation or loss of functionality.
OBSOLETE


유사한 부품 번호 - AD1672_15

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD1672 AD-AD1672_17 Datasheet
96Kb / 7P
   12-BIT, 3 MSPS, A TO D CONVERTER
More results

유사한 설명 - AD1672_15

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD1672 AD-AD1672 Datasheet
465Kb / 20P
   Complete 12-Bit, 3 MSPS Monolithic A/D Converter
REV. 0
AD871 AD-AD871_15 Datasheet
382Kb / 16P
   Complete 12-Bit 5 MSPS Monolithic A/D Converter
REV. A
AD872A AD-AD872A_15 Datasheet
783Kb / 20P
   Complete 12-Bit 10 MSPS Monolithic A/D Converter
REV. A
AD9225ARZ AD-AD9225ARZ Datasheet
914Kb / 25P
   Complete 12-Bit, 25 MSPS Monolithic A/D Converter
REV. C
AD9224 AD-AD9224_15 Datasheet
311Kb / 24P
   Complete 12-Bit, 40 MSPS Monolithic A/D Converter
REV. A
AD9225 AD-AD9225_03 Datasheet
460Kb / 24P
   Complete 12-Bit, 25 MSPS Monolithic A/D Converter
REV. B
AD9224ARSZ AD-AD9224ARSZ Datasheet
316Kb / 24P
   Complete 12-Bit, 40 MSPS Monolithic A/D Converter
REV. A
AD872A AD-AD872A Datasheet
330Kb / 20P
   Complete 12-Bit 10 MSPS Monolithic A/D Converter
REV. A
AD9225 AD-AD9225 Datasheet
321Kb / 24P
   Complete 12-Bit, 25 MSPS Monolithic A/D Converter
REV. A
AD9225 AD-AD9225_15 Datasheet
914Kb / 25P
   Complete 12-Bit, 25 MSPS Monolithic A/D Converter
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com