전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FDD9409_F085 데이터시트(PDF) 1 Page - Fairchild Semiconductor

부품명 FDD9409_F085
상세설명  N-Channel PowerTrench짰 MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDD9409_F085 데이터시트(HTML) 1 Page - Fairchild Semiconductor

  FDD9409_F085 Datasheet HTML 1Page - Fairchild Semiconductor FDD9409_F085 Datasheet HTML 2Page - Fairchild Semiconductor FDD9409_F085 Datasheet HTML 3Page - Fairchild Semiconductor FDD9409_F085 Datasheet HTML 4Page - Fairchild Semiconductor FDD9409_F085 Datasheet HTML 5Page - Fairchild Semiconductor FDD9409_F085 Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
May 2014
©2014 Fairchild Semiconductor Corporation
FDD9409_F085 Rev. C4
www.fairchildsemi.com
1
FDD9409_F085
N-Channel PowerTrench® MOSFET
40 V, 90 A, 3.2 m
Ω
Features
Typ RDS(on) = 2.3mΩ at VGS = 10V, ID = 80A
Typ Qg(tot) = 42nC at VGS = 10V, ID = 80A
UIS Capability
RoHS Compliant
Qualified to AEC Q101
Applications
Automotive Engine Control
Powertrain Management
Solenoid and Motor Drivers
Electronic Steering
Integrated Starter/Alternator
Distributed Power Architectures and VRM
Primary Switch for 12V Systems
MOSFET Maximum Ratings TJ = 25°C unless otherwise noted.
Symbol
Parameter
Ratings
Units
VDSS
Drain-to-Source Voltage
40
V
VGS
Gate-to-Source Voltage
±20
V
ID
Drain Current - Continuous (VGS=10) (Note 1)
TC = 25°C
90
A
Pulsed Drain Current
TC = 25°C
See Figure 4
EAS
Single-Pulse Avalanche Energy
(Note 2)
101
mJ
PD
Power Dissipation
150
W
Derate Above 25oC1
W/oC
TJ, TSTG Operating and Storage Temperature
-55 to + 175
oC
RθJC
Thermal Resistance, Junction to Case
1
oC/W
RθJA
Maximum Thermal Resistance, Junction to Ambient
(Note 3)
52
oC/W
Package Marking and Ordering Information
Device Marking
Device
Package
Reel Size
Tape Width
Quantity
FDD9409
FDD9409_F085
D-PAK(TO-252)
13”
12mm
2500 units
Notes:
1: Current is limited by bondwire configuration.
2: Starting TJ = 25°C, L = 0.1mH, IAS = 44A, VDD = 40V during inductor charging and VDD = 0V during time in avalanche.
3:
RθJA is the sum of the junction-to-case and case-to-ambient thermal resistance where the case thermal reference is defined as the solder
mounting surface of the drain pins.
RθJC is guaranteed by design while RθJAis determined by the user's board design. The maximum
rating presented here is based on mounting on a 1 in2 pad of 2oz copper.
D
G
S
G
S
D
TO-252
D-PAK
(TO-252)
For current package drawing, please refer to the Fairchild 
website at www.fairchildsemi.com/packaging


유사한 부품 번호 - FDD9409_F085

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
FDD9409L ONSEMI-FDD9409L Datasheet
608Kb / 8P
   N-Channel Logic Level PowerTrench MOSFET
December, 2016, Rev. 1.0
logo
Inchange Semiconductor ...
FDD9409L ISC-FDD9409L Datasheet
353Kb / 2P
   isc N-Channel MOSFET Transistor
logo
ON Semiconductor
FDD9409L_F085 ONSEMI-FDD9409L_F085 Datasheet
608Kb / 8P
   N-Channel Logic Level PowerTrench MOSFET
December, 2016, Rev. 1.0
More results

유사한 설명 - FDD9409_F085

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FDS8978 FAIRCHILD-FDS8978_11 Datasheet
704Kb / 11P
   N-Channel PowerTrench짰 MOSFET
FDMS86350 FAIRCHILD-FDMS86350 Datasheet
253Kb / 7P
   N-Channel PowerTrench짰 MOSFET
FDB8443_F085 FAIRCHILD-FDB8443_F085 Datasheet
621Kb / 7P
   N-Channel PowerTrench짰 MOSFET
FDB8896_F085 FAIRCHILD-FDB8896_F085 Datasheet
216Kb / 11P
   N-Channel PowerTrench짰 MOSFET
FDBL9401_F085 FAIRCHILD-FDBL9401_F085 Datasheet
385Kb / 6P
   N-Channel PowerTrench짰 MOSFET
FDD770N15A FAIRCHILD-FDD770N15A Datasheet
639Kb / 10P
   N-Channel PowerTrench짰 MOSFET
FDMS7698 FAIRCHILD-FDMS7698 Datasheet
256Kb / 7P
   N-Channel PowerTrench짰 MOSFET
FDB075N15A FAIRCHILD-FDB075N15A Datasheet
311Kb / 10P
   N-Channel PowerTrench짰 MOSFET
FDP100N10 FAIRCHILD-FDP100N10 Datasheet
454Kb / 8P
   N-Channel PowerTrench짰 MOSFET
FDD8444L FAIRCHILD-FDD8444L Datasheet
282Kb / 7P
   N-Channel PowerTrench짰 MOSFET
FDS8896 FAIRCHILD-FDS8896_07 Datasheet
622Kb / 12P
   N-Channel PowerTrench짰 MOSFET
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com