전자부품 데이터시트 검색엔진 |
|
5429FCT521BTSOB 데이터시트(PDF) 7 Page - Integrated Device Technology |
|
5429FCT521BTSOB 데이터시트(HTML) 7 Page - Integrated Device Technology |
7 / 7 page IDT29FCT520AT/BT/CT/DT, 521AT/BT/CT/DT MULTILEVEL PIPELINE REGISTERS MILITARY AND COMMERCIAL TEMPERATURE RANGES 6.2 7 ORDERING INFORMATION 2619 drw 10 Blank Commercial B MIL-STD-883, Class B P D L SO PY E Q Plastic DIP CERDIP Leadless Chip Carrier Small Outline IC Shrink Small Outline Package CERPACK Quarter-size Small Outline Package 520AT 521AT 520BT 521BT 520CT 521CT 520DT 521DT Multilevel Pipeline Register Multilevel Pipeline Register XX Device Type X Package X 29FCT Process Temperature Range Family X Blank 2 High Drive Balanced Drive 54 74 -55 °C to +125°C 0 °C to +70°C XX |
유사한 부품 번호 - 5429FCT521BTSOB |
|
유사한 설명 - 5429FCT521BTSOB |