전자부품 데이터시트 검색엔진 |
|
SI2300DS 데이터시트(PDF) 3 Page - Vishay Siliconix |
|
SI2300DS 데이터시트(HTML) 3 Page - Vishay Siliconix |
3 / 7 page Document Number: 65701 S10-0111-Rev. A, 18-Jan-10 www.vishay.com 3 Vishay Siliconix Si2300DS New Product TYPICAL CHARACTERISTICS 25 °C, unless otherwise noted Output Characteristics On-Resistance vs. Drain Current and Gate Voltage Gate Charge 0 3 6 9 12 15 0.0 0.5 1.0 1.5 2.0 2.5 3.0 VDS - Drain-to-Source Voltage (V) VGS = 5 V thru 3 V VGS = 2 V VGS = 2.5 V 0.00 0.04 0.08 0.12 0.16 0.20 0 3 6 9 12 15 ID - DrainCurrent(A) VGS = 2.5 V VGS = 4.5 V 0 2 4 6 8 024 6 8 ID = 3.1 A Qg - Total Gate Charge (nC) VDS = 24 V VDS = 7.5 V VDS = 15 V 10 Transfer Characteristics Capacitance On-Resistance vs. Junction Temperature 0 1 2 3 4 5 0.0 0.5 1.0 1.5 2.0 2.5 VGS - Gate-to-Source Voltage (V) TC = 25 °C TC = 125 °C TC = - 55 °C Crss 0 90 180 270 360 0 5 10 15 20 25 30 Ciss VDS - Drain-to-SourceVoltage (V) Coss 450 0.7 0.8 0.9 1.0 1.1 1.2 1.3 1.4 1.5 1.6 1.7 - 50 - 25 0 25 50 75 100 125 150 TJ - Junction Temperature (°C) VGS = 4.5 V VGS = 2.5 V ID =2.9 A |
유사한 부품 번호 - SI2300DS |
|
유사한 설명 - SI2300DS |