전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD602 데이터시트(PDF) 3 Page - Analog Devices

부품명 AD602
상세설명  Dual, Low Noise, Wideband Variable Gain Amplifiers
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD602 데이터시트(HTML) 3 Page - Analog Devices

  AD602_15 Datasheet HTML 1Page - Analog Devices AD602_15 Datasheet HTML 2Page - Analog Devices AD602_15 Datasheet HTML 3Page - Analog Devices AD602_15 Datasheet HTML 4Page - Analog Devices AD602_15 Datasheet HTML 5Page - Analog Devices AD602_15 Datasheet HTML 6Page - Analog Devices AD602_15 Datasheet HTML 7Page - Analog Devices AD602_15 Datasheet HTML 8Page - Analog Devices AD602_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 33 page
background image
AD600/AD602
Rev. F | Page 2 of 32
TABLE OF CONTENTS
Features .............................................................................................. 1
 
Applications....................................................................................... 1
 
General Description ......................................................................... 1
 
Functional Block Diagram .............................................................. 1
 
Revision History ............................................................................... 2
 
Specifications..................................................................................... 3
 
Absolute Maximum Ratings............................................................ 5
 
ESD Caution.................................................................................. 5
 
Pin Configuration and Function Descriptions............................. 6
 
Typical Performance Characteristics ............................................. 7
 
Theory of Operation ...................................................................... 10
 
Noise Performance ..................................................................... 10
 
Gain-Control Interface .............................................................. 11
 
Signal-Gating Inputs .................................................................. 11
 
Common-Mode Rejection ........................................................ 11
 
Achieving 80 dB Gain Range .................................................... 11
 
Sequential Mode (Maximum SNR) ......................................... 12
 
Parallel Mode (Simplest Gain-Control Interface).................. 13
 
Low Ripple Mode (Minimum Gain Error) ............................. 13
 
Applications Information .............................................................. 15
 
Time-Gain Control (TGC) and Time-Variable
Gain (TVG) ................................................................................. 15
 
Increasing Output Drive............................................................ 15
 
Driving Capacitive Loads.......................................................... 15
 
Realizing Other Gain Ranges ................................................... 16
 
Ultralow Noise VCA .................................................................. 16
 
Low Noise, 6 dB Preamplifier ................................................... 16
 
Low Noise AGC Amplifier with 80 dB Gain Range .............. 17
 
Wide Range, RMS-Linear dB Measurement System
(2 MHz AGC Amplifier with RMS Detector) ........................ 19
 
100 dB to 120 dB RMS Responding Constant Bandwidth
AGC Systems with High Accuracy Decibel Outputs ............ 21
 
100 dB RMS/AGC System with Minimal Gain Error
(Parallel Gain with Offset) ........................................................ 22
 
120 dB RMS/AGC System with Optimal SNR
(Sequential Gain) ....................................................................... 23
 
Outline Dimensions ....................................................................... 27
 
Ordering Guide .......................................................................... 29
 
REVISION HISTORY
10/08—Rev. E to Rev. F
Changes to Power Supply Parameter, Table 1 ............................... 3
Changes to Figure 41...................................................................... 20
Changes to Figure 45...................................................................... 21
Changes to Figure 47...................................................................... 22
Changes to Figure 51...................................................................... 24
Updated Outline Dimensions ....................................................... 27
Changes to Ordering Guide .......................................................... 29
1/06—Rev. D to Rev. E
Updated Format..................................................................Universal
Changes to Table 2............................................................................ 5
Changes to The Gain-Control Interface Section........................ 11
Updated Outline Dimensions ....................................................... 27
Changes to Ordering Guide .......................................................... 28
3/04—Rev. C to Rev. D
Changes to Specifications ................................................................ 2
Changes to Ordering Guide ............................................................ 3
Changes to Figure 3.......................................................................... 8
Changes to Figure 29...................................................................... 18
Updated Outline Dimensions ....................................................... 20
5/02—Rev. B to Rev. C
Changes to Specifications.................................................................2
Renumber Tables and TPCs...................................................Global
8/01—Rev. A to Rev. B
Changes to Accuracy Section of AD600A/AD602A column......2


유사한 부품 번호 - AD602_15

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD602A AD-AD602A Datasheet
669Kb / 20P
   Dual, Low Noise, Wideband Variable Gain Amplifiers
REV. A
AD602AQ AD-AD602AQ Datasheet
669Kb / 20P
   Dual, Low Noise, Wideband Variable Gain Amplifiers
REV. A
AD602AQ AD-AD602AQ Datasheet
588Kb / 28P
   Dual, Low Noise, Wideband Variable Gain Amplifiers
Rev. E
AD602AR AD-AD602AR Datasheet
669Kb / 20P
   Dual, Low Noise, Wideband Variable Gain Amplifiers
REV. A
AD602AR AD-AD602AR Datasheet
588Kb / 28P
   Dual, Low Noise, Wideband Variable Gain Amplifiers
Rev. E
More results

유사한 설명 - AD602_15

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD600 AD-AD600_06 Datasheet
588Kb / 28P
   Dual, Low Noise, Wideband Variable Gain Amplifiers
Rev. E
AD600 AD-AD600 Datasheet
669Kb / 20P
   Dual, Low Noise, Wideband Variable Gain Amplifiers
REV. A
AD600 AD-AD600_15 Datasheet
677Kb / 33P
   Dual, Low Noise, Wideband Variable Gain Amplifiers
Rev. F
AD8366 AD-AD8366_17 Datasheet
1Mb / 28P
   Dual-Digital Variable Gain Amplifiers
logo
National Semiconductor ...
LMH6622 NSC-LMH6622 Datasheet
540Kb / 18P
   Dual Wideband, Low Noise, 160MHz, Operational Amplifiers
logo
Texas Instruments
LMH6504 TI1-LMH6504_14 Datasheet
1Mb / 29P
[Old version datasheet]   Wideband, Low Power, Variable Gain Amplifier
logo
National Semiconductor ...
LMH6504 NSC-LMH6504 Datasheet
759Kb / 19P
   Wideband, Low Power, Variable Gain Amplifier
logo
Analog Devices
ADRF6510 AD-ADRF6510_17 Datasheet
1Mb / 32P
   Dual Programmable Filters Variable Gain Amplifiers
logo
DAICO Industries, Inc.
DAML6273 DAICO-DAML6273 Datasheet
176Kb / 1P
   Variable Gain Low Noise Amplifier
DAML6275 DAICO-DAML6275 Datasheet
157Kb / 1P
   Variable Gain Low Noise Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com