전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD606 데이터시트(PDF) 2 Page - Analog Devices

부품명 AD606
상세설명  50 MHz, 80 dB Demodulating Logarithmic Amplifier with Limiter Output
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD606 데이터시트(HTML) 2 Page - Analog Devices

  AD606_15 Datasheet HTML 1Page - Analog Devices AD606_15 Datasheet HTML 2Page - Analog Devices AD606_15 Datasheet HTML 3Page - Analog Devices AD606_15 Datasheet HTML 4Page - Analog Devices AD606_15 Datasheet HTML 5Page - Analog Devices AD606_15 Datasheet HTML 6Page - Analog Devices AD606_15 Datasheet HTML 7Page - Analog Devices AD606_15 Datasheet HTML 8Page - Analog Devices AD606_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
AD606–SPECIFICATIONS (@ T
A = +25 C and supply = +5 V unless otherwise noted; dBm assumes 50
)
REV. B
–2–
Model
AD606J
Parameter
Conditions
Min
Typ
Max
Units
SIGNAL INPUT
Log Amp fMAX
AC Coupled; Sinusoidal Input
50
MHz
Limiter fMAX
AC Coupled; Sinusoidal Input
100
MHz
Dynamic Range
80
dB
Input Resistance
Differential Input
500
2,500
Input Capacitance
Differential Input
2
pF
SIGNAL OUTPUT
Limiter Flatness
–75 dBm to +5 dBm Input Signal at 10.7 MHz
–1.5
+1.5
dB
With Pin 9 to VPOS via a 200 Ω Resistor
and Pin 8 to VPOS via a 200 Ω Resistor
Output Current
At Pins 8 or 9, Proportional to VPOS, LADJ Grounded
1.2
mA
LADJ Open Circuited
0.48
mA
Phase Variation with Input Level
–75 dBm to +5 dBm Input Signal at 10.7 MHz
±3
Degrees
LOG (RSSI) OUTPUT
Nominal Slope
At 10.7 MHz; (0.0075
× V
POS)/dB
37.5
mV/dB
At 45 MHz
35
mV/dB
Slope Accuracy
Untrimmed at 10.7 MHz
–15
±5
+15
%
Intercept
Sinusoidal Input; Independent of VPOS
–88.33
dBm
Logarithmic Conformance
–75 dBm to +5 dBm Input Signal at 10.7 MHz
–1.5
0.4
+1.5
dB
Nominal Output
Input Level = –75 dBm
0.5
V
Input Level = –35 dBm
2
V
Input Level = +5 dBm
3.5
V
Accuracy over Temperature
After Calibration at –35 dBm at 10.7 MHz
–3
+3
dB
TMIN to TMAX
Video Response Time
From Onset of Input Signal Until Output Reaches
400
ns
95% of Final Value
POWER-DOWN INTERFACE
Power-Up Response Time
Time Delay Following HI Transition Until
3.5
µs
Device Meets Full Specifications
AC Coupled with 100 pF Coupling Capacitors
Input Bias Current
Logical HI Input (See Figure 12)
1
nA
Logical LO Input
4
µA
POWER SUPPLY
Operating Range
4.5
5.5
V
Powered-Up Current
Zero Signal Input
13
mA
TMIN to TMAX
13
20
mA
Powered-Down Current
TMIN to TMAX
65
200
µA
Specifications subject to change without notice.


유사한 부품 번호 - AD606_15

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
AD606-00 ETC2-AD606-00 Datasheet
159Kb / 12P
   Package Drawings and Specifications
logo
Analog Devices
AD606-EB AD-AD606-EB Datasheet
448Kb / 12P
   50 MHz, 80 dB Demodulating Logarithmic Amplifier with Limiter Output
REV. B
AD606JCHIPS AD-AD606JCHIPS Datasheet
448Kb / 12P
   50 MHz, 80 dB Demodulating Logarithmic Amplifier with Limiter Output
REV. B
AD606JN AD-AD606JN Datasheet
448Kb / 12P
   50 MHz, 80 dB Demodulating Logarithmic Amplifier with Limiter Output
REV. B
AD606JR AD-AD606JR Datasheet
448Kb / 12P
   50 MHz, 80 dB Demodulating Logarithmic Amplifier with Limiter Output
REV. B
More results

유사한 설명 - AD606_15

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD606 AD-AD606 Datasheet
448Kb / 12P
   50 MHz, 80 dB Demodulating Logarithmic Amplifier with Limiter Output
REV. B
AD8309 AD-AD8309 Datasheet
311Kb / 20P
   5 MHz.500 MHz 100 dB Demodulating Logarithmic Amplifier with Limiter Output
REV. B
AD8309 AD-AD8309_15 Datasheet
315Kb / 20P
   5 MHz??00 MHz 100 dB Demodulating Logarithmic Amplifier with Limiter Output
REV. B
AD8309ARUZ AD-AD8309ARUZ Datasheet
315Kb / 20P
   5 MHz??00 MHz 100 dB Demodulating Logarithmic Amplifier
REV. B
AD641 AD-AD641 Datasheet
256Kb / 16P
   250 MHz Demodulating Logarithmic Amplifier
REV. C
AD641 AD-AD641_15 Datasheet
260Kb / 16P
   250 MHz Demodulating Logarithmic Amplifier
REV. C
AD641 AD-AD641_16 Datasheet
320Kb / 17P
   250 MHz Demodulating Logarithmic Amplifier
AD640 AD-AD640 Datasheet
278Kb / 16P
   DC-Coupled Demodulating 120 MHz Logarithmic Amplifier
REV. C
AD640 AD-AD640_15 Datasheet
240Kb / 16P
   DC-Coupled Demodulating 120 MHz Logarithmic Amplifier
REV. C
AD640JPZ AD-AD640JPZ Datasheet
240Kb / 16P
   DC-Coupled Demodulating 120 MHz Logarithmic Amplifier
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com