전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

7461067 데이터시트(PDF) 1 Page - List of Unclassifed Manufacturers

부품명 7461067
상세설명  with full plain Pin-Plate
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ETC2 [List of Unclassifed Manufacturers]
홈페이지  
Logo ETC2 - List of Unclassifed Manufacturers

7461067 데이터시트(HTML) 1 Page - List of Unclassifed Manufacturers

  7461067 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
142
www.we-online.com
02/11
Power Elements 90°
with full plain Pin-Plate
Characteristics
Prepared hole diameter:
1.60 mm
Final hole diameter
for HAL surface
1.45 mm ±0.05 mm
Final diameter for
chemical surfaces (e.g. tin)
1.475 mm ±0.05 mm
Not suitable for soldering
Available with hole or threads
Dimensions (mm)
Power Elements
Order Code
Four corners
a
(mm)
b
(mm)
c
(mm)
d
(mm)
e
f
g
Pins
Format
Type
746 106 6
7
17.5
3.5
4
M 3
3
5
9
I
746 111 0
7
17.5
3.5
4
3.2
3
5
9
I
746 111 1
9
17.5
3.5
5
M 4
3
5
16
J
746 106 7
9
17.5
3.5
5
4.2
3
5
16
J
746 111 2
9
17.5
3.5
5
M 5
3
5
16
J
746 111 3
9
17.5
3.5
5
5.2
3
5
16
J
746 111 4
13
23.5
3.5
8
M 6
3
8
25
K
746 111 5
13
23.5
3.5
8
6.2
3
8
25
K
746 106 8
13
23.5
3.5
8
M 8
3
8
25
K
746 111 6
13
23.5
3.5
8
8.2
3
8
25
K
746 111 7
16
28.5
3.5
10
M 10
3
10
36
L
746 106 9
16
28.5
3.5
10
10.2
3
10
36
L
Dimensions
Illustration of hole
I
Illustration of hole
K
Illustration of hole
J
Illustration of hole
L


유사한 부품 번호 - 7461067

제조업체부품명데이터시트상세설명
logo
Wurth Elektronik GmbH &...
7461060 WURTH-7461060 Datasheet
210Kb / 1P
   Bushes with Pin-Plate Circumference
logo
List of Unclassifed Man...
7461061 ETC2-7461061 Datasheet
256Kb / 1P
   Bushes and Shanks with full plain Pin-Plate
More results

유사한 설명 - 7461067

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
7461001 ETC2-7461001 Datasheet
256Kb / 1P
   Bushes and Shanks with full plain Pin-Plate
logo
Wurth Elektronik GmbH &...
7461097 WURTH-7461097 Datasheet
83Kb / 1P
   Bush with threaded hole M6 full plain Pin-Plate
7461096 WURTH-7461096 Datasheet
81Kb / 1P
   Threaded shank M4 full plain Pin-Plate
7461099 WURTH-7461099 Datasheet
84Kb / 1P
   Bush with threaded hole M8 full plain Pin-Plate
7460719 WURTH-7460719 Datasheet
83Kb / 1P
   Threaded shank M8 full plain Pin-Plate
7461095 WURTH-7461095 Datasheet
83Kb / 1P
   Bush with threaded hole M4 full plain Pin-Plate
7461383 WURTH-7461383 Datasheet
82Kb / 1P
   Threaded shank M5 full plain Pin-Plate
7461111 WURTH-7461111 Datasheet
82Kb / 1P
   Power Element 90째 with threaded hole M4 full plain Pin-Plate
2009/07/15
7461001 WURTH-7461001 Datasheet
209Kb / 3P
   REDCUBE PRESS-FIT with external thread and full plain pin-plate WPSHFU
001.002
7461148 WURTH-7461148 Datasheet
210Kb / 1P
   Bushes with Pin-Plate Circumference
More results


Html Pages

1


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com