전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD641 데이터시트(PDF) 4 Page - Analog Devices

부품명 AD641
상세설명  250 MHz Demodulating Logarithmic Amplifier
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD641 데이터시트(HTML) 4 Page - Analog Devices

  AD641_15 Datasheet HTML 1Page - Analog Devices AD641_15 Datasheet HTML 2Page - Analog Devices AD641_15 Datasheet HTML 3Page - Analog Devices AD641_15 Datasheet HTML 4Page - Analog Devices AD641_15 Datasheet HTML 5Page - Analog Devices AD641_15 Datasheet HTML 6Page - Analog Devices AD641_15 Datasheet HTML 7Page - Analog Devices AD641_15 Datasheet HTML 8Page - Analog Devices AD641_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
REV. C
AD641
–4–
–Typical DC Performance Characteristics
1.015
1.010
1.005
1
0.995
0.990
0.985
0.980
–60 –40 –20
0
20
40 60 80 100 120 140
TEMPERATURE – C
Figure 1. Slope Current, IY, vs.
Temperature
4.5
5.0
5.5
6.0
6.5
7.0
7.5
POWER SUPPLY VOLTAGES –
Volts
1.015
1.010
1.005
1.000
0.995
0.990
0.985
Figure 4. Intercept Voltage, VX, vs.
Supply Voltages
INPUT VOLTAGE – mV
(EITHER SIGN)
2
1.0
0.1
1.0
1000.0
10.0
100.0
1
1.2
1.4
1.6
1.8
2.0
2.2
2.4
0.8
0.6
0.4
0.2
0
–0.2
–0.4
0
Figure 7. DC Logarithmic Transfer
Function and Error Curve for Single
AD641
1.20
1.15
1.10
1.05
1.00
0.95
0.90
–60 –40 –20
0
20
40 60 80 100 120 140
TEMPERATURE – C
0.85
Figure 2. Intercept Voltage, VX, vs.
Temperature
14
13
12
11
10
9
8
7
–60 –40 –20 0
20
40
60 80 100 120 140
TEMPERATURE – C
Figure 5. Intercept Voltage (Using
Attenuator) vs. Temperature
2.5
2.0
1.5
1.0
0.5
–60 –40 –20
0
20 40 60
80 100 120 140
TEMPERATURE – C
0
Figure 8. Absolute Error vs. Tempera-
ture, VIN = ±1 mV to ±100 mV
4.5
5.0
5.5
6.0
6.5
7.0
7.5
POWER SUPPLY VOLTAGES –
Volts
1.006
1.004
1.002
1.000
0.998
0.996
0.994
Figure 3. Slope Current, IY, vs. Supply
Voltages
–60 –40 –20
0
20
40
60 80 100 120 140
TEMPERATURE – C
0
–0.1
+0.4
+0.3
+0.2
+0.1
–0.2
–0.3
INPUT OFFSET VOLTAGE
DEVIATION WILL BE WITHIN
SHADED AREA.
Figure 6. Input Offset Voltage Devia-
tion vs. Temperature
2.5
2.0
1.5
1.0
0.5
–60 –40 –20
0
20
40 60
80 100 120 140
TEMPERATURE – C
0
Figure 9. Absolute Error vs. Tempera-
ture, Using Attenuator. VIN = ±10 mV
to
±1 V, Pin 8 Grounded to Disable ITC
Bias


유사한 부품 번호 - AD641_15

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD641 AD-AD641_16 Datasheet
320Kb / 17P
   250 MHz Demodulating Logarithmic Amplifier
More results

유사한 설명 - AD641_15

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD641 AD-AD641 Datasheet
256Kb / 16P
   250 MHz Demodulating Logarithmic Amplifier
REV. C
AD641 AD-AD641_16 Datasheet
320Kb / 17P
   250 MHz Demodulating Logarithmic Amplifier
AD640 AD-AD640 Datasheet
278Kb / 16P
   DC-Coupled Demodulating 120 MHz Logarithmic Amplifier
REV. C
AD640 AD-AD640_15 Datasheet
240Kb / 16P
   DC-Coupled Demodulating 120 MHz Logarithmic Amplifier
REV. C
AD640JPZ AD-AD640JPZ Datasheet
240Kb / 16P
   DC-Coupled Demodulating 120 MHz Logarithmic Amplifier
REV. C
AD640 AD-AD640_16 Datasheet
417Kb / 19P
   DC-Coupled Demodulating 120 MHz Logarithmic Amplifier
AD8309ARUZ AD-AD8309ARUZ Datasheet
315Kb / 20P
   5 MHz??00 MHz 100 dB Demodulating Logarithmic Amplifier
REV. B
AD8309 AD-AD8309 Datasheet
311Kb / 20P
   5 MHz.500 MHz 100 dB Demodulating Logarithmic Amplifier with Limiter Output
REV. B
AD606 AD-AD606 Datasheet
448Kb / 12P
   50 MHz, 80 dB Demodulating Logarithmic Amplifier with Limiter Output
REV. B
AD606 AD-AD606_15 Datasheet
452Kb / 12P
   50 MHz, 80 dB Demodulating Logarithmic Amplifier with Limiter Output
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com