전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD668 데이터시트(PDF) 11 Page - Analog Devices

부품명 AD668
상세설명  12-Bit Ultrahigh Speed Multiplying D/A Converter
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD668 데이터시트(HTML) 11 Page - Analog Devices

Back Button AD668_15 Datasheet HTML 7Page - Analog Devices AD668_15 Datasheet HTML 8Page - Analog Devices AD668_15 Datasheet HTML 9Page - Analog Devices AD668_15 Datasheet HTML 10Page - Analog Devices AD668_15 Datasheet HTML 11Page - Analog Devices AD668_15 Datasheet HTML 12Page - Analog Devices AD668_15 Datasheet HTML 13Page - Analog Devices AD668_15 Datasheet HTML 14Page - Analog Devices AD668_15 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
AD668
REV. A
–11–
reference input. While the two DACs are similar in many ways,
the optimal decoupling schemes differ between the two parts
and care should be used to insure that each is implemented
appropriately.
Figure 13. AD568 Driving the AD668
CONSTRUCTION GUIDELINES
HIGH FREQUENCY PRINTED CIRCUIT BOARD
SUGGESTIONS
In systems seeking to simultaneously achieve high speed and
high accuracy, the implementation and construction of the cir-
cuit is often as important as the circuit’s design. Proper RF
techniques must be used in device selection, placement and
routing, and supply bypassing and grounding. In many areas,
the performance of the AD668 may exceed the measurement ca-
pabilities of common lab instruments, making performance
evaluation particularly difficult. The AD668 has been config-
ured to be relatively easy to use in spite of these problems, and
realization of the performance indicated in this datasheet should
not be difficult if proper care is taken. Figure 14 provides an il-
lustration of the printed circuit board layout used for much of
the AD668’s characterization. The board represents an imple-
mentation of the circuit shown in Figure 23, with the AD586
used to drive the reference channel (as in Figure 11).
Component Side
Foil Side
Figure 14. PC Board Layout
THE USE OF GROUND AND POWER PLANES
If properly implemented, ground planes can perform a myriad
of functions on high speed circuit boards: bypassing, shielding,
current transport, etc. In mixed signal design, the analog and
digital portions of the board should be distinct from one an-
other, with the analog ground plane confined to areas covering
analog signal traces and the digital ground plane confined to
areas covering digital interconnect. The two ground planes
should be connected by paths 1/4 inch to 1/2 inch wide on both
sides of the DAC, as shown in Figure 14. Care should be taken
to insure that the ground plane is uninterrupted over crucial sig-
nal paths. On the digital side, this includes the digital input lines
running to the DAC, as well as any clock signals. On the analog
side, this includes the analog input signal, the DAC output sig-
nal, and the supply feeders. The use of wide runs or planes in
the routing of the power supplies is also recommended. This
serves the dual function of providing a low series impedance
power supply to the part as well as providing some “free” ca-
pacitive decoupling to the appropriate ground plane.
USING THE RIGHT BYPASS CAPACITORS
The capacitors used to bypass the power supplies are probably
the most important external components in any high speed de-
sign. Both selection and placement of these capacitors can be
critical and, to a large extent, dependent upon the specifics of
the system configuration. The dominant consideration in the
selection of bypass capacitors for the AD668 is minimization of
series resistance and inductance. Many capacitors will begin to
look inductive at 20 MHz and above. Ceramic and film type
capacitors generally feature lower series inductance than tanta-
lum or electrolytic types. A few general rules are of universal use
when approaching the problem of bypassing.
Bypass capacitors should be installed on the printed circuit
board with the shortest possible leads consistent with reliable
construction. This helps to minimize series inductance in the
leads. Chip capacitors are optimal in this respect.
Some series inductance between the DAC supply pins and the
power supply plane may help to filter-out high frequency power
supply noise. This inductance can be generated using a small
ferrite bead.


유사한 부품 번호 - AD668_15

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD6684 AD-AD6684 Datasheet
2Mb / 107P
   135 MHz Quad IF Receiver
AD6684-500EBZ AD-AD6684-500EBZ Datasheet
2Mb / 107P
   135 MHz Quad IF Receiver
AD6684BCPZ-500 AD-AD6684BCPZ-500 Datasheet
2Mb / 107P
   135 MHz Quad IF Receiver
AD6684BCPZRL7-500 AD-AD6684BCPZRL7-500 Datasheet
2Mb / 107P
   135 MHz Quad IF Receiver
AD6688 AD-AD6688 Datasheet
2Mb / 138P
   RF Diversity and 1.2 GHz Bandwidth Observation Receiver
More results

유사한 설명 - AD668_15

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD668 AD-AD668 Datasheet
602Kb / 16P
   12-Bit Ultrahigh Speed Multiplying D/A Converter
REV. A
AD668SQ AD-AD668SQ Datasheet
221Kb / 16P
   12-Bit Ultrahigh Speed Multiplying D/A Converter
REV. A
DAC312 AD-DAC312_15 Datasheet
272Kb / 14P
   12-Bit High Speed Multiplying D/A Converter
DAC312HSZ AD-DAC312HSZ Datasheet
240Kb / 14P
   12-Bit High Speed Multiplying D/A Converter
REV. C
DAC312 AD-DAC312 Datasheet
269Kb / 14P
   12-Bit High Speed Multiplying D/A Converter
REV. C
AD568 AD-AD568_15 Datasheet
544Kb / 14P
   12-Bit Ultrahigh Speed Monolithic D/A Converter
REV. A
AD568 AD-AD568 Datasheet
541Kb / 14P
   12-Bit Ultrahigh Speed Monolithic D/A Converter
REV. A
AD568 AD-AD568_17 Datasheet
575Kb / 15P
   12-Bit Ultrahigh Speed Monolithic D/A Converter
logo
NXP Semiconductors
AM6012 PHILIPS-AM6012 Datasheet
107Kb / 11P
   12-Bit multiplying D/A converter
August 31, 1994
logo
Intersil Corporation
AD7541 INTERSIL-AD7541_02 Datasheet
164Kb / 8P
   12-Bit, Multiplying D/A Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com