전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

E-L6258EX 데이터시트(PDF) 11 Page - STMicroelectronics

부품명 E-L6258EX
상세설명  PWM controlled high current DMOS universal motor driver
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

E-L6258EX 데이터시트(HTML) 11 Page - STMicroelectronics

Back Button E-L6258EX Datasheet HTML 7Page - STMicroelectronics E-L6258EX Datasheet HTML 8Page - STMicroelectronics E-L6258EX Datasheet HTML 9Page - STMicroelectronics E-L6258EX Datasheet HTML 10Page - STMicroelectronics E-L6258EX Datasheet HTML 11Page - STMicroelectronics E-L6258EX Datasheet HTML 12Page - STMicroelectronics E-L6258EX Datasheet HTML 13Page - STMicroelectronics E-L6258EX Datasheet HTML 14Page - STMicroelectronics E-L6258EX Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 32 page
background image
L6258EX
Functional description
11/32
2.1
Reference voltage
The voltage applied to VREF pin is the reference for the internal DAC and, together with the
sense resistor value, defines the maximum current into the motor winding according to the
following relation:
where Rs = sense resistor value
Figure 4.
Power bridge configuration
I
MAX
0,5
V
REF
R
S
------------------------------
1
FI
-----
V
REF
R
S
--------------
==
LOAD
OUT_A
OUT_B
T1
T3
T2
T4
IN_A
IN_B
VS
0
OUTA
OUTB
Iload
0
OUTA
OUTB
Iload
0
OUTA
OUTB
Iload
Fig. 4A
Fig. 4B
Fig. 4C
D97IN624


유사한 부품 번호 - E-L6258EX

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
E-L6258EX STMICROELECTRONICS-E-L6258EX Datasheet
307Kb / 32P
   PWM controlled high current DMOS universal motor driver
E-L6258EXTR STMICROELECTRONICS-E-L6258EXTR Datasheet
307Kb / 32P
   PWM controlled high current DMOS universal motor driver
More results

유사한 설명 - E-L6258EX

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
L6258 STMICROELECTRONICS-L6258_07 Datasheet
314Kb / 32P
   PWM controlled high current DMOS universal motor driver
L6258EP STMICROELECTRONICS-L6258EP_07 Datasheet
321Kb / 32P
   PWM controlled high current DMOS universal motor driver
L6258EP STMICROELECTRONICS-L6258EP Datasheet
280Kb / 22P
   PWM CONTROLLED - HIGH CURRENT DMOS UNIVERSAL MOTOR DRIVER
L6258EA STMICROELECTRONICS-L6258EA Datasheet
306Kb / 32P
   PWM controlled high current DMOS universal motor driver
L6258E STMICROELECTRONICS-L6258E Datasheet
216Kb / 24P
   PWM CONTROLLED - HIGH CURRENT DMOS UNIVERSAL MOTOR DRIVER
L6258 STMICROELECTRONICS-L6258 Datasheet
215Kb / 18P
   PWM CONTROLLED - HIGH CURRENT DMOS UNIVERSAL MOTOR DRIVER
April 2000
L6258E STMICROELECTRONICS-L6258E_07 Datasheet
308Kb / 31P
   PWM controlled high current DMOS universal motor driver
L6258EX STMICROELECTRONICS-L6258EX_07 Datasheet
307Kb / 32P
   PWM controlled high current DMOS universal motor driver
logo
Shindengen Electric Mfg...
MTD2038G SHINDENGEN-MTD2038G Datasheet
111Kb / 6P
   DMOS Microstepping PWM Motor Driver
MTD2038GE SHINDENGEN-MTD2038GE Datasheet
111Kb / 6P
   DMOS Microstepping PWM Motor Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com