전자부품 데이터시트 검색엔진 |
|
AD807 데이터시트(PDF) 1 Page - Analog Devices |
|
AD807 데이터시트(HTML) 1 Page - Analog Devices |
1 / 12 page REV. B Information furnished by Analog Devices is believed to be accurate and reliable. However, no responsibility is assumed by Analog Devices for its use, nor for any infringements of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of Analog Devices. a AD807 One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A. Tel: 781/329-4700 World Wide Web Site: http://www.analog.com Fax: 781/326-8703 © Analog Devices, Inc., 2000 Fiber Optic Receiver with Quantizer and Clock Recovery and Data Retiming FEATURES Meets CCITT G.958 Requirements for STM-1 Regenerator—Type A Meets Bellcore TR-NWT-000253 Requirements for OC-3 Output Jitter: 2.0 Degrees RMS 155 Mbps Clock Recovery and Data Retiming Accepts NRZ Data, No Preamble Required Phase-Locked Loop Type Clock Recovery— No Crystal Required Quantizer Sensitivity: 2 mV Level Detect Range: 2.0 mV to 30 mV Single Supply Operation: +5 V or –5.2 V Low Power: 170 mW 10 KH ECL/PECL Compatible Output Package: 16-Lead Narrow 150 mil SOIC reliance on external components such as a crystal or a SAW filter, to aid frequency acquisition. The AD807 acquires frequency and phase lock on input data using two control loops that work without requiring external control. The frequency acquisition control loop initially acquires the frequency of the input data, acquiring frequency lock on random or scrambled data without the need for a preamble. At frequency lock, the frequency error is zero and the frequency detector has no further effect. The phase acquisition control loop then works to ensure that the output phase tracks the input phase. A patented phase detector has virtually eliminated pattern jitter throughout the AD807. The device VCO uses a ring oscillator architecture and patented low noise design techniques. Jitter is 2.0 degrees rms. This low jitter results from using a fully differential signal architecture, Power Supply Rejection Ratio circuitry and a dielectrically isolated process that provides immunity from extraneous signals on the IC. The device can withstand hundreds of millivolts of power supply noise without an effect on jitter performance. The user sets the jitter peaking and acquisition time of the PLL by choosing a damping factor capacitor whose value determines loop damping. CCITT G.958 Type A jitter transfer require- ments can easily be met with a damping factor of 5 or greater. Device design guarantees that the clock output frequency will drift by less than 20% in the absence of input data transitions. Shorting the damping factor capacitor, CD, brings the clock output frequency to the VCO center frequency. The AD807 consumes 170 mW and operates from a single power supply at either +5 V or –5.2 V. FUNCTIONAL BLOCK DIAGRAM COMPENSATING ZERO LOOP FILTER SIGNAL LEVEL DETECTOR VCO DET + – + – FDET RETIMING DEVICE PHASE-LOCKED LOOP AD807 LEVEL DETECT COMPARATOR/ BUFFER QUANTIZER PIN NIN THRADJ SDOUT CLKOUTP CLKOUTN DATAOUTP DATAOUTN CF1 CF2 PRODUCT DESCRIPTION The AD807 provides the receiver functions of data quantization, signal level detect, clock recovery and data retiming for 155 Mbps NRZ data. The device, together with a PIN diode/preamplifier combination, can be used for a highly integrated, low cost, low power SONET OC-3 or SDH STM-1 fiber optic receiver. The receiver front end signal level detect circuit indicates when the input signal level has fallen below a user adjustable thresh- old. The threshold is set with a single external resistor. The signal level detect circuit 3 dB optical hysteresis prevents chatter at the signal level detect output. The PLL has a factory-trimmed VCO center frequency and a frequency acquisition control loop that combine to guarantee frequency acquisition without false lock. This eliminates a |
유사한 부품 번호 - AD807_15 |
|
유사한 설명 - AD807_15 |