전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SB221NO 데이터시트(PDF) 1 Page - List of Unclassifed Manufacturers

부품명 SB221NO
상세설명  Low/Medium Capacity Pushbuttons
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ETC2 [List of Unclassifed Manufacturers]
홈페이지  
Logo ETC2 - List of Unclassifed Manufacturers

SB221NO 데이터시트(HTML) 1 Page - List of Unclassifed Manufacturers

  SB221NO Datasheet HTML 1Page - List of Unclassifed Manufacturers SB221NO Datasheet HTML 2Page - List of Unclassifed Manufacturers SB221NO Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Series SB
Low/Medium Capacity Pushbuttons
www.nkk.com
C128
C
Electrical Capacity (Resistive Load)
Power Level: Shown in the following tables
Other Ratings
Contact Resistance: 10 milliohms maximum
Insulation Resistance: 200 megohms minimum @ 500V DC for SB221s, SB25, & SB265;
1,000 megohms minimum @ 500V DC for SB60s.
Dielectric Strength: 1,500V AC minimum for SB265 & SB25 for 1 minute minimum;
2,000V AC minimum between contacts for SB221s & SB60s for 1 minute minimum;
1,500V AC minimum between contacts & case for SB221s & SB60s for 1 minute minimum
Mechanical Life: 50,000 operations minimum for SB221s;
30,000 operations minimum for SB25, SB60s, SB265
Electrical Life: 10,000 operations minimum
Total Travel: SB221s .116” (2.95mm); SB60s .094” (2.4mm); SB265 .213” (5.4mm);
SB25 .195” (4.95mm)
Operating Temp Range: –10°C through +70°C (+14°F through +158°F)
Materials & Finishes
Cap: Polybutylene terephthalate (PBT) (AT414)
Plunger: Polyacetal or brass with nickel plating
Bushing: Brass with nickel plating
Case: Phenolic resin or melamine phenolic resin
Case Cover: Steel with zinc plating
Movable & Stationary Contacts: Copper with silver plating for SB221s; silver alloy with silver plating for SB25, SB60s, & SB265
Terminals: Copper with tin plating for SB25 & SB60s; copper with silver plating for SB265
Installation
Soldering Time & Temp: Manual Soldering (Solder Lug): See Profile A in Supplement section.
Standards & Certifications
UL: File No. E44145 - Recognized only when ordered with marking on switch.
Add “/U” or “/CUL” to end of part number to order UL recognized switch.
UL or cULus recognition designated beside part numbers on following pages.
See Supplement section to find UL or cULus rating details.
CSA: File No. 023535_0_000 - Certified only when ordered with marking on switch.
Add “/C” to end of part number to order CSA certified switch.
CSA certification designated beside part numbers on following pages.
See Supplement section to find CSA rating details.
GENERAL SPECIFICATIONS FOR SB25, SB60s, SB221s, SB265


유사한 부품 번호 - SB221NO

제조업체부품명데이터시트상세설명
logo
Nihon Kaiheiki Industry...
SB221NO NKK-SB221NO Datasheet
115Kb / 3P
   Low/Medium Capacity Pushbuttons
More results

유사한 설명 - SB221NO

제조업체부품명데이터시트상세설명
logo
Nihon Kaiheiki Industry...
SB221NO NKK-SB221NO Datasheet
115Kb / 3P
   Low/Medium Capacity Pushbuttons
logo
Cooper Bussmann, Inc.
BK-GMT-X COOPER-BK-GMT-X Datasheet
85Kb / 2P
   Medium time delay, low breaking capacity
logo
Nihon Kaiheiki Industry...
SW3001A NKK-SW3001A_16 Datasheet
223Kb / 4P
   Medium Capacity Rockers
UB15SKW015C NKK-UB15SKW015C Datasheet
365Kb / 9P
   Low Profile Pushbuttons
UB215SKW01N-4JA NKK-UB215SKW01N-4JA Datasheet
271Kb / 7P
   Low Profile Pushbuttons
logo
GREATECS
UB15SKG035C-CB GREATECS-UB15SKG035C-CB Datasheet
291Kb / 6P
   Low Profile Pushbuttons
logo
Nihon Kaiheiki Industry...
UB15SKG035C-CC NKK-UB15SKG035C-CC Datasheet
960Kb / 10P
   Low Profile Pushbuttons
UB15SKW015C-CB NKK-UB15SKW015C-CB Datasheet
349Kb / 10P
   Low Profile Pushbuttons
UB215SKW015C-1JB NKK-UB215SKW015C-1JB Datasheet
404Kb / 12P
   Low Profile Pushbuttons
logo
List of Unclassifed Man...
S2AL ETC2-S2AL Datasheet
200Kb / 5P
   Medium Capacity Standard Size Toggles
More results


Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com