전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SI5404DC 데이터시트(PDF) 3 Page - Vishay Siliconix

부품명 SI5404DC
상세설명  N-Channel 2.5-V (G-S) MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  VISHAY [Vishay Siliconix]
홈페이지  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI5404DC 데이터시트(HTML) 3 Page - Vishay Siliconix

  SI5404DC Datasheet HTML 1Page - Vishay Siliconix SI5404DC Datasheet HTML 2Page - Vishay Siliconix SI5404DC Datasheet HTML 3Page - Vishay Siliconix SI5404DC Datasheet HTML 4Page - Vishay Siliconix SI5404DC Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Si5404DC
Vishay Siliconix
Document Number: 71057
S-31989—Rev. C, 13-Oct-03
www.vishay.com
3
TYPICAL CHARACTERISTICS (25_C UNLESS NOTED)
0
300
600
900
1200
1500
1800
04
8
12
16
20
0.6
0.8
1.0
1.2
1.4
1.6
-50
-25
0
25
50
75
100
125
150
0
1
2
3
4
5
6
0
3
6
9
12
15
0.00
0.01
0.02
0.03
0.04
0.05
0.06
04
8
12
16
20
VDS - Drain-to-Source Voltage (V)
Crss
Coss
Ciss
VDS = 10 V
ID = 5.2 A
ID - Drain Current (A)
VGS = 4.5 V
ID = 5.2 A
VGS = 2.5 V
VGS = 4.5 V
Gate Charge
On-Resistance vs. Drain Current
Qg - Total Gate Charge (nC)
Capacitance
On-Resistance vs. Junction Temperature
TJ - Junction Temperature (_C)
0.0
0.2
0.4
0.6
0.8
1.0
1.2
0.00
0.01
0.02
0.03
0.04
0.05
0.06
0
1234
5
TJ = 150_C
TJ = 25_C
ID = 5.2 A
20
10
1
Source-Drain Diode Forward Voltage
On-Resistance vs. Gate-to-Source Voltage
VSD - Source-to-Drain Voltage (V)
VGS - Gate-to-Source Voltage (V)


유사한 부품 번호 - SI5404DC

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
SI5404DC VISHAY-SI5404DC Datasheet
66Kb / 4P
   N-Channel 2.5-V (G-S) MOSFET
Rev. C, 13-Oct-03
SI5404DC VISHAY-SI5404DC Datasheet
32Kb / 3P
   Specification Comparison
08-Sep-04
SI5404DC-T1 VISHAY-SI5404DC-T1 Datasheet
66Kb / 4P
   N-Channel 2.5-V (G-S) MOSFET
Rev. C, 13-Oct-03
More results

유사한 설명 - SI5404DC

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
SI9428DY VISHAY-SI9428DY Datasheet
38Kb / 4P
   N-Channel 2.5-V (G-S) MOSFET
Rev. C, 26-May-03
SI5404DC VISHAY-SI5404DC Datasheet
66Kb / 4P
   N-Channel 2.5-V (G-S) MOSFET
Rev. C, 13-Oct-03
SI5406DC VISHAY-SI5406DC Datasheet
98Kb / 4P
   N-Channel 2.5-V (G-S) MOSFET
Rev. B, 05-Aug-02
logo
Guangdong Kexin Industr...
KI5404BDC KEXIN-KI5404BDC Datasheet
63Kb / 2P
   N-Channel 2.5-V (G-S) MOSFET
logo
Vishay Siliconix
SI3442BDV VISHAY-SI3442BDV_17 Datasheet
189Kb / 9P
   N-Channel 2.5-V (G-S) MOSFET
Rev. E, 12-Oct-09
SI9426DY VISHAY-SI9426DY Datasheet
39Kb / 4P
   N-Channel 2.5-V (G-S) MOSFET
Rev. E, 26-May-03
SI4466DY-T1-E3 VISHAY-SI4466DY-T1-E3 Datasheet
230Kb / 8P
   N-Channel 2.5-V (G-S) MOSFET
Rev. F, 04-May-09
SI6466ADQ VISHAY-SI6466ADQ Datasheet
81Kb / 5P
   N-Channel 2.5-V (G-S) MOSFET
Rev. B, 18-Aug-03
SI3442BDV-T1-GE3 VISHAY-SI3442BDV-T1-GE3 Datasheet
185Kb / 9P
   N-Channel 2.5-V (G-S) MOSFET
Rev. E, 12-Oct-09
logo
Guangdong Kexin Industr...
KI5406DC KEXIN-KI5406DC Datasheet
62Kb / 2P
   N-Channel 2.5-V (G-S) MOSFET
logo
Vishay Siliconix
SI3446DV VISHAY-SI3446DV Datasheet
91Kb / 5P
   N-Channel 2.5-V (G-S) MOSFET
Rev. C, 01-Aug-05
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com