전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD1819B 데이터시트(PDF) 1 Page - Analog Devices

부품명 AD1819B
상세설명  AC97 SoundPort Codec
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD1819B 데이터시트(HTML) 1 Page - Analog Devices

  AD1819B_15 Datasheet HTML 1Page - Analog Devices AD1819B_15 Datasheet HTML 2Page - Analog Devices AD1819B_15 Datasheet HTML 3Page - Analog Devices AD1819B_15 Datasheet HTML 4Page - Analog Devices AD1819B_15 Datasheet HTML 5Page - Analog Devices AD1819B_15 Datasheet HTML 6Page - Analog Devices AD1819B_15 Datasheet HTML 7Page - Analog Devices AD1819B_15 Datasheet HTML 8Page - Analog Devices AD1819B_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
REV. 0
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties
which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Analog Devices.
a
AD1819B
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
World Wide Web Site: http://www.analog.com
Fax: 781/326-8703
© Analog Devices, Inc., 1999
AC’97 SoundPort® Codec
AC’97 FEATURES
Fully Compliant AC’97 Analog I/O Component
48-Terminal LQFP Package
Multibit
Converter Architecture for Improved
S/N Ratio >90 dB
16-Bit Stereo Full-Duplex Codec
Four Analog Line-Level Stereo Inputs for Connection
from LINE, CD, VIDEO, and AUX
Two Analog Line-Level Mono Inputs for Speakerphone
and PC BEEP
Mono MIC Input Switchable from Two External
Sources
High Quality CD Input with Ground Sense
Stereo Line Level Output
Mono Output for Speakerphone
Power Management Support
ENHANCED FEATURES
Support for Multiple Codec Communications
DSP 16-Bit Serial Port Format
Variable 7 kHz to 48 kHz Sampling Rate with 1 Hz
Resolution
Supports Modem Sample Rates and Filtering
Phat™ Stereo 3D Stereo Enhancement
VHDL and Verilog Models of Serial Port Available
SoundPort is a registered trademark of Analog Devices, Inc.
Phat is a trademark of Analog Devices, Inc.
FUNCTIONAL BLOCK DIAGRAM
G
A
M
G
A
M
G
A
M
SYNC
BIT_CLK
PHAT
STEREO
PHAT
STEREO
G
A
M
A
M
MV
0dB/
20dB
MV
AD1819B
MIC1
MIC2
AUX
CD
VIDEO
PC_BEEP
LINE_OUT_L
MONO_OUT
LINE_IN
PHONE_IN
LINE_OUT_R
MV
PGA
PGA
16-BIT
A/D
CONVERTER
G
A
M
SAMPLE
RATE
GENERATORS
G = GAIN
A = ATTENUATE
M = MUTE
MV = MASTER VOLUME
OSCILLATORS
XTALO
XTALI
CS1 CHAIN_IN
CHAIN_CLK
RESET
SDATA_IN
CS0
MASTER/SLAVE
SYNCHRONIZER
SDATA_OUT
G
A
M
16-BIT
A/D
CONVERTER
G
A
M
G
A
M
16-BIT
D/A
CONVERTER
16-BIT
D/A
CONVERTER


유사한 부품 번호 - AD1819B_15

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD1819BJST AD-AD1819BJST Datasheet
245Kb / 28P
   AC??7 SoundPort Codec
REV. 0
More results

유사한 설명 - AD1819B_15

제조업체부품명데이터시트상세설명
logo
Winbond
W83971D WINBOND-W83971D Datasheet
494Kb / 58P
   AC97 AUDIO CODEC
logo
NXP Semiconductors
UCB1510 PHILIPS-UCB1510 Datasheet
730Kb / 32P
   AC97 digital modem codec
Rev. 01 - 4 February 2000
logo
Analog Devices
AD1819B AD-AD1819B Datasheet
245Kb / 28P
   AC??7 SoundPort Codec
REV. 0
AD1819A AD-AD1819A_15 Datasheet
278Kb / 28P
   AC 97 SoundPort Codec
REV. 0
logo
Wolfson Microelectronic...
WM9712L WOLFSON-WM9712L Datasheet
725Kb / 77P
   AC97 Audio and Touchpanel CODEC
logo
List of Unclassifed Man...
STAC9708 ETC-STAC9708 Datasheet
247Kb / 56P
   Multi-Channel AC97 Codec With Multi-Codec Option
logo
Wolfson Microelectronic...
WM9708 WOLFSON-WM9708 Datasheet
205Kb / 28P
   AC97 Revision 2.1 Audio Codec
WM9703 WOLFSON-WM9703 Datasheet
239Kb / 30P
   AC97 Revision 2.1 Audio Codec
logo
Hynix Semiconductor
STAC9704 HYNIX-STAC9704 Datasheet
218Kb / 49P
   Multimedia Audio Codec for AC97
logo
YAMAHA CORPORATION
YMF752 YAMAHA-YMF752 Datasheet
105Kb / 14P
   AC97 Rev2.1 Audio CODEC with SRC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com