전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ILC7080AIM5-XX 데이터시트(PDF) 11 Page - Impala Linear Corporation

부품명 ILC7080AIM5-XX
상세설명  50/100M SOT-23 CMOS RF LDO REGULATORS
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  IMPALA [Impala Linear Corporation]
홈페이지  
Logo IMPALA - Impala Linear Corporation

ILC7080AIM5-XX 데이터시트(HTML) 11 Page - Impala Linear Corporation

Back Button ILC7080AIM5-XX Datasheet HTML 7Page - Impala Linear Corporation ILC7080AIM5-XX Datasheet HTML 8Page - Impala Linear Corporation ILC7080AIM5-XX Datasheet HTML 9Page - Impala Linear Corporation ILC7080AIM5-XX Datasheet HTML 10Page - Impala Linear Corporation ILC7080AIM5-XX Datasheet HTML 11Page - Impala Linear Corporation ILC7080AIM5-XX Datasheet HTML 12Page - Impala Linear Corporation ILC7080AIM5-XX Datasheet HTML 13Page - Impala Linear Corporation ILC7080AIM5-XX Datasheet HTML 14Page - Impala Linear Corporation ILC7080AIM5-XX Datasheet HTML 15Page - Impala Linear Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
50/100mA SOT-23 CMOS RF LDO™ Regulators
Impala Linear Corporation
11
(408) 574-3939
www.impalalinear.com
Sept. 1998
ILC7080/81 1.1
Output Voltage vs Temperature
3.015
3.01
3.005
3
2.995
2.99
COUT = 1µF (Ceramic)
VOUT = 3.0V
2.985
Temperature (°C)
0
50
100
150
-50
Dropout Characteristics
V
IN (V)
3.4
3.3
3.2
3.1
3
C
OUT = 1µF (Ceramic)
V
OUT = 3.3V
3
3.2
3.4
3.6
IOUT = 0mA
IOUT = 10mA
I
OUT = 50m A
I
OUT = 100m A
I
OUT = 150m A
Unless otherwise specified TA T=25°C, VIN =VOUT(NOM), + 1V, ON/OFF pin tied to VIN
Characterization at output currents above 50mA applies to ILC7081
TYPICAL PERFORMANCE CHARACTERISTICS
Dropout Voltage vs Temperature
Temperature (°C)
250
200
150
100
50
0
–40
85
25
V
OU T = 3.0V
I
OUT = 150mA
IOUT = 100mA
IOUT = 50mA
IOUT = 0mA
150
125
100
75
50
2
4
6
8
10
12
14
Ground Current vs Input Voltage
VOUT = 3.0 V
COUT = 1µF (Ceramic)
I
OU T = 150mA
IOUT = 100mA
IOUT = 50mA
IOUT = 10mA
I
OUT = 0mA
V
IN (V)
250
200
150
100
50
0
0
50
100
150
Dropout Voltage vs IOUT
Output Current (mA)
TA = –40°C
TA = 85°C
TA = 25°C
VOUT = 3.0V
Line Transient Response
5µs/div
6
5
4
3.01
3.00
2.99
2.98
VIN: tr/tf < 1 µs
VOUT = 3.0V
COUT = 2.2 µF (Ceramic)
IOUT = 100 mA
0.47µF (Ceramic)
7081 only
0.47µF (Ceramic)
0.47µF (Ceramic)
Dropout Characteristics
Line Transient Response


유사한 부품 번호 - ILC7080AIM5-XX

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
ILC7080AIM5 FAIRCHILD-ILC7080AIM5 Datasheet
574Kb / 16P
   50/100mA SOT-23 CMOS RF LDO Regulators
More results

유사한 설명 - ILC7080AIM5-XX

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
ILC7080 FAIRCHILD-ILC7080 Datasheet
574Kb / 16P
   50/100mA SOT-23 CMOS RF LDO Regulators
logo
Impala Linear Corporati...
ILC7062 IMPALA-ILC7062 Datasheet
379Kb / 6P
   SOT-23 CMOS LDO
ILC7362 IMPALA-ILC7362 Datasheet
157Kb / 5P
   SOT-23 CMOS NEGATIVE LDO
logo
Fairchild Semiconductor
ILC7083 FAIRCHILD-ILC7083 Datasheet
472Kb / 16P
   150mA SOT-23 Low Noise CMOS RF-LDO??Regulator
logo
Impala Linear Corporati...
ILC7082 IMPALA-ILC7082 Datasheet
333Kb / 16P
   150MA SOT-23 ULTRA LOW NOISE CMOS RF-LDO REGULATOR
logo
Fairchild Semiconductor
ILC7071 FAIRCHILD-ILC7071 Datasheet
110Kb / 11P
   100mA SOT-23-5 Low Noise CMOS RF-LDO Regulator
FAN2508S28X FAIRCHILD-FAN2508S28X Datasheet
256Kb / 10P
   50 mA CMOS LDO Regulators
FAN2508 FAIRCHILD-FAN2508 Datasheet
251Kb / 10P
   50 mA CMOS LDO Regulators
logo
Impala Linear Corporati...
ILC7070 IMPALA-ILC7070 Datasheet
321Kb / 6P
   SOT-23 CMOS LDO REGULATOR WITH SHUTDOWN
ILC7071 IMPALA-ILC7071 Datasheet
40Kb / 4P
   100MA SOT-23-5 ULTRA LOW NOISE CMOS RF-LDO REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com