전자부품 데이터시트 검색엔진 |
|
ILC7281 데이터시트(PDF) 5 Page - Impala Linear Corporation |
|
ILC7281 데이터시트(HTML) 5 Page - Impala Linear Corporation |
5 / 9 page Micropower Dual 150mA CMOS RF-LDO™ Regulators with Power Supply Reset Monitor Impala Linear Corporation 5 (408) 574-3939 www.impalalinear.com Nov 2000 ILC7281 1.0 Advance Symbol VDF VHYS ISS VIN IOUT ∆V DF/(∆Topr•VDF) tDLY (VDR VOUT Inversion) Typ VDF VDF X 0.05 0.9 1.0 1.3 1.6 2.0 2.2 7.7 10.1 11.5 13.0 ±100 Paramter Detect Fail Voltage Hysteresis Range Supply Current Operating Voltage Output Current Temperature Characteristics Delay Time (Release Voltage Output Inversion) Conditions A grade VIN = 1.5V VIN = 2.0V VIN = 3.0V VIN = 4.0V VIN = 5.0V VDF = 2.1~6.0V N-ch VDS = 0.5V VIN = 1.0V VIN = 2.0V VIN = 3.0V VIN = 4.0V VIN = 5.0V -30°C < Topr < 80°C Parameter Input Voltage Output Current Output Voltage Continuous Total Power Dissipation (SOT-23) Operating Ambient Temperature Storage Temperature Symbol VIN IOUT VOUT Pd Topr Tstg Units V mA V mW °C °C Ratings 12 50 VSS-0.3~VIN+0.3 150 -30~+80 -40~+125 Min VDF X 0.99 VDF X 0.02 1.5 Max VDF X 1.01 VDF X 0.08 2.6 3.0 3.4 3.8 4.2 10.0 0.2 Units V V µA V mA ppm/°C ms Note: 1. An additional resistor between the VIN pin and supply voltage may cause deterioration of the characteristics due to increasing of VDR. Absolute Maximum Ratings Supply Reset Monitor (TA = 25°C) Electrical Characteristics Power Supply Reset Monitor (TA = 25°C) |
유사한 부품 번호 - ILC7281 |
|
유사한 설명 - ILC7281 |