전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

GS2984 데이터시트(PDF) 8 Page - Gennum Corporation

부품명 GS2984
상세설명  GS2984 Adaptive Cable Equalizer
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  GENNUM [Gennum Corporation]
홈페이지  http://www.gennum.com
Logo GENNUM - Gennum Corporation

GS2984 데이터시트(HTML) 8 Page - Gennum Corporation

Back Button GS2984 Datasheet HTML 4Page - Gennum Corporation GS2984 Datasheet HTML 5Page - Gennum Corporation GS2984 Datasheet HTML 6Page - Gennum Corporation GS2984 Datasheet HTML 7Page - Gennum Corporation GS2984 Datasheet HTML 8Page - Gennum Corporation GS2984 Datasheet HTML 9Page - Gennum Corporation GS2984 Datasheet HTML 10Page - Gennum Corporation GS2984 Datasheet HTML 11Page - Gennum Corporation GS2984 Datasheet HTML 12Page - Gennum Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
GS2984 Adaptive Cable Equalizer
Data Sheet
50985 - 3
March 2010
8 of 20
2.4 Typical Performance Curves
VCC=3.3V, room temperature, 800mV launch swing
Figure 2-1: Jitter vs. Cable Length (270 Mb/s)
Figure 2-2: Jitter vs. Cable Length (1485 Mb/s)
Figure 2-3: Jitter vs. Cable Length (2970 Mb/s)
0
200
400
600
0
100
200
300
400
Cable Length (m)
20
40
60
80
100
0
50
100
150
Cable Length (m)
0
20
40
60
80
0
25
50
75
100
125
Cable Length (m)


유사한 부품 번호 - GS2984

제조업체부품명데이터시트상세설명
logo
Semtech Corporation
GS2984 SEMTECH-GS2984 Datasheet
916Kb / 20P
   Adaptive Cable Equalizer
More results

유사한 설명 - GS2984

제조업체부품명데이터시트상세설명
logo
Gennum Corporation
GS1524A GENNUM-GS1524A_09 Datasheet
681Kb / 16P
   Adaptive Cable Equalizer
logo
Semtech Corporation
GS1674 SEMTECH-GS1674 Datasheet
1Mb / 16P
   Adaptive Cable Equalizer
GS2964 SEMTECH-GS2964 Datasheet
826Kb / 17P
   Adaptive Cable Equalizer
EBK-GS2984-00 SEMTECH-EBK-GS2984-00 Datasheet
916Kb / 20P
   Adaptive Cable Equalizer
GS2984 SEMTECH-GS2984 Datasheet
916Kb / 20P
   Adaptive Cable Equalizer
GS1524A SEMTECH-GS1524A Datasheet
681Kb / 16P
   Adaptive Cable Equalizer
logo
Gennum Corporation
GS1574 GENNUM-GS1574_07 Datasheet
312Kb / 18P
   Adaptive Cable Equalizer
logo
National Semiconductor ...
LMH0034 NSC-LMH0034 Datasheet
491Kb / 7P
   Adaptive Cable Equalizer
logo
Semtech Corporation
GV8601 SEMTECH-GV8601 Datasheet
1Mb / 16P
   Adaptive Cable Equalizer
GS9074A SEMTECH-GS9074A Datasheet
1Mb / 17P
   Adaptive Cable Equalizer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com