전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD1862 데이터시트(PDF) 2 Page - Analog Devices

부품명 AD1862
상세설명  Ultralow Noise 20-Bit Audio DAC
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD1862 데이터시트(HTML) 2 Page - Analog Devices

  AD1862_15 Datasheet HTML 1Page - Analog Devices AD1862_15 Datasheet HTML 2Page - Analog Devices AD1862_15 Datasheet HTML 3Page - Analog Devices AD1862_15 Datasheet HTML 4Page - Analog Devices AD1862_15 Datasheet HTML 5Page - Analog Devices AD1862_15 Datasheet HTML 6Page - Analog Devices AD1862_15 Datasheet HTML 7Page - Analog Devices AD1862_15 Datasheet HTML 8Page - Analog Devices AD1862_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
AD1862–SPECIFICATIONS
Min
Typ
Max
Units
RESOLUTION
20
Bits
DIGITAL INPUTS VIH
2.0
4.0
V
VIL
0.4
0.8
V
IIH @ VIH = 4.0 V
1.0
µA
IIL @ VIL = 0.4 V
–10
µA
Maximum Clock Input Frequency
17
MHz
ACCURACY
Gain Error
±2
%
Midscale Output Error
±2
±5
µA
TOTAL HARMONIC DISTORTION + NOISE (EIAJ)
1
0 dB, 990.5 Hz
AD1862N-J
–98 (0.0012)
–96 (0.0016)
dB (%)
AD1862N
–94 (0.0019)
–92 (0.0025)
dB (%)
–20 dB, 990.5 Hz AD1862N, N-J
–84 (0.0063)
–80 (0.01)
dB (%)
–60 dB, 990.5 Hz AD1862N, N-J
–45 (0.56)
–42 (0.8)
dB (%)
D-Range, –60 dB, A-Weight Filter
102
dB
SIGNAL-TO-NOISE RATIO
2: (EIAJ)1
A-Weight Filter
AD1862N-J
113
119
dB
AD1862N
110
119
dB
GAIN LINEARITY
@ –90 dB
AD1862N-J
±1dB
AD1862N
±1dB
OUTPUT CURRENT
Bipolar Range
±1mA
Tolerance
±1
2
%
Output Impedance (
±30%)
2.1
k
Settling Time
350
ns
FEEDBACK RESISTOR
Value
3k
Tolerance
±1
2
%
POWER SUPPLY
Voltage
VL and –VL
4.75
12.0
13.2
±V
Voltage
VS and –VS
10.8
12.0
13.2
±V
Current
+I, VL and VS = 12 V, 17 MHz Clock
11
15
mA
–I, –VL and –VS = –12 V, 17 MHz Clock
13
16
mA
POWER DISSIPATION
VL and VS = 12 V, –VL and –VS = –12 V, 17 MHz Clock
288
372
mW
TEMPERATURE RANGE
Specification
+25
°C
Operation
–25
+70
°C
Storage
–60
+100
°C
NOTES
1Test Method complies with EIAJ Standard CP-307.
2The signal-to-noise measurement includes noise contributed by the SE5534A op amp used in the test fixture but does not include the noise contributed by the low
pass filter used in the test fixture.
Specifications in boldface are tested on all production units at final electrical test.
Specifications subject to change without notice.
REV. A
–2–
(TA at +25 C and
12 V supplies, see Figure 10 for test circuit schematic)
OBSOLETE


유사한 부품 번호 - AD1862_15

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD1862N AD-AD1862N Datasheet
183Kb / 12P
   Ultralow Noise 20-Bit Audio DAC
REV. A
AD1862N-J AD-AD1862N-J Datasheet
183Kb / 12P
   Ultralow Noise 20-Bit Audio DAC
REV. A
More results

유사한 설명 - AD1862_15

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD1862 AD-AD1862 Datasheet
183Kb / 12P
   Ultralow Noise 20-Bit Audio DAC
REV. A
logo
Asahi Kasei Microsystem...
AK7712A-VT AKM-AK7712A-VT Datasheet
968Kb / 87P
   Built-in 20-bit ADC/DAC Sophisticated Audio DSP
logo
Linear Technology
LT1115 LINER-LT1115_15 Datasheet
252Kb / 16P
   Ultralow Noise, Low Distortion, Audio Op Amp
logo
Linear Integrated Syste...
LT1115 LINEAR-LT1115_1 Datasheet
246Kb / 16P
   Ultralow Noise, Low Distortion, Audio Op Amp
logo
ESS Technology,Inc
ES9018 ESS-ES9018 Datasheet
276Kb / 2P
   32-bit Hyperstream??Audio DAC
ES9018 ESS-ES9018_V01 Datasheet
75Kb / 2P
   Reference 32-bit Audio DAC
logo
Texas Instruments
DAC8551-Q1 TI1-DAC8551-Q1 Datasheet
1Mb / 28P
[Old version datasheet]   Automotive 16-Bit, Ultralow-Glitch, Voltage-Output DAC
logo
Analog Devices
AD1856 AD-AD1856 Datasheet
870Kb / 8P
   16-BIT PCM Audio DAC
REV. B
logo
ESS Technology,Inc
ES9018S ESS-ES9018S Datasheet
1Mb / 54P
   Reference 32-bit Audio DAC
August 9, 2021
logo
NXP Semiconductors
SAA7350 NXP-SAA7350 Datasheet
532Kb / 19P
   20-bit input bistrean conversion DAC for digital audio systems
November 1991
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com