전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD1866 데이터시트(PDF) 8 Page - Analog Devices

부품명 AD1866
상세설명  Single Supply Dual 16-Bit Audio DAC
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD1866 데이터시트(HTML) 8 Page - Analog Devices

Back Button AD1866_15 Datasheet HTML 4Page - Analog Devices AD1866_15 Datasheet HTML 5Page - Analog Devices AD1866_15 Datasheet HTML 6Page - Analog Devices AD1866_15 Datasheet HTML 7Page - Analog Devices AD1866_15 Datasheet HTML 8Page - Analog Devices AD1866_15 Datasheet HTML 9Page - Analog Devices AD1866_15 Datasheet HTML 10Page - Analog Devices AD1866_15 Datasheet HTML 11Page - Analog Devices AD1866_15 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
AD1866–Digital Circuit Considerations
REV. 0
–8–
L
S
B
M
S
B
M
S
B
L
S
B
CLK
DL
DR
LL
LR
Figure 9. AD1866 Control Signals
INPUT DATA
The digital input port of the AD1866 employs five signals: Data
Left (DL), Data Right (DR), Latch Left (LL), Latch Right
(LR), and Clock (CLK). DL and DR are the serial inputs for
the left and right DACs, respectively. Input data bits are clocked
into the input register on the rising edge of CLK. The falling
edges of LL and LR cause the last 16 bits which were clocked
into the serial registers to be shifted into the DACs, thereby up-
dating the respective DAC outputs. For systems using only a
single latch signal, LL and LR may be connected together. For
systems using only one DATA signal, DR and DL may be con-
nected together. Data is transmitted to the AD1866 in a bit
stream composed of 16-bit words with a serial, twos comple-
ment, MSB first format. Left and right channels share the Clock
(CLK) signal.
Figure 9 illustrates the general signal requirements for data
transfer for the AD1866.
TIMING
Figure 10 illustrates the specific timing requirements that must
be met in order for the data transfer to be accomplished prop-
erly. The input pins of the AD1866 are both TTL and +5 V
CMOS compatible.
>30ns
>10ns
>10ns
>30ns
>30ns
>15ns
>40ns
>40ns
DR/DL
CLK
LR/LL
>67ns
>40ns
Figure 10. AD1866 Input Signal Timing
The maximum clock rate of the AD1866 is specified to be at
least 13.5 MHz. This clock rate allows data transfer rates of 2
×,
4
×, 8×, and 16× F
S (where FS equals 44.1 kHz). The applica-
tions section of this data sheet contains additional guidelines for
using the AD1866.


유사한 부품 번호 - AD1866_15

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD1866N AD-AD1866N Datasheet
251Kb / 12P
   Single Supply Dual 16-Bit Audio DAC
REV. 0
AD1866N AD-AD1866N Datasheet
183Kb / 12P
   Single Supply Dual 16-Bit Audio DAC
REV. 0
AD1866R AD-AD1866R Datasheet
251Kb / 12P
   Single Supply Dual 16-Bit Audio DAC
REV. 0
AD1866R AD-AD1866R Datasheet
183Kb / 12P
   Single Supply Dual 16-Bit Audio DAC
REV. 0
AD1866R-REEL AD-AD1866R-REEL Datasheet
251Kb / 12P
   Single Supply Dual 16-Bit Audio DAC
REV. 0
More results

유사한 설명 - AD1866_15

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD1866RZ AD-AD1866RZ Datasheet
183Kb / 12P
   Single Supply Dual 16-Bit Audio DAC
REV. 0
AD1866 AD-AD1866 Datasheet
251Kb / 12P
   Single Supply Dual 16-Bit Audio DAC
REV. 0
AD1868 AD-AD1868 Datasheet
246Kb / 12P
   Single Supply Dual 18-Bit Audio DAC
REV. A
AD1868 AD-AD1868_15 Datasheet
250Kb / 12P
   Single Supply Dual 18-Bit Audio DAC
REV. A
AD1856 AD-AD1856 Datasheet
870Kb / 8P
   16-BIT PCM Audio DAC
REV. B
logo
NXP Semiconductors
TDA1541 PHILIPS-TDA1541 Datasheet
91Kb / 12P
   Dual 16-bit DAC
November 1985
logo
MOSA ELECTRONICS
MS6333 MOSA-MS6333_1 Datasheet
302Kb / 13P
   16-Bit Stereo Audio DAC & Headphone Driver Single Supply Voltage and Low Voltage
logo
Analog Devices
AD1865N-K AD-AD1865N-K Datasheet
693Kb / 12P
   Complete Dual 18-Bit 16 x FS Audio DAC
REV. 0
logo
MOSA ELECTRONICS
MS6336 MOSA-MS6336_1 Datasheet
743Kb / 21P
   16-bit Stereo Audio DAC Dual 1.6W Power Amplifiers
MS6336 MOSA-MS6336 Datasheet
699Kb / 18P
   16-bit Stereo Audio DAC Dual 1.6W Power Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com