전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD1877 데이터시트(PDF) 5 Page - Analog Devices

부품명 AD1877
상세설명  Single-Supply 16-Bit Stereo ADC
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD1877 데이터시트(HTML) 5 Page - Analog Devices

  AD1877_15 Datasheet HTML 1Page - Analog Devices AD1877_15 Datasheet HTML 2Page - Analog Devices AD1877_15 Datasheet HTML 3Page - Analog Devices AD1877_15 Datasheet HTML 4Page - Analog Devices AD1877_15 Datasheet HTML 5Page - Analog Devices AD1877_15 Datasheet HTML 6Page - Analog Devices AD1877_15 Datasheet HTML 7Page - Analog Devices AD1877_15 Datasheet HTML 8Page - Analog Devices AD1877_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
AD1877
REV. A
–5–
PIN FUNCTION DESCRIPTIONS
Input/
Pin
Pin
Output
Name
Description
1
I/O
LRCK
Left/Right Clock
2
I/O
WCLK
Word Clock
3
I/O
BCLK
Bit Clock
4I
DVDD1
5 V Digital Supply
5
I
DGND1
Digital Ground
6
I
RDEDGE
Read Edge Polarity Select
7I
S/M
Slave/Master Select
8
I
384/256
Clock Mode
9I
AVDD
5 V Analog Supply
10
I
VINL
Left Channel Input
11
O
CAPL1
Left External Filter Capacitor 1
12
O
CAPL2
Left External Filter Capacitor 2
13
I
AGNDL
Left Analog Ground
14
O
VREFL
Left Reference Voltage Output
15
O
VREFR
Right Reference Voltage Output
16
I
AGNDR
Right Analog Ground
17
O
CAPR2
Right External Filter Capacitor 2
18
O
CAPR1
Right External Filter Capacitor 1
19
I
VINR
Right Channel Input
20
I
AGND
Analog Ground
21
I
RLJUST
Right/Left Justify
22
I
MSBDLY
Delay MSB One BCLK Period
23
I
RESET
Reset
24
I
DGND2
Digital Ground
25
I
DVDD2
5 V Digital Supply
26
O
SOUT
Serial Data Output
27
O
TAG
Serial Overrange Output
28
I
CLKIN
Master Clock
DEFINITIONS
Dynamic Range
The ratio of a full-scale output signal to the integrated output
noise in the passband (20 Hz to 20 kHz), expressed in decibels
(dB). Dynamic range is measured with a –60 dB input signal
and is equal to (S/[THD+N]) 60 dB. Note that spurious har-
monics are below the noise with a –60 dB input, so the noise
level establishes the dynamic range. The dynamic range is speci-
fied with and without an A-Weight filter applied.
Signal to (Total Harmonic Distortion + Noise)
(S/(THD + N))
The ratio of the root-mean-square (rms) value of the fundamen-
tal input signal to the rms sum of all other spectral components
in the passband, expressed in decibels (dB).
Signal to Total Harmonic Distortion (S/THD)
The ratio of the rms value of the fundamental input signal to the
rms sum of all harmonically related spectral components in the
passband, expressed in decibels.
Passband
The region of the frequency spectrum unaffected by the attenu-
ation of the digital decimator’s filter.
Passband Ripple
The peak-to-peak variation in amplitude response from equal-
amplitude input signal frequencies within the passband,
expressed in decibels.
Stopband
The region of the frequency spectrum attenuated by the digital
decimator’s filter to the degree specified by “stopband
attenuation.”
Gain Error
With a near full-scale input, the ratio of actual output to
expected output, expressed as a percentage.
Interchannel Gain Mismatch
With identical near full-scale inputs, the ratio of outputs of the
two stereo channels, expressed in decibels.
Gain Drift
Change in response to a near full-scale input with a change in
temperature, expressed as parts-per-million (ppm) per
°C.
Midscale Offset Error
Output response to a midscale dc input, expressed in least-
significant bits (LSBs).
Midscale Drift
Change in midscale offset error with a change in temperature,
expressed as parts-per-million (ppm) per
°C.
Crosstalk (EIAJ Method)
Ratio of response on one channel with a grounded input to a
full-scale 1 kHz sine-wave input on the other channel, expressed
in decibels.
Power Supply Rejection
With no analog input, signal present at the output when a
300 mV p-p signal is applied to power supply pins, expressed in
decibels of full scale.
Group Delay
Intuitively, the time interval required for an input pulse to
appear at the converter’s output, expressed in milliseconds
(ms). More precisely, the derivative of radian phase with respect
to radian frequency at a given frequency.
Group Delay Variation
The difference in group delays at different input frequencies.
Specified as the difference between largest and the smallest
group delays in the passband, expressed in microseconds (
µs).


유사한 부품 번호 - AD1877_15

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD1877JR AD-AD1877JR Datasheet
253Kb / 18P
   Single-Supply 16-Bit Stereo ADC
REV. A
More results

유사한 설명 - AD1877_15

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD1870 AD-AD1870_15 Datasheet
282Kb / 20P
   Single-Supply 16-Bit Stereo ADC
REV. A
AD1870 AD-AD1870 Datasheet
276Kb / 20P
   Single-Supply 16-Bit Stereo ADC
REV. 0
AD1877 AD-AD1877 Datasheet
253Kb / 18P
   Single-Supply 16-Bit Stereo ADC
REV. A
AD1870 AD-AD1870_02 Datasheet
272Kb / 20P
   Single-Supply 16-Bit Stereo ADC
REV. A
logo
Linear Technology
LTC1606 LINER-LTC1606 Datasheet
169Kb / 12P
   16-Bit, 250ksps, Single Supply ADC
LTC1606 LINER-LTC1606_15 Datasheet
205Kb / 16P
   16-Bit, 250ksps, Single Supply ADC
LTC1606 LINER-LTC1606_1 Datasheet
200Kb / 16P
   16-Bit, 250ksps, Single Supply ADC
logo
Asahi Kasei Microsystem...
AK5701 AKM-AK5701 Datasheet
470Kb / 62P
   PLL & MIC-AMP 16-Bit Stereo ADC
logo
Maxim Integrated Produc...
MAX1132 MAXIM-MAX1132 Datasheet
388Kb / 19P
   16-Bit ADC, 200ksps, 5V Single-Supply with Reference
19-2083; Rev 0; 8/01
MAX1132ACAP MAXIM-MAX1132ACAP Datasheet
252Kb / 19P
   16-Bit ADC, 200ksps, 5V Single-Supply with Reference
Rev 0; 8/01
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com