전자부품 데이터시트 검색엔진 |
|
AD5203 데이터시트(PDF) 9 Page - Analog Devices |
|
AD5203 데이터시트(HTML) 9 Page - Analog Devices |
9 / 12 page AD5203 –9– REV. 0 OPERATION The AD5203 provides a quad channel, 64-position digitally- controlled variable resistor (VR) device. Changing the pro- grammed VR settings is accomplished by clocking in an 8-bit serial data word into the SDI (Serial Data Input) pin. The for- mat of this data word is two address bits, MSB first, followed by six data bits, MSB first. Table I provides the serial register data word format. The AD5203 has the following address assign- ments for the ADDR decode, which determines the location of VR latch receiving the serial register data in Bits B5 through B0: VR# = A1 × 2 + A0 + 1 VR outputs can be changed one at a time in random sequence. The serial clock running at 10 MHz makes it possible to load all four VRs in under 3.2 µs (8 × 4 × 100 ns) for the AD5203. The exact timing requirements are shown in Figure 1. The AD5203 resets to a midscale by asserting the RS pin, sim- plifying initial conditions at power-up. Both parts have a power shutdown SHDN pin that places the RDAC in a zero power consumption state where terminals Ax are open-circuited and the wiper Wx is connected to Bx, resulting in only leakage cur- rents being consumed in the VR structure. In shutdown mode the VR latch settings are maintained so that, returning to opera- tional mode from power shutdown, the VR settings return to their previous resistance values. D5 D4 D3 D2 D1 D0 RDAC LATCH & DECODER Ax Wx Bx RS = RAB/64 RS RS RS RS SHDN Figure 34. Equivalent RDAC Circuit PROGRAMMING THE VARIABLE RESISTOR Rheostat Operation The nominal resistance of the RDAC between Terminals A and B are available with values of 10 k Ω, and 100 kΩ. The final digits of the part number determine the nominal resistance value, e.g., 10 k Ω = 10; 100 kΩ = 100. The nominal resistance (RAB) of the VR has 64 contact points accessed by the wiper terminal, plus the B terminal contact. The 6-bit data word in the RDAC latch is decoded to select one of the 64 possible settings. The wiper’s first connection starts at the B terminal for data 00H. This B–terminal connection has a wiper contact resis- tance of 45 Ω. The second connection (10 kΩ part) is the first tap point located at 201 Ω [= R BA(nominal resistance)/64 + RW = 156 Ω + 45 Ω)] for data 01 H. The third connection is the next tap point representing 312 + 45 = 357 Ω for data 02 H. Each LSB data value increase moves the wiper up the resistor ladder until the last tap point is reached at 9889 Ω. The wiper does not directly connect to the B Terminal. See Figure 34 for a simpli- fied diagram of the equivalent RDAC circuit. The general transfer equation that determines the digitally pro- grammed output resistance between Wx and Bx is: RWB(Dx) = (Dx)/64 × R BA + RW (1) where Dx is the data contained in the 6-bit RDACx latch and RBA is the nominal end-to-end resistance. For example, when VB = 0 V and A–terminal is open circuit the following output resistance values will be set for the following RDAC latch codes (applies to the 10K potentiometer): D (DEC) RWB ( ) Output State 63 9889 Full-Scale 32 5045 Midscale ( RS = 0 Condition) 1 201 1 LSB 0 45 Zero-Scale (Wiper Contact Resistance) Note that in the zero-scale condition a finite wiper resistance of 45 Ω is present. Care should be taken to limit the current flow between W and B in this state to a maximum value of 5 mA to avoid degradation or possible destruction of the internal switch contact. Like the mechanical potentiometer the RDAC replaces, it is totally symmetrical. The resistance between the wiper W and terminal A also produces a digitally controlled resistance RWA. When these terminals are used the B–terminal should be tied to the wiper. Setting the resistance value for RWA starts at a maxi- mum value of resistance and decreases as the data loaded in the latch is increased in value. The general transfer equation for this operation is: RWA(Dx) = (64-Dx)/64 × R BA + RW (2) where Dx is the data contained in the 6-bit RDACx latch and RBA is the nominal end-to-end resistance. For example, when VA = 0 V and B–terminal is tied to the wiper W, the following output resistance values will be set for the following RDAC latch codes: D (DEC) RWA ( ) Output State 63 201 Full-Scale 32 5045 Midscale ( RS = 0 Condition) 1 9889 1 LSB 0 10045 Zero-Scale The typical distribution of RBA from channel to channel matches within ±1%. However, device-to-device matching is process-lot- dependent, having a ±30% variation. The change in R BA with temperature has a 700 ppm/ °C temperature coefficient. |
유사한 부품 번호 - AD5203_15 |
|
유사한 설명 - AD5203_15 |
|
|
링크 URL |
개인정보취급방침 |
ALLDATASHEET.CO.KR |
ALLDATASHEET 가 귀하에 도움이 되셨나요? [ DONATE ] |
Alldatasheet는? | 광고문의 | 운영자에게 연락하기 | 개인정보취급방침 | 링크교환 | 제조사별 검색 All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |