전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD5231BRUZ50 데이터시트(PDF) 8 Page - Analog Devices

부품명 AD5231BRUZ50
상세설명  Nonvolatile Memory, 1024-Position Digital Potentiometer
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD5231BRUZ50 데이터시트(HTML) 8 Page - Analog Devices

Back Button AD5231BRUZ50 Datasheet HTML 4Page - Analog Devices AD5231BRUZ50 Datasheet HTML 5Page - Analog Devices AD5231BRUZ50 Datasheet HTML 6Page - Analog Devices AD5231BRUZ50 Datasheet HTML 7Page - Analog Devices AD5231BRUZ50 Datasheet HTML 8Page - Analog Devices AD5231BRUZ50 Datasheet HTML 9Page - Analog Devices AD5231BRUZ50 Datasheet HTML 10Page - Analog Devices AD5231BRUZ50 Datasheet HTML 11Page - Analog Devices AD5231BRUZ50 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
AD5231
Data Sheet
Rev. D | Page 8 of 28
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
16
15
14
13
12
11
10
9
RDY
VDD
A
W
TOP VIEW
(Not to Scale)
AD5231
1
2
3
4
5
6
7
8
CLK
SDI
SDO
VSS
GND
T
O1
B
O2
CS
PR
WP
Figure 5. Pin Configuration
Table 4. Pin Function Descriptions
Pin No.
Mnemonic
Description
1
O1
Nonvolatile Digital Output 1. ADDR = 0x1, data bit position D0. For example, to store O1 high, the data bit
format is 0x310001.
2
CLK
Serial Input Register Clock Pin. Shifts in one bit at a time on positive clock edges.
3
SDI
Serial Data Input Pin. Shifts in one bit at a time on positive clock CLK edges. MSB loaded first.
4
SDO
Serial Data Output Pin. Serves readback and daisy-chain functions.
Command 9 and Command 10 activate the SDO output for the readback function, delayed by 24 or 25 clock
pulses, depending on the clock polarity before and after the data-word (see Figure 3, Figure 4, and Table 7).
In other commands, the SDO shifts out the previously loaded SDI bit pattern, delayed by 24 or 25 clock pulses
depending on the clock polarity (see Figure 3 and Figure 4). This previously shifted-out SDI can be used for
daisy-chaining multiple devices.
Whenever SDO is used, a pull-up resistor in the range of 1 kΩ to 10 kΩ is needed.
5
GND
Ground Pin. Logic ground reference.
6
VSS
Negative Supply. Connect to 0 V for single-supply applications. If VSS is used in dual-supply applications, it must be
able to sink 40 mA for 25 ms when storing data to EEMEM.
7
T
Reserved for factory testing. Connect to VDD or VSS.
8
B
Terminal B of RDAC.
9
W
Wiper Terminal of RDAC. ADDR (RDAC) = 0x0.
10
A
Terminal A of RDAC.
11
VDD
Positive Power Supply Pin.
12
WP
Optional Write Protect Pin. When active low, WP prevents any changes to the present contents, except PR and
Instruction 1 and Instruction 8 and refreshes the RDAC register from EEMEM. Execute a NOP instruction before
returning to WP high. Tie WP to VDD, if not used.
13
PR
Optional Hardware Override Preset Pin. Refreshes the scratchpad register with current contents of the EEMEM
register. Factory default loads midscale 51210 until EEMEM is loaded with a new value by the user. PR is activated
at the logic high transition. Tie PR to VDD, if not used.
14
CS
Serial Register Chip Select Active Low. Serial register operation takes place when CS returns to logic high.
15
RDY
Ready. Active-high open-drain output. Identifies completion of Instructions 2, 3, 8, 9, 10, and PR.
16
O2
Nonvolatile Digital Output 2. ADDR = 0x1, data bit position D1. For example, to store O2 high, the data bit
format is 0x310002.


유사한 부품 번호 - AD5231BRUZ50

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD5231BRU10 AD-AD5231BRU10 Datasheet
562Kb / 24P
   Nonvolatile Memory, 1024-Position Digital Potentiometers
REV. 0
AD5231BRU10 AD-AD5231BRU10 Datasheet
221Kb / 14P
   Nonvolatile Memory Digital Potentiometers
REV PrF, 22 MAR 01
AD5231BRU10-REEL7 AD-AD5231BRU10-REEL7 Datasheet
562Kb / 24P
   Nonvolatile Memory, 1024-Position Digital Potentiometers
REV. 0
AD5231BRU10-REEL7 AD-AD5231BRU10-REEL7 Datasheet
221Kb / 14P
   Nonvolatile Memory Digital Potentiometers
REV PrF, 22 MAR 01
AD5231BRU100 AD-AD5231BRU100 Datasheet
562Kb / 24P
   Nonvolatile Memory, 1024-Position Digital Potentiometers
REV. 0
More results

유사한 설명 - AD5231BRUZ50

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD5235 AD-AD5235_15 Datasheet
788Kb / 32P
   Nonvolatile Memory, Dual 1024-Position Digital Potentiometer
Rev. F
AD5235-EP AD-AD5235-EP Datasheet
376Kb / 16P
   Nonvolatile Memory, Dual 1024-Position Digital Potentiometer
REV. 0
AD5235BRUZ250 AD-AD5235BRUZ250 Datasheet
788Kb / 32P
   Nonvolatile Memory, Dual 1024-Position Digital Potentiometer
Rev. F
AD5231 AD-AD5231 Datasheet
562Kb / 24P
   Nonvolatile Memory, 1024-Position Digital Potentiometers
REV. 0
ADN2850BRUZ25-RL7 AD-ADN2850BRUZ25-RL7 Datasheet
604Kb / 28P
   Nonvolatile Memory, Dual 1024-Position Digital Resistor
Rev. E
ADN2850 AD-ADN2850_15 Datasheet
604Kb / 28P
   Nonvolatile Memory, Dual 1024-Position Digital Resistor
Rev. E
AD5235 AD-AD5235 Datasheet
102Kb / 10P
   Nonvolatile Memory, Dual 1024 Position Digital Potentiometers
REV PrD 6 Nov 2000
ADN2850 AD-ADN2850_16 Datasheet
749Kb / 30P
   Nonvolatile Memory, Dual 1024-Position Digital Resistor
AD5232BRUZ10-REEL7 AD-AD5232BRUZ10-REEL7 Datasheet
867Kb / 24P
   Nonvolatile Memory,Dual 256-Position Digital Potentiometer
REV. C
AD5233 AD-AD5233_15 Datasheet
774Kb / 32P
   Nonvolatile Memory, Quad 64-Position Digital Potentiometer
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com