전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

GSD-300 데이터시트(PDF) 1 Page - List of Unclassifed Manufacturers

부품명 GSD-300
상세설명  Step-Down Auto Transformers
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ETC2 [List of Unclassifed Manufacturers]
홈페이지  
Logo ETC2 - List of Unclassifed Manufacturers

GSD-300 데이터시트(HTML) 1 Page - List of Unclassifed Manufacturers

  GSD-300 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
www.stancor.com
Step-Down
Auto Transformers
230 to 115 Volts
ELECTROCUTION HAZARD
Disconnect electric power to system at
main fuse or circuit breaker box before
servicing. Failure to do so could result
in death or serious injury.
FIRE HAZARD
Do not
exceed transformer ratings.
Higher voltage may damage control
and could cause personal injury or
property damage.
WARNING
!
NOTES:
1. All dimensions in inches, unless otherwise specified.
2. All dimensions ±.062, unless otherwise specified.
3. Plug cord 5 1/2 feet long min.
4. Receptacle cord 8 inches long min.
PART NO. 37-6200C
Replaces 37-6200B
0837
INPUT:
OUTPUT:
INSULATION RATING:
TEMPERATURE RISE:
DIELECTRIC STRENGTH:
230VAC, 50/60Hz
115 VAC (See Output Amp rating &
VA Capacity in table below)
Class A (105˚C)
65˚C Max. rise over
40˚C Max. ambient
1500 VRMS
RECEPTACLE
NEMA 5-15R
GND.
GND.
2
1'
D
MAX.
H
MAX.
MD
INPUT PLUG
NEMA 6-15P
1
3
MW W
MAX.
MS
±.031
(4 PLACES)
230V
115V
COM
COM
INPUT LINE CORD
GROUND
OUTPUT LINE CORD
GROUND
3
2
1
1'
VIN CORD &
PLUG SET
VOUT CORD &
RECEPTACLE SET
SCHEMATIC DIAGRAM
STANCOR
Output
V.A.
Dimensions - Inches
Wt.
Part No.
Amps
Cap.
H
W
D
MW
MD
MS
Lbs.
P-6287
0.35
40
3.19
2.56
2.75
2.00
1.75
.203 X .687
2.20
GSD-75
0.65
75
3.19
2.56
2.88
2.00
1.75
.203 X .687
3.00
P-8630
0.74
85
3.19
2.56
2.88
2.00
1.75
.203 X .687
2.50
GSD-100
0.87
100
3.19
2.56
3.25
2.00
2.06
.203 X .687
3.70
P-8631
1.10
125
3.19
2.56
3.13
2.00
2.06
.203 X .687
3.00
GSD-150
1.30
150
3.94
3.19
3.25
2.50
2.22
.203 X .750
4.40
P-8632
1.74
200
3.94
3.19
3.25
2.50
2.25
.203 X .750
4.20
GSD-250
2.20
250
3.94
3.19
3.63
2.50
2.22
.203 X .750
5.80
GSD-300
2.60
300
3.94
3.19
3.63
2.50
2.22
.203 X .750
5.80
GSD-350
3.00
350
3.94
3.19
4.31
2.50
2.72
.203 X .750
7.30
P-8634
3.50
400
3.94
3.19
4.25
2.50
2.72
.203 X .750
7.00
GSD-500
4.30
500
4.69
3.81
4.44
3.00
3.19
.203 X .500
10.6
GSD-750
6.50
750
4.69
3.81
5.38
3.00
3.94
.203 X .750
14.4
GSD-1000
8.70
1000
4.69
3.81
6.06
3.00
4.69
.203 X .750
17.0
GSD-1500
13.0
1500
5.44
4.44
6.00
3.50
4.00
.203 X .750
20.0


유사한 부품 번호 - GSD-300

제조업체부품명데이터시트상세설명
logo
Guangdong Juxing Electr...
GSD10100S JUXING-GSD10100S Datasheet
4Mb / 2P
   Surface Mount Schottky Rectifiers
GSD1045S JUXING-GSD1045S Datasheet
4Mb / 2P
   Surface Mount Schottky Rectifiers
GSD1050S JUXING-GSD1050S Datasheet
4Mb / 2P
   Surface Mount Schottky Rectifiers
GSD1060S JUXING-GSD1060S Datasheet
4Mb / 2P
   Surface Mount Schottky Rectifiers
GSD1080S JUXING-GSD1080S Datasheet
4Mb / 2P
   Surface Mount Schottky Rectifiers
More results

유사한 설명 - GSD-300

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
P-8638 ETC2-P-8638 Datasheet
95Kb / 1P
   Step-Up Auto Transformers
logo
TDK Electronics
ATB322524-0110 TDK-ATB322524-0110 Datasheet
95Kb / 7P
   Step-up Transformers
logo
M/A-COM Technology Solu...
ETC1.5-4 MA-COM-ETC1.5-4_1 Datasheet
329Kb / 2P
   E-Series RF 1.5:1 Step-down Auto-Transformer
logo
MagnaChip Semiconductor...
MAP7160 MGCHIP-MAP7160 Datasheet
1Mb / 16P
   600mA Step-Down Converter with Auto Fast Discharge Function
logo
Texas Instruments
LM3262 TI1-LM3262_16 Datasheet
2Mb / 41P
[Old version datasheet]   Adjustable, Step-Down DC-DC Converter With Auto Bypass
logo
Renesas Technology Corp
ZL2101 RENESAS-ZL2101 Datasheet
1Mb / 27P
   6A Digital Synchronous Step-Down DC/DC Converter with Auto Compensation
logo
Shenzhen Huazhimei Semi...
HM3345 HMSEMI-HM3345 Datasheet
1Mb / 8P
   Step-up, step-down, step-up and step-down LED driver chip
logo
Intersil Corporation
ZL2101 INTERSIL-ZL2101 Datasheet
725Kb / 27P
   6A Digital Synchronous Step-Down DC/DC Converter with Auto Compensation
January 23, 2012
ZL2101ALAF INTERSIL-ZL2101ALAF Datasheet
725Kb / 27P
   6A Digital Synchronous Step-Down DC/DC Converter with Auto Compensation
January 23, 2012
logo
Coilcraft lnc.
LPR6235-253PML COILCRAFT-LPR6235-253PML Datasheet
199Kb / 2P
   Miniature Step-Up / Flyback Transformers
More results


Html Pages

1


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com