전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD5336 데이터시트(PDF) 6 Page - Analog Devices

부품명 AD5336
상세설명  2.5 V to 5.5 V, 500A, Parallel Interface Quad Voltage-Output 8-/10-/12-Bit DACs
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD5336 데이터시트(HTML) 6 Page - Analog Devices

Back Button AD5336_15 Datasheet HTML 2Page - Analog Devices AD5336_15 Datasheet HTML 3Page - Analog Devices AD5336_15 Datasheet HTML 4Page - Analog Devices AD5336_15 Datasheet HTML 5Page - Analog Devices AD5336_15 Datasheet HTML 6Page - Analog Devices AD5336_15 Datasheet HTML 7Page - Analog Devices AD5336_15 Datasheet HTML 8Page - Analog Devices AD5336_15 Datasheet HTML 9Page - Analog Devices AD5336_15 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
REV. 0
AD5334/AD5335/AD5336/AD5344
–6–
AD5335 FUNCTIONAL BLOCK DIAGRAM
.
.
.
.
.
.
VOUTA
BUFFER
GND
AD5335
VOUTB
VOUTC
VOUTD
TO ALL DACS
AND BUFFERS
POWER-DOWN
LOGIC
PD
DAC
REGISTER
VREFC/D
INTER-
FACE
LOGIC
VDD
VREFA/B
HBEN
DB7
DB0
CS
WR
A0
A1
CLR
LDAC
RESET
POWER-ON
RESET
HIGH BYTE
REGISTER
BUFFER
BUFFER
BUFFER
DAC
REGISTER
DAC
REGISTER
DAC
REGISTER
LOW BYTE
REGISTER
HIGH BYTE
REGISTER
HIGH BYTE
REGISTER
HIGH BYTE
REGISTER
LOW BYTE
REGISTER
LOW BYTE
REGISTER
LOW BYTE
REGISTER
10-BIT
DAC
10-BIT
DAC
10-BIT
DAC
10-BIT
DAC
AD5335 PIN FUNCTION DESCRIPTIONS
Pin
No.
Mnemonic
Function
1VREFC/D
Unbuffered Reference Input for DACs C and D.
2VREFA/B
Unbuffered Reference Input for DACs A and B.
3VOUTA
Output of DAC A. Buffered output with rail-to-rail operation.
4VOUTB
Output of DAC B. Buffered output with rail-to-rail operation.
5VOUTC
Output of DAC C. Buffered output with rail-to-rail operation.
6VOUTD
Output of DAC D. Buffered output with rail-to-rail operation.
7
GND
Ground Reference Point for All Circuitry on the Part.
8
CS
Active Low Chip Select Input. This is used in conjunction with
WR to write data to the parallel interface.
9
WR
Active Low Write Input. This is used in conjunction with
CS to write data to the parallel interface.
10
A0
LSB Address Pin for Selecting which DAC Is to Be Written to.
11
A1
MSB Address Pin for Selecting which DAC Is to Be Written to.
12
LDAC
Active Low Control Input that Updates the DAC Registers with the Contents of the Input Registers.
This allows all DAC outputs to be simultaneously updated.
13
PD
Power-Down Pin. This active low control pin puts all DACs into power-down mode.
14
VDD
Power Supply Pin. This part can operate from 2.5 V to 5.5 V and the supply should be decoupled with a
10
µF capacitor in parallel with a 0.1 µF capacitor to GND.
15–22
DB0–DB7
Eight Parallel Data Inputs. DB7 is the MSB of these eight bits.
23
HBEN
This pin is used when writing to the device to determine if data is written to the high byte register or the
low byte register.
24
CLR
Asynchronous Active Low Control Input that Clears All Input Registers and DAC Registers to Zeros.
AD5335 PIN CONFIGURATION
TOP VIEW
(Not to Scale)
24
23
22
21
20
19
18
17
16
15
14
13
1
2
3
4
5
6
7
8
9
10
11
12
AD5335
LDAC
A1
A0
WR
CS
VREFC/D
VREFA/B
VOUTA
VOUTB
GND
VOUTD
VOUTC
PD
VDD
DB0
DB1
DB2
CLR
HBEN
DB7
DB6
DB3
DB4
DB5
10-BIT


유사한 부품 번호 - AD5336_15

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD5336BRU AD-AD5336BRU Datasheet
324Kb / 20P
   2.5 V to 5.5 V, 500 uA, Parallel Interface Quad Voltage-Output 8-/10-/12-Bit DACs
REV. 0
AD5336BRU AD-AD5336BRU Datasheet
384Kb / 20P
   2.5 V to 5.5 V, 500 A, Parallel Interface Quad Voltage-Output 8-/10-/12-Bit DACs
REV. 0
AD5336BRU AD-AD5336BRU Datasheet
384Kb / 20P
   2.5 V to 5.5 V, 500 muA, Parallel Interface
REV. 0
AD5336BRUZ AD-AD5336BRUZ Datasheet
384Kb / 20P
   2.5 V to 5.5 V, 500 A, Parallel Interface Quad Voltage-Output 8-/10-/12-Bit DACs
REV. 0
More results

유사한 설명 - AD5336_15

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD5335 AD-AD5335_15 Datasheet
384Kb / 20P
   2.5 V to 5.5 V, 500A, Parallel Interface Quad Voltage-Output 8-/10-/12-Bit DACs
REV. 0
AD5334 AD-AD5334 Datasheet
324Kb / 20P
   2.5 V to 5.5 V, 500 uA, Parallel Interface Quad Voltage-Output 8-/10-/12-Bit DACs
REV. 0
AD5344BRUZ AD-AD5344BRUZ Datasheet
384Kb / 20P
   2.5 V to 5.5 V, 500 A, Parallel Interface Quad Voltage-Output 8-/10-/12-Bit DACs
REV. 0
AD5336BRUZ AD-AD5336BRUZ Datasheet
384Kb / 20P
   2.5 V to 5.5 V, 500 A, Parallel Interface Quad Voltage-Output 8-/10-/12-Bit DACs
REV. 0
AD5334 AD-AD5334_15 Datasheet
384Kb / 20P
   2.5 V to 5.5 V, 500A, Parallel Interface Quad Voltage-Output 8-/10-/12-Bit DACs
REV. 0
AD5344 AD-AD5344_15 Datasheet
384Kb / 20P
   2.5 V to 5.5 V, 500A, Parallel Interface Quad Voltage-Output 8-/10-/12-Bit DACs
REV. 0
AD5346BRUZ AD-AD5346BRUZ Datasheet
476Kb / 24P
   2.5 V to 5.5 V, Parallel Interface Octal Voltage Output 8-/10-/12-Bit DACs
REV. 0
AD5347 AD-AD5347_15 Datasheet
476Kb / 24P
   2.5 V to 5.5 V, Parallel Interface Octal Voltage Output 8-/10-/12-Bit DACs
REV. 0
AD5346 AD-AD5346_15 Datasheet
476Kb / 24P
   2.5 V to 5.5 V, Parallel Interface Octal Voltage Output 8-/10-/12-Bit DACs
REV. 0
AD5348 AD-AD5348_15 Datasheet
476Kb / 24P
   2.5 V to 5.5 V, Parallel Interface Octal Voltage Output 8-/10-/12-Bit DACs
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com