전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD5337 데이터시트(PDF) 10 Page - Analog Devices

부품명 AD5337
상세설명  2.5 V to 5.5 V, 250A, 2-Wire Interface, Dual Voltage Output, 8-/10-/12-Bit DACs
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD5337 데이터시트(HTML) 10 Page - Analog Devices

Back Button AD5337_15 Datasheet HTML 6Page - Analog Devices AD5337_15 Datasheet HTML 7Page - Analog Devices AD5337_15 Datasheet HTML 8Page - Analog Devices AD5337_15 Datasheet HTML 9Page - Analog Devices AD5337_15 Datasheet HTML 10Page - Analog Devices AD5337_15 Datasheet HTML 11Page - Analog Devices AD5337_15 Datasheet HTML 12Page - Analog Devices AD5337_15 Datasheet HTML 13Page - Analog Devices AD5337_15 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
AD5337/AD5338/AD5339
Rev. C | Page 10 of 28
–0.50
–0.25
0
0.25
0.50
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
VREF (V)
TA = 25°C
VDD =5V
MAX INL
MAX DNL
MIN DNL
MIN INL
Figure 10. AD5337 INL and DNL Error vs. VREF
–0.5
–0.4
–0.3
–0.2
–0.1
0
0.1
0.2
0.3
0.4
0.5
TEMPERATURE (°C)
0
–40
40
80
120
VDD =5V
VREF =3V
MAX INL
MAX DNL
MIN DNL
MIN INL
Figure 11. AD5337 INL and DNL Error vs. Temperature
–1.0
–0.5
0
0.5
1.0
TEMPERATURE (°C)
0
–40
40
80
120
VDD =5V
VREF =2V
GAIN ERROR
OFFSET ERROR
Figure 12. AD5337 Offset Error and Gain Error vs. Temperature
–0.6
–0.5
–0.4
–0.3
–0.2
–0.1
0
0.1
0.2
23
01
4
5
VDD (V)
6
TA = 25°C
VREF =2V
GAIN ERROR
OFFSET ERROR
Figure 13. Offset Error and Gain Error vs. VDD
0
1
2
3
4
5
23
01
4
5
SINK/SOURCE CURRENT (mA)
6
5V SOURCE
3V SOURCE
5V SINK
3V SINK
Figure 14. VOUT Source and Sink Current Capability
0
50
100
150
200
250
300
ZERO SCALE
FULL SCALE
CODE
TA = 25°C
VDD =5V
VREF =2V
Figure 15. Supply Current vs. Code


유사한 부품 번호 - AD5337_15

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD5337ARM AD-AD5337ARM Datasheet
654Kb / 24P
   2.5 V to 5.5 V, 250 UA, 2-Wire Interface Dual-Voltage Output, 8-/10-/12-Bit DACs
REV. A
AD5337ARM AD-AD5337ARM Datasheet
593Kb / 28P
   2.5 V to 5.5 V, 250 muA, 2-Wire Interface
REV. C
AD5337ARM-REEL7 AD-AD5337ARM-REEL7 Datasheet
654Kb / 24P
   2.5 V to 5.5 V, 250 UA, 2-Wire Interface Dual-Voltage Output, 8-/10-/12-Bit DACs
REV. A
AD5337ARM-REEL7 AD-AD5337ARM-REEL7 Datasheet
593Kb / 28P
   2.5 V to 5.5 V, 250 muA, 2-Wire Interface
REV. C
AD5337ARMZ-REEL71 AD-AD5337ARMZ-REEL71 Datasheet
593Kb / 28P
   2.5 V to 5.5 V, 250 muA, 2-Wire Interface
REV. C
More results

유사한 설명 - AD5337_15

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD5339 AD-AD5339_15 Datasheet
593Kb / 28P
   2.5 V to 5.5 V, 250A, 2-Wire Interface, Dual Voltage Output, 8-/10-/12-Bit DACs
REV. C
AD5338 AD-AD5338_15 Datasheet
593Kb / 28P
   2.5 V to 5.5 V, 250A, 2-Wire Interface, Dual Voltage Output, 8-/10-/12-Bit DACs
REV. C
AD5337 AD-AD5337 Datasheet
654Kb / 24P
   2.5 V to 5.5 V, 250 UA, 2-Wire Interface Dual-Voltage Output, 8-/10-/12-Bit DACs
REV. A
AD5301 AD-AD5301_15 Datasheet
429Kb / 24P
   2.5 V to 5.5 V, 120 A, 2-Wire Interface, Voltage-Output 8-/10-/12-Bit DACs
REV. B
AD5301 AD-AD5301 Datasheet
178Kb / 15P
   2.5 V to 5.5 V, 120 uA, 2-Wire Interface, Voltage Output 8-/10-/12-Bit DACs
REV. 0
AD5311 AD-AD5311_15 Datasheet
429Kb / 24P
   2.5 V to 5.5 V, 120 A, 2-Wire Interface, Voltage-Output 8-/10-/12-Bit DACs
REV. B
AD5321 AD-AD5321_15 Datasheet
429Kb / 24P
   2.5 V to 5.5 V, 120 A, 2-Wire Interface, Voltage-Output 8-/10-/12-Bit DACs
REV. B
AD5305 AD-AD5305 Datasheet
427Kb / 20P
   2.5 V to 5.5 V, 500 uA, 2-Wire Interface Quad Voltage Output, 8-/10-/12-Bit DACs
REV. F
AD5311BRMZ AD-AD5311BRMZ Datasheet
429Kb / 24P
   2.5 V to 5.5 V, 120 關A, 2-Wire Interface, Voltage-Output 8-/10-/12-Bit DACs
REV. B
AD5343 AD-AD5343_15 Datasheet
327Kb / 20P
   2.5 V to 5.5 V, 230A, Parallel Interface Dual Voltage-Output 8-/10-/12-Bit DACs
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com