전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD5450YUJZ-REEL7 데이터시트(PDF) 7 Page - Analog Devices

부품명 AD5450YUJZ-REEL7
상세설명  8-/10-/12-/14-Bit High Bandwidth Multiplying DACs with Serial Interface
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD5450YUJZ-REEL7 데이터시트(HTML) 7 Page - Analog Devices

Back Button AD5450YUJZ-REEL7 Datasheet HTML 3Page - Analog Devices AD5450YUJZ-REEL7 Datasheet HTML 4Page - Analog Devices AD5450YUJZ-REEL7 Datasheet HTML 5Page - Analog Devices AD5450YUJZ-REEL7 Datasheet HTML 6Page - Analog Devices AD5450YUJZ-REEL7 Datasheet HTML 7Page - Analog Devices AD5450YUJZ-REEL7 Datasheet HTML 8Page - Analog Devices AD5450YUJZ-REEL7 Datasheet HTML 9Page - Analog Devices AD5450YUJZ-REEL7 Datasheet HTML 10Page - Analog Devices AD5450YUJZ-REEL7 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
Data Sheet
AD5450/AD5451/AD5452/AD5453
Rev. G | Page 7 of 28
PIN CONFIGURATIONS AND FUNCTION DESCRIPTIONS
AD5450/
AD5451/
AD5452/
AD5453
RFB 1
VREF 2
VDD 3
SYNC
4
IOUT1
GND
SCLK
SDIN
8
7
6
5
Figure 3. 8-Lead TSOT Pin Configuration
AD5452/
AD5453
IOUT1 1
GND
2
SCLK
3
SDIN
4
RFB
VREF
VDD
SYNC
8
7
6
5
Figure 4. 8-Lead MSOP Pin Configuration
NOTES
1. THE EXPOSED PAD MUST BE
CONNECTED TO GROUND.
TOP VIEW
(Not to Scale)
AD5453
3
SCLK
4
SDIN
1
IOUT1
2
GND
6 VDD
5 SYNC
8 RFB
7 VREF
Figure 5. 8-Lead LFCSP Pin Configuration
Table 4. Pin Function Descriptions
Pin No1
TSOT
MSOP
LFCSP
Mnemonic
Description
1
8
8
RFB
DAC Feedback Resistor. Establish voltage output for the DAC by connecting to external
amplifier output.
2
7
7
VREF
DAC Reference Voltage Input.
3
6
6
VDD
Positive Power Supply Input. These parts can operate from a supply of 2.5 V to 5.5 V.
4
5
5
SYNC
Active Low Control Input. This is the frame synchronization signal for the input data. Data is
loaded to the shift register upon the active edge of the following clocks.
5
4
4
SDIN
Serial Data Input. Data is clocked into the 16-bit input register upon the active edge of the serial
clock input. By default, in power-up mode data is clocked into the shift register upon the falling
edge of SCLK. The control bits allow the user to change the active edge to a rising edge.
6
3
3
SCLK
Serial Clock Input. By default, data is clocked into the input shift register upon the falling edge
of the serial clock input. Alternatively, by means of the serial control bits, the device can be
configured such that data is clocked into the shift register upon the rising edge of SCLK.
7
2
2
GND
Ground Pin.
8
1
1
IOUT1
DAC Current Output.
N/A
N/A
EPAD
EPAD
Exposed pad must be connected to ground.
1
N/A = not applicable.


유사한 부품 번호 - AD5450YUJZ-REEL7

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD5450YUJZ-REEL7 AD-AD5450YUJZ-REEL7 Datasheet
725Kb / 28P
   8-/10-/12-/14-Bit High Bandwidth Multiplying DACs with Serial Interface
Rev. G
More results

유사한 설명 - AD5450YUJZ-REEL7

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD5452 AD-AD5452_15 Datasheet
725Kb / 28P
   8-/10-/12-/14-Bit High Bandwidth Multiplying DACs with Serial Interface
Rev. G
AD5451 AD-AD5451_15 Datasheet
725Kb / 28P
   8-/10-/12-/14-Bit High Bandwidth Multiplying DACs with Serial Interface
Rev. G
AD5453 AD-AD5453_15 Datasheet
725Kb / 28P
   8-/10-/12-/14-Bit High Bandwidth Multiplying DACs with Serial Interface
Rev. G
AD5453YRMZ AD-AD5453YRMZ Datasheet
725Kb / 28P
   8-/10-/12-/14-Bit High Bandwidth Multiplying DACs with Serial Interface
Rev. G
AD5450 AD-AD5450 Datasheet
125Kb / 16P
   8/10/12/14-Bit High Bandwidth Multiplying DACs with Serial Interface
REV. PrD Oct, 2003
AD5432 AD-AD5432_15 Datasheet
987Kb / 25P
   8-/10-/12-Bit High Bandwidth Multiplying DACs with Serial Interface
Rev. G
AD5443 AD-AD5443_15 Datasheet
987Kb / 25P
   8-/10-/12-Bit High Bandwidth Multiplying DACs with Serial Interface
Rev. G
AD5426 AD-AD5426_15 Datasheet
987Kb / 25P
   8-/10-/12-Bit High Bandwidth Multiplying DACs with Serial Interface
Rev. G
AD5446 AD-AD5446_15 Datasheet
962Kb / 29P
   12-/14-Bit High Bandwidth Multiplying DACs with Serial Interface
Rev. E
AD5426 AD-AD5426 Datasheet
553Kb / 24P
   8-/10-/12-Bit High Bandwidth Multiplying DACs with Serial Interface
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com