전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD5532HS 데이터시트(PDF) 1 Page - Analog Devices

부품명 AD5532HS
상세설명  32-Channel 14-Bit DAC with High-Speed 3-Wire Serial Interface
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD5532HS 데이터시트(HTML) 1 Page - Analog Devices

  AD5532HS_15 Datasheet HTML 1Page - Analog Devices AD5532HS_15 Datasheet HTML 2Page - Analog Devices AD5532HS_15 Datasheet HTML 3Page - Analog Devices AD5532HS_15 Datasheet HTML 4Page - Analog Devices AD5532HS_15 Datasheet HTML 5Page - Analog Devices AD5532HS_15 Datasheet HTML 6Page - Analog Devices AD5532HS_15 Datasheet HTML 7Page - Analog Devices AD5532HS_15 Datasheet HTML 8Page - Analog Devices AD5532HS_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
REV. 0
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties that
may result from its use. No license is granted by implication or otherwise
under any patent or patent rights of Analog Devices.
a
AD5532HS
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
www.analog.com
Fax: 781/326-8703
© Analog Devices, Inc., 2001
32-Channel 14-Bit DAC with
High-Speed 3-Wire Serial Interface
FUNCTIONAL BLOCK DIAGRAM
DAC
R
R
R
R
R
VDD
VSS
R
R
R
VOUT0
VOUT1
VOUT30
VOUT31
RESET
DAC_GND
AGND
DGND
DVCC
AVCC
REF_IN
OFFS_IN
INTERFACE
CONTROL
LOGIC
AD5532HS
DAC
DAC
DAC
DIN
SCLK
SYNC
FEATURES
High Integration: 32-Channel DAC in 12
12 mm2 LFBGA
Guaranteed Monotonic
DSP-/Microcontroller-Compatible Serial Interface
Channel Update Rate 1.1 MHz
Output Impedance 0.5
Selectable Output Voltage 0 V to 5 V or –2.5 V to +2.5 V
Asynchronous
RESET Facility
Temperature Range –40 C to +85 C
APPLICATIONS
Optical Networks
Level Setting
Instrumentation
Automatic Test Equipment
Industrial Control Systems
Data Acquisition
Low Cost I/O
GENERAL DESCRIPTION
The AD5532HS is a 32-channel voltage-output 14-bit DAC
with a high-speed serial interface. The selected DAC register is
written to via the 3-wire interface. The serial interface operates
at clock rates up to 30 MHz and is compatible with DSP and
microcontroller interface standards. The output voltage range is
0 V to 5 V or –2.5 V to +2.5 V and is determined by the offset
voltage at the OFFS_IN pin. It is restricted to a range from
VSS + 2 V to VDD – 2 V because of the headroom of the out-
put amplifier.
The device is operated with AVCC = 5 V
± 5%, DVCC = 2.7 V
to 5.25 V, VSS = –4.75 V to –12 V and VDD = +4.75 V to +12 V
and requires a stable 2.5 V reference on REF_IN.
PRODUCT HIGHLIGHTS
1. 32 14-bit DACs in one package, guaranteed monotonic.
2. The AD5532HS is available in a 74-ball LFBGA package
with a body size of 12 mm by 12 mm.


유사한 부품 번호 - AD5532HS_15

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD5532HSABC AD-AD5532HSABC Datasheet
182Kb / 12P
   32-Channel 14-Bit DAC with High-Speed 3-Wire Serial Interface
REV. 0
More results

유사한 설명 - AD5532HS_15

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD5532HS AD-AD5532HS Datasheet
182Kb / 12P
   32-Channel 14-Bit DAC with High-Speed 3-Wire Serial Interface
REV. 0
logo
Maxim Integrated Produc...
MAX5753 MAXIM-MAX5753 Datasheet
415Kb / 25P
   32-Channel, 14-Bit, Voltage-Output DACs with Serial Interface
19-3593; Rev 0; 11/05
logo
Analog Devices
AD5372 AD-AD5372_15 Datasheet
722Kb / 29P
   32-Channel, 16-/14-Bit, Serial Input, Voltage Output DAC
REV. C
AD5373 AD-AD5373_15 Datasheet
722Kb / 29P
   32-Channel, 16-/14-Bit, Serial Input, Voltage Output DAC
REV. C
AD5532 AD-AD5532 Datasheet
244Kb / 16P
   32-Channel, 14-Bit Voltage-Output DAC
REV. 0
AD45335 AD-AD45335 Datasheet
961Kb / 17P
   32-Channel, 14-Bit DAC with Full-Scale Output
Rev. PrA
AD5532 AD-AD5532_15 Datasheet
394Kb / 20P
   32-Channel, 14-Bit Voltage-Output DAC
REV. D
logo
Maxim Integrated Produc...
MAX5113 MAXIM-MAX5113 Datasheet
8Mb / 27P
   9-Channel, 14-Bit Current DAC with SPI Interface
Rev 2; 5/13
MAX5111 MAXIM-MAX5111 Datasheet
83Kb / 2P
   9-Channel, 14-Bit, Current DAC with I짼C Interface
1/12/2015
MAX5112 MAXIM-MAX5112 Datasheet
9Mb / 28P
   9-Channel, 14-Bit, Current DAC with I2C Interface
19-3563; Rev 1; 5/05
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com