전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SMAJ78CA 데이터시트(PDF) 1 Page - Diodes Incorporated

부품명 SMAJ78CA
상세설명  400W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  DIODES [Diodes Incorporated]
홈페이지  http://www.diodes.com
Logo DIODES - Diodes Incorporated

SMAJ78CA 데이터시트(HTML) 1 Page - Diodes Incorporated

  SMAJ78CA Datasheet HTML 1Page - Diodes Incorporated SMAJ78CA Datasheet HTML 2Page - Diodes Incorporated SMAJ78CA Datasheet HTML 3Page - Diodes Incorporated SMAJ78CA Datasheet HTML 4Page - Diodes Incorporated SMAJ78CA Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
SMAJ5.0(C)A – SMAJ200(C)A
Document number: DS19005 Rev. 16 - 2
1 of 5
www.diodes.com
January 2012
© Diodes Incorporated
SMAJ5.0(C)A – SMAJ200(C)A
400W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
Features
400W Peak Pulse Power Dissipation
Glass Passivated Die Construction
Unidirectional and Bidirectional Versions Available
Excellent Clamping Capability
Fast Response Time
Lead Free Finish/RoHS Compliant (Note 1)
Green Molding Compound (No Halogen and Antimony)
(Note 2)
Mechanical Data
Case: SMA
Case Material: Molded Plastic. UL Flammability Classification
Rating 94V-0
Moisture Sensitivity: Level 1 per J-STD-020
Terminals: Lead Free Plating (Matte Tin Finish).
Solderable per MIL-STD-202, Method 208
Polarity Indicator: Cathode Band (Note: Bi-directional devices
have no polarity indicator.)
Weight: 0.064 grams (approximate)
Ordering Information (Note 3)
Part Number
Case
Packaging
SMAJXXX(C)A-13-F
SMA
5000/Tape & Reel
*x = Device Voltage, e.g., SMCJ170A-13-F. Example: SMAJ170A-13-F.
Notes:
1. EU Directive 2002/95/EC (RoHS). All applicable RoHS exemptions applied, see EU Directive 2002/95/EC Annex Notes
2. Product manufactured with Date Code 0924 (week 24, 2009) and newer are built with Green Molding Compound.
3. For packaging details, go to our website at http://www.diodes.com.
Marking Information
Maximum Ratings @TA = 25°C unless otherwise specified
Characteristic
Symbol
Value
Unit
Peak Pulse Power Dissipation
(Non repetitive current pulse derated above TA = 25° C)
(Note 4)
PPK
400
W
Peak Forward Surge Current, 8.3ms Single Half Sine Wave
Superimposed on Rated Load
(Notes 4, 5 & 6)
IFSM
40
A
Steady State Power Dissipation @ TL = 75°C
PM(AV)
1.0
W
Instantaneous Forward Voltage @ IPP = 35A
(Notes 4, 5, & 6)
VF
3.5
V
Notes:
4. Valid provided that terminals are kept at ambient temperature.
5. Measured with 8.3ms single half sine-wave. Duty cycle = 4 pulses per minute maximum.
6. Unidirectional units only.
Thermal Characteristics
Characteristic
Symbol
Value
Unit
Operating Temperature Range
TJ
-55 to +150
°C
Storage Temperature Range
TSTG
-55 to +175
°C
 
Green
Top View
Bottom View
xx = Product type marking code
(See Electrical Characteristics Table)
= Manufacturers’ code marking
YWW = Date code marking
Y = Last digit of year (ex: 2 for 2002)
WW = Week code (01 to 53)
YWW
xx


유사한 부품 번호 - SMAJ78CA

제조업체부품명데이터시트상세설명
logo
Bytes
SMAJ78CA BYTES-SMAJ78CA Datasheet
336Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
Zowie Technology Corpor...
SMAJ78CA ZOWIE-SMAJ78CA Datasheet
79Kb / 3P
   GLASS PASSIVATED SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Diotech Company.
SMAJ78CA DIOTECH-SMAJ78CA Datasheet
1Mb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Zibo Seno Electronic En...
SMAJ78CA ZSELEC-SMAJ78CA Datasheet
298Kb / 5P
   5.0 to 440Volts 400Watts SMD TRANSIENT VOLTAGE SUPPRESSORS
logo
WeEn Semiconductors
SMAJ78CA WEEN-SMAJ78CA Datasheet
616Kb / 7P
   400W Transient Voltage Suppressor
More results

유사한 설명 - SMAJ78CA

제조업체부품명데이터시트상세설명
logo
Diodes Incorporated
SMAJ18A-13 DIODES-SMAJ18A-13 Datasheet
118Kb / 5P
   400W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
SMAJ10A-13 DIODES-SMAJ10A-13 Datasheet
118Kb / 5P
   400W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
P4SMAJ5.0ADF DIODES-P4SMAJ5.0ADF Datasheet
426Kb / 6P
   400W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
SMAJ50CA DIODES-SMAJ50CA_1 Datasheet
81Kb / 4P
   400W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
DS19005 Rev. 13 - 2
logo
Won-Top Electronics
P4SMAJ WTE-P4SMAJ_06 Datasheet
81Kb / 6P
   400W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
TAITRON Components Inco...
SMAJ5 TAITRON-SMAJ5 Datasheet
160Kb / 6P
   400W Surface Mount Transient Voltage Suppressor
logo
Frontier Electronics.
P4SMAJ5.0 FRONTIER-P4SMAJ5.0 Datasheet
135Kb / 4P
   400W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Diodes Incorporated
SM2615 DIODES-SM2615 Datasheet
146Kb / 5P
   400W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Won-Top Electronics
P4SMAJ180 WTE-P4SMAJ180 Datasheet
69Kb / 5P
   400W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Diodes Incorporated
PSMAJ400A DIODES-PSMAJ400A Datasheet
114Kb / 4P
   400W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
Rev. 3 - 2 November 2012
SMAJ8.5CA DIODES-SMAJ8.5CA Datasheet
79Kb / 4P
   400W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
DS19005 Rev. 10 - 2
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com