전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SD1206S020S1R0 데이터시트(PDF) 6 Page - AVX Corporation

부품명 SD1206S020S1R0
상세설명  Schottky Barrier Rectifier Diode Lead-less Chip Form
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AVX [AVX Corporation]
홈페이지  http://www.avx.com
Logo AVX - AVX Corporation

SD1206S020S1R0 데이터시트(HTML) 6 Page - AVX Corporation

  SD1206S020S1R0 Datasheet HTML 1Page - AVX Corporation SD1206S020S1R0 Datasheet HTML 2Page - AVX Corporation SD1206S020S1R0 Datasheet HTML 3Page - AVX Corporation SD1206S020S1R0 Datasheet HTML 4Page - AVX Corporation SD1206S020S1R0 Datasheet HTML 5Page - AVX Corporation SD1206S020S1R0 Datasheet HTML 6Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
6
W
F
E
D1
P
P2
P0
A0
D
T
B0
B1
K0
T2
~
~
R Mi
n.
U
ser Direction of Feed
Bar Code Label
Tape a
nd Components
Shall Pa
ss Around
Radiu
s " R "
Without Da
mage
Be
nding Radius
E
mbossment
E
mbossed
Carrier
Top Cover
tape thick
ness (t1)
0.10
mm( 0.004" ) Max.
CARRIER TAPE
Tape Size
D
E
P0
A0
B0
K0
T max
P2
8, 12 mm
1.50 ± 0.1
1.75 ± 0.1
4.0 ± 0.1
(0.059 ±0.004) (0.069 ± 0.004) (0.157 ± 0.004)
See Note 1
0.4
2.0 ± 0.1
16 mm
1.55 ± 0.05
1.75 ± 0.1
4.0 ± 0.1
-0.016
(0.079 ± 0.002)
(0.061 ±0.002) (0.069 ± 0.004) (0.157 ± 0.004)
EMBOSSED TAPE
mm (inches)
Product Size
Tape Size
B1
D1
FP
W
T2
R Min
0603
8.00 ± 0.30
1.00 ± 0.10
8mm
2.0 max
0.80 ± 0.05
3.50 ± 0.05
(0.315 ± 0.012) (0.039 ± 0.004)
25
0805
(0.079 max)
(0.031 ± 0.002) (0.138 ± 0.002)
1.22 ± 0.10
-0.98
(0.048 ± 0.004)
1206
4.00 ± 0.10
1.75 ± 0.1
(0.157 ± 0.004)
(0.069 ± 0.004)
1206-S
1.40 ± 0.1
12mm
8.2 max
5.50 ± 0.05
12.00 ± 0.30
(0.055 ± 0.004)
30
2010
(0.323 max)
1.50 min.
(0.217 ± 0.002)
(0.472 ± 0.012)
1.51 ± 0.10
-1.181
(0.059 min.)
(0.059 ± 0.004)
2114
1.65 ± 0.10
8.00 ± 0.10
(0.065 ± 0.004)
3220
16mm
12.1 max
7.50 ± 0.10
(0.315 ± 0.004)
16.00 ± 0.30
2.50 max
40
(0.476 max)
(0.295 ± 0.004)
(0.630 ± 0.012)
(0.098 max)
-1.575
NOTES:
1. A0, B0, and K0 are determined by component size. The clearance between the components and the cavity must be within 0.05 mm (0.002") Min.to 0.50 mm (0.02") Max.
for 8mm tape, and 0.15mm (0.066") Min. to 0.90 mm (0.035") Max. 12 mm tape.
2. All surface mount components are packed in accordance with EIA standard 481-1 and 481-2
REEL DIMENSIONS
QUANTITIES
Symbol
Tape Size
φA
φB
φCW
T
0603
8
178 ± 2.0
60 ± 0.5
13.5 ± 0.5
12.0 ± 0.5
9.0 ± 0.5
0805
-0.315
(7.008 ± 0.079) (2.362 ± 0.020) (0.532 ± 0.020) (0.472 ± 0.020) (0.354 ± 0.020)
1206
178 ± 2.0
1206-T
12
(7.008 ± 0.079)
18.7 max
14.4 max
2010
-0.472
50 min
13.0 ± 0.5
(0.736 max)
(0.567 max)
2114
330 ± 2.0
(1.969 min)
(0.512 ± 0.020)
3220
16
(12.99 ± 0.079)
22.7 max
18.4 max
-0.63
(0.893 max)
(0.724 max)
mm (inches)
Size
Reel Size
Qty/Reel
0603
7"
3,000
0805
1206
1206-T
7"
3,000
2010
2114
13"
5,000
3220
13"
3,000
Schottky Barrier Rectifier Diode
Lead-less Chip Form


유사한 부품 번호 - SD1206S020S1R0

제조업체부품명데이터시트상세설명
logo
AVX Corporation
SD1206S020S1R0 AVX-SD1206S020S1R0 Datasheet
478Kb / 7P
   Schottky Barrier Rectifier Diode
More results

유사한 설명 - SD1206S020S1R0

제조업체부품명데이터시트상세설명
logo
Bourns Electronic Solut...
CD214A-B320 BOURNS-CD214A-B320_11 Datasheet
167Kb / 5P
   Schottky Barrier Rectifier Chip Diode
CD214A-B1XR BOURNS-CD214A-B1XR Datasheet
482Kb / 4P
   Schottky Barrier Rectifier Chip Diode
CD214C-B3XR BOURNS-CD214C-B3XR Datasheet
469Kb / 4P
   Schottky Barrier Rectifier Chip Diode
CD214A-B120 BOURNS-CD214A-B120 Datasheet
307Kb / 6P
   Schottky Barrier Rectifier Chip Diode
CD214A-B220 BOURNS-CD214A-B220 Datasheet
298Kb / 5P
   Schottky Barrier Rectifier Chip Diode
CD214A-B2XR BOURNS-CD214A-B2XR Datasheet
468Kb / 4P
   Schottky Barrier Rectifier Chip Diode
CD214A-B3XR BOURNS-CD214A-B3XR Datasheet
553Kb / 5P
   Schottky Barrier Rectifier Chip Diode
CD214A-B320 BOURNS-CD214A-B320 Datasheet
298Kb / 5P
   Schottky Barrier Rectifier Chip Diode
CD1607-B140 BOURNS-CD1607-B140 Datasheet
745Kb / 5P
   Schottky Barrier Rectifier Chip Diode
CD1607-B120 BOURNS-CD1607-B120 Datasheet
287Kb / 5P
   Schottky Barrier Rectifier Chip Diode
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com