전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD5678 데이터시트(PDF) 11 Page - Analog Devices

부품명 AD5678
상세설명  On-Chip Reference in 14-Lead TSSOP
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD5678 데이터시트(HTML) 11 Page - Analog Devices

Back Button AD5678_15 Datasheet HTML 7Page - Analog Devices AD5678_15 Datasheet HTML 8Page - Analog Devices AD5678_15 Datasheet HTML 9Page - Analog Devices AD5678_15 Datasheet HTML 10Page - Analog Devices AD5678_15 Datasheet HTML 11Page - Analog Devices AD5678_15 Datasheet HTML 12Page - Analog Devices AD5678_15 Datasheet HTML 13Page - Analog Devices AD5678_15 Datasheet HTML 14Page - Analog Devices AD5678_15 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
AD5678
Rev. C | Page 11 of 28
TYPICAL PERFORMANCE CHARACTERISTICS
CODE
10
4
6
8
0
2
–6
–10
–8
–2
–4
0
5k 10k 15k 20k 25k 30k 35k 40k 45k 50k 55k 60k 65k
VDD = VREF = 5V
TA = 25°C
Figure 5. INL—16-Bit DAC
CODE
1.0
0.6
0.4
0.2
0.8
0
–0.4
–0.2
–0.6
–1.0
–0.8
0
10k
20k
30k
40k
50k
60k
VDD = VREF = 5V
TA = 25°C
Figure 6. DNL—16-Bit DAC
CODE
10
8
0
–10
–6
–8
–4
6
–2
4
2
VDD = 5V
VREFOUT = 2.5V
TA = 25°C
Figure 7. INL—16-Bit DAC, 2.5 V Internal Reference
CODE
1.0
0.8
0
–1.0
–0.6
–0.8
–0.4
0.6
–0.2
0.4
0.2
VDD = 5V
VREFOUT = 2.5V
TA = 25°C
Figure 8. DNL 16-Bit DAC, 2.5 V Internal Reference
CODE
10
8
4
6
2
0
–4
–2
–6
–8
–10
VDD = 3V
VREFOUT = 1.25V
TA = 25°C
Figure 9. INL—16-Bit DAC, 1.25 V Internal Reference
CODE
1.0
0.8
0.4
0.6
0.2
0
–0.4
–0.2
–0.6
–0.8
–1.0
VDD = 3V
VREFOUT = 1.25V
TA = 25°C
Figure 10. DNL—16-Bit DAC, 1.25 V Internal Reference


유사한 부품 번호 - AD5678_15

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD5678ARUZ-2 AD-AD5678ARUZ-2 Datasheet
895Kb / 28P
   4 횞 12-Bit and 4 횞 16-Bit Octal DAC with On-Chip Reference in 14-Lead TSSOP
REV. A
AD5678ARUZ-2REEL7 AD-AD5678ARUZ-2REEL7 Datasheet
895Kb / 28P
   4 횞 12-Bit and 4 횞 16-Bit Octal DAC with On-Chip Reference in 14-Lead TSSOP
REV. A
AD5678BRUZ-1 AD-AD5678BRUZ-1 Datasheet
895Kb / 28P
   4 횞 12-Bit and 4 횞 16-Bit Octal DAC with On-Chip Reference in 14-Lead TSSOP
REV. A
AD5678BRUZ-1REEL7 AD-AD5678BRUZ-1REEL7 Datasheet
895Kb / 28P
   4 횞 12-Bit and 4 횞 16-Bit Octal DAC with On-Chip Reference in 14-Lead TSSOP
REV. A
AD5678BRUZ-2 AD-AD5678BRUZ-2 Datasheet
895Kb / 28P
   4 횞 12-Bit and 4 횞 16-Bit Octal DAC with On-Chip Reference in 14-Lead TSSOP
REV. A
More results

유사한 설명 - AD5678_15

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD5666 AD-AD5666 Datasheet
823Kb / 28P
   Quad, 16-Bit DAC with 5 ppm/C On-Chip Reference in 14-Lead TSSOP
REV. A
AD5628 AD-AD5628 Datasheet
306Kb / 24P
   Octal, 12-14-16 Bit Dac with 10ppm/째C Max On-Chip Reference in 14-Lead TSSOP
Rev. PrA
AD5666 AD-AD5666_15 Datasheet
630Kb / 28P
   Quad, 16-Bit DAC with 5 ppm/C On-Chip Reference in 14-Lead TSSOP
REV. D
AD5678 AD-AD5678 Datasheet
895Kb / 28P
   4 횞 12-Bit and 4 횞 16-Bit Octal DAC with On-Chip Reference in 14-Lead TSSOP
REV. A
logo
International Rectifier
TSSOP-14PIN IRF-TSSOP-14PIN Datasheet
19Kb / 1P
   TSSOP Package 14-Pin
logo
Maxim Integrated Produc...
MAX1069 MAXIM-MAX1069_10 Datasheet
370Kb / 20P
   58.6ksps, 14-Bit, 2-Wire Serial ADC in a 14-Pin TSSOP
Rev 2; 12/10
logo
Analog Devices
AD5620 AD-AD5620_10 Datasheet
538Kb / 28P
   Single, 12-/14-/16-Bit nanoDAC with 5 ppm/째C On-Chip Reference in SOT-23
Rev. F
AD5620 AD-AD5620_15 Datasheet
661Kb / 28P
   Single, 12-/14-/16-Bit nanoDAC with 5 ppm/C On-Chip Reference in SOT-23
Rev. G
AD5640 AD-AD5640_15 Datasheet
661Kb / 28P
   Single, 12-/14-/16-Bit nanoDAC with 5 ppm/C On-Chip Reference in SOT-23
Rev. G
AD5620 AD-AD5620 Datasheet
558Kb / 24P
   Single, 12-/14-/16-Bit nanoDAC with 5 ppm/C On-Chip Reference in SOT-23
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com