전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD6121 데이터시트(PDF) 6 Page - Analog Devices

부품명 AD6121
상세설명  CDMA 3 V Receiver IF Subsystem with Integrated Voltage Regulator
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD6121 데이터시트(HTML) 6 Page - Analog Devices

Back Button AD6121_15 Datasheet HTML 2Page - Analog Devices AD6121_15 Datasheet HTML 3Page - Analog Devices AD6121_15 Datasheet HTML 4Page - Analog Devices AD6121_15 Datasheet HTML 5Page - Analog Devices AD6121_15 Datasheet HTML 6Page - Analog Devices AD6121_15 Datasheet HTML 7Page - Analog Devices AD6121_15 Datasheet HTML 8Page - Analog Devices AD6121_15 Datasheet HTML 9Page - Analog Devices AD6121_15 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
AD6121
–6–
REV. B
NOISE
SOURCE
TO NOISE
FIGURE
METER
1:8
10nF
1k
450
205
4:1
CDMAIPP
CDMAIPN
IFOPP
INDUCTOR CHOSEN FOR PEAK RESPONSE
AT THE TEST FREQUENCY
IFOPN
AD6121
10nF
10nF
10nF
450
REACTIVE
CONJUGATE
MATCH
Figure 4. IF Amplifier Noise Figure Test Set
HP8116A
FUNCTION GEN
4kHz, 0.5V TO 2.5V
SQ WAVE
ROHDE & SCHWARZ
SMT03
80MHz, –50dBm
VGAIN
CDMA IN
IF OUT
TEKTRONIX
TDS 744A
CH 1
WITH 10
PROBE
CH 2
WITH COAX CABLE
50
AD6121
CHARACTERIZATION
BOARD
a. Response Time From Gain Control to IF Output
HP8116A
FUNCTION GEN
4kHz, 0V TO 2.7V
SQ WAVE
ROHDE & SCHWARZ
SMT03
80MHz, –50dBm
CDMA IN
IF OUT
TEKTRONIX
TDS 744A
CH 1
WITH 10
PROBE
CH 2
WITH COAX CABLE
50
AD6121
CHARACTERIZATION
BOARD
PD1, PD2
b. Response Time From PD1 and PD2 Control to IF Output
Figure 5. Response Time Setup
VGAIN – Volts
60.00
40.00
0.5
2.5
1
1.5
2
0.00
–20.00
–40.00
–60.00
20.00
TA = +85 C
TA = –40 C
TA = +25 C
Figure 6. IF Amplifier’s Gain vs. VGAIN, IF = 70 MHz,
TA = –40
°C, +25°C and +85°C
VGAIN – Volts
60.00
40.00
0.5
2.5
1
1.5
2
0.00
–20.00
–40.00
–60.00
20.00
TA = +85 C
TA = –40 C
TA = +25 C
Figure 7. IF Amplifier’s Gain vs. VGAIN, IF = 85 MHz,
TA = –40
°C, +25°C and +85°C
Typical Performance Characteristics


유사한 부품 번호 - AD6121_15

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD6122 AD-AD6122 Datasheet
250Kb / 20P
   CDMA 3 V Transmitter IF Subsystem with Integrated Voltage Regulator
AD6122 AD-AD6122_15 Datasheet
903Kb / 20P
   CDMA 3 V Transmitter IF Subsystem with Integrated Voltage Regulator
REV. B
AD612 AD-AD612_15 Datasheet
2Mb / 6P
   Self-Contained HighPerformance
More results

유사한 설명 - AD6121_15

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD6122 AD-AD6122_15 Datasheet
903Kb / 20P
   CDMA 3 V Transmitter IF Subsystem with Integrated Voltage Regulator
REV. B
AD6122 AD-AD6122 Datasheet
250Kb / 20P
   CDMA 3 V Transmitter IF Subsystem with Integrated Voltage Regulator
AD6459 AD-AD6459 Datasheet
314Kb / 12P
   GSM 3 V Receiver IF Subsystem
REV. 0
AD6458 AD-AD6458 Datasheet
268Kb / 12P
   GSM 3 V Receiver IF Subsystem
REV. 0
AD61009 AD-AD61009_15 Datasheet
262Kb / 24P
   Low Power Mixer 3 V Receiver IF Subsystem
REV. 0
AD61009 AD-AD61009 Datasheet
261Kb / 24P
   Low Power Mixer 3 V Receiver IF Subsystem
REV. 0
AD607 AD-AD607_15 Datasheet
1Mb / 24P
   Low Power Mixer 3 V Receiver IF Subsystem
REV. C
AD607ARSZ AD-AD607ARSZ Datasheet
1Mb / 24P
   Low Power Mixer 3 V Receiver IF Subsystem
REV. C
AD6676 AD-AD6676 Datasheet
2Mb / 90P
   Wideband IF Receiver Subsystem
AD6676 AD-AD6676_17 Datasheet
1Mb / 90P
   Wideband IF Receiver Subsystem
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com