전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CS82C37A 데이터시트(PDF) 9 Page - Intersil Corporation

부품명 CS82C37A
상세설명  CMOS High Performance Programmable DMA Controller
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INTERSIL [Intersil Corporation]
홈페이지  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CS82C37A 데이터시트(HTML) 9 Page - Intersil Corporation

Back Button CS82C37A Datasheet HTML 5Page - Intersil Corporation CS82C37A Datasheet HTML 6Page - Intersil Corporation CS82C37A Datasheet HTML 7Page - Intersil Corporation CS82C37A Datasheet HTML 8Page - Intersil Corporation CS82C37A Datasheet HTML 9Page - Intersil Corporation CS82C37A Datasheet HTML 10Page - Intersil Corporation CS82C37A Datasheet HTML 11Page - Intersil Corporation CS82C37A Datasheet HTML 12Page - Intersil Corporation CS82C37A Datasheet HTML 13Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 23 page
background image
4-200
82C37A
Current Word Count Register - Each channel has a 16-bit
Current Word Count register. This register determines the
number of transfers to be performed. The actual number of
transfers will be one more than the number programmed in
the Current Word Count register (i.e., programming a count
of 100 will result in 101 transfers). The word count is
decremented after each transfer. When the value in the
register goes from zero to FFFFH, a TC will be generated.
This register is loaded or read in successive 8-bit bytes by
the microprocessor in the Program Condition. See Figure 6
for programming information. Following the end of a DMA
service it may also be reinitialized by an Autoinitialization
back to its original value. Autoinitialization can occur only
when an EOP occurs. If it is not Autoinitialized, this register
will have a count of FFFFH after TC.
Base Address and Base Word Count Registers - Each
channel has a pair of Base Address and Base Word Count
registers. These 16-bit registers store the original value of
their associated current registers. During Autoinitialize these
values are used to restore the current registers to their
original values. The base registers are written simulta-
neously with their corresponding current register in 8-bit
bytes in the Program Condition by the microprocessor. See
Figure 6 for programming information. These registers can-
not be read by the microprocessor.
Command Register - This 8-bit register controls the opera-
tion of the 82C37A. It is programmed by the microprocessor
and is cleared by RESET or a Master Clear instruction. The
following diagram lists the function of the Command register
bits. See Figure 4 for Read and Write addresses.
Mode Register - Each channel has a 6-bit Mode register
associated with it. When the register is being written to by
the microprocessor in the Program condition, bits 0 and 1
determine which channel Mode register is to be written.
When the processor reads a Mode register, bits 0 and 1 will
both be ones. See the following diagram and Figure 4 for
Mode register functions and addresses.
Request Register - The 82C37A can respond to requests
for DMA service which are initiated by software as well as by
a DREQ. Each channel has a request bit associated with it in
the 4-bit Request register. These are non-maskable and
subject to prioritization by the Priority Encoder network.
Each register bit is set or reset separately under software
control. The entire register is cleared by a Reset or Master
Clear instruction. To set or reset a bit, the software loads the
proper form of the data word. See Figure 4 for register
address coding, and the following diagram for Request
register format. A software request for DMA operation can
be made in block or single modes. For memory-to-memory
transfers, the software request for channel 0 should be set.
When reading the Request register, bits 4-7 will always read
as ones, and bits 0-3 will display the request bits of channels
0-3 respectively.
Command Register
76543210
BIT NUMBER
0
1
Memory-to-memory disable
Memory-to-memory enable
0
1
X
Channel 0 address hold disable
Channel 0 address hold enable
If bit 0 = 0
0
1
Controller enable
Controller disable
0
1
X
Normal timing
Compressed timing
If bit 0 = 1
0
1
Fixed priority
Rotating priority
0
1
X
Late write selection
Extended write selection
If bit 3 = 1
0
1
DREQ sense active high
DREQ sense active low
0
1
DACK sense active low
DACK sense active high
Mode Register
76543210
BIT NUMBER
00
01
10
11
XX
Channel 0 select
Channel 1 select
Channel 2 select
Channel 3 select
Readback
00
01
10
11
XX
Verify transfer
Write transfer
Read transfer
Illegal
If bits 6 and 7 = 11
0
1
Autoinitialization disable
Autoinitialization enable
0
1
Address increment select
Address decrement select
00
01
10
11
Demand mode select
Single mode select
Block mode select
Cascade mode select
Request Register
76543210
BIT NUMBER
00
01
10
11
Select Channel 0
Select Channel 1
Select Channel 2
Select Channel 3
0
1
Reset request bit
Set request bit
Don’t Care,
Write
Bits 4-7
All Ones,
Read


유사한 부품 번호 - CS82C37A

제조업체부품명데이터시트상세설명
logo
Harris Corporation
CS82C37A HARRIS-CS82C37A Datasheet
204Kb / 23P
   CMOS High Performance Programmable DMA Controller
logo
Intersil Corporation
CS82C37A INTERSIL-CS82C37A Datasheet
427Kb / 24P
   CMOS High Performance Programmable DMA Controller
logo
Harris Corporation
CS82C37A-12 HARRIS-CS82C37A-12 Datasheet
204Kb / 23P
   CMOS High Performance Programmable DMA Controller
logo
Intersil Corporation
CS82C37A-12 INTERSIL-CS82C37A-12 Datasheet
427Kb / 24P
   CMOS High Performance Programmable DMA Controller
CS82C37A-1296 INTERSIL-CS82C37A-1296 Datasheet
427Kb / 24P
   CMOS High Performance Programmable DMA Controller
More results

유사한 설명 - CS82C37A

제조업체부품명데이터시트상세설명
logo
Harris Corporation
82C37 HARRIS-82C37 Datasheet
204Kb / 23P
   CMOS High Performance Programmable DMA Controller
logo
Intersil Corporation
82C37A INTERSIL-82C37A_06 Datasheet
427Kb / 24P
   CMOS High Performance Programmable DMA Controller
82C237 INTERSIL-82C237 Datasheet
158Kb / 25P
   CMOS High Performance Programmable DMA Controller
March 1997
HS-82C37ARH INTERSIL-HS-82C37ARH_00 Datasheet
268Kb / 21P
   Radiation Hardened CMOS High Performance Programmable DMA Controller
logo
NEC
UPD8237A NEC-UPD8237A Datasheet
973Kb / 17P
   HIGH-PERFORMANCE PROGRAMMABLE DMA CONTROLLER
logo
Intersil Corporation
HS-82C37ARH INTERSIL-HS-82C37ARH Datasheet
195Kb / 29P
   Radiation Hardened CMOS High Performance Programmable DMA Controller
logo
Harris Corporation
HS-82C37 HARRIS-HS-82C37 Datasheet
253Kb / 28P
   Radiation Hardened CMOS High Performance Programmable DMA Controller
logo
NEC
UPD8257 NEC-UPD8257 Datasheet
608Kb / 11P
   PROGRAMMABLE DMA CONTROLLER
logo
Intel Corporation
M8257 INTEL-M8257 Datasheet
360Kb / 7P
   PROGRAMMABLE DMA CONTROLLER
logo
Advanced Micro Devices
AM8257 AMD-AM8257 Datasheet
519Kb / 8P
   Programmable DMA Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com