전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD7112 데이터시트(PDF) 6 Page - Analog Devices

부품명 AD7112
상세설명  LC MOS LOGDAC DUAL LOGARITHMIC D/A CONVERTER
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD7112 데이터시트(HTML) 6 Page - Analog Devices

Back Button AD7112_15 Datasheet HTML 2Page - Analog Devices AD7112_15 Datasheet HTML 3Page - Analog Devices AD7112_15 Datasheet HTML 4Page - Analog Devices AD7112_15 Datasheet HTML 5Page - Analog Devices AD7112_15 Datasheet HTML 6Page - Analog Devices AD7112_15 Datasheet HTML 7Page - Analog Devices AD7112_15 Datasheet HTML 8Page - Analog Devices AD7112_15 Datasheet HTML 9Page - Analog Devices AD7112_15 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
AD7112
REV. 0
–6–
INTERFACE LOGIC INFORMATION
DAC Selection
Both DAC latches share a common 8-bit port. The control in-
put DAC A/DAC B selects which DAC can accept data from
the input port.
Mode Selection
Inputs CS and WR control the operating mode of the selected
DAC. See the Mode Selection Table below.
Write Mode
When CS and WR are both low the DAC is in the write mode.
The input data latches of the selected DAC are transparent and
its analog output responds to activity on DB0–DB7.
Hold Mode
The selected DAC latch retains the data which was present on
DB0–DB7 just prior to CS and WR assuming a high state. Both
analog outputs remain at the values corresponding to the data in
their respective latches.
Mode Selection Table
DACA
/
DAC B
CS
WR
DAC A
DAC B
L
L
L
WRITE
HOLD
H
L
L
HOLD
WRITE
X
H
X
HOLD
HOLD
X
X
H
HOLD
HOLD
L = Low State, VIL; H = High State, VIH; X = Don’t Care.
t
AS
DAC A/DAC B
t
AH
t
WR
t
DS
VIH
VIL
t
DH
t
CS
t
CH
DB0–DB7
CS
WR
NOTES
1. ALL INPUT SIGNAL RISE AND FALL TIMES MEASURED FROM
10% TO 90% OF VDD. tR = tF = 20ns.
2. CONTROL TIMING MEASUREMENT REFERENCE LEVEL = (VIH + VIL) / 2
Figure 3. Write Cycle Timing Diagram
DYNAMIC PERFORMANCE
The dynamic performance of the AD7112 will depend on the
gain and phase characteristics of the output amplifier, together
with the optimum choice of PC board layout and decoupling
components. Circuit layout is most important if the optimum
performance of the AD7112 is to be achieved. Most application
problems stem from either poor layout, grounding errors, or in-
appropriate choice of amplifier. Ensure that the layout of the
printed circuit board has the digital and analog lines separated
as much as possible. Take care not to run any digital track
alongside an analog signal track. Establish a single point analog
ground (star ground) separate from the logic system ground.
Place this ground as close as possible to the AD7112. Connect
all analog grounds to this star ground, and also connect the
AD7112 DGND to this ground. Do not connect any other digi-
tal grounds to this analog ground point. Low impedance analog
and digital power supply common returns are essential for low
noise and high performance of these converters, therefore the
foil width of these tracks should be as wide as possible. The use
of ground planes is recommended as this minimizes impedance
paths and also guards the analog circuitry from digital noise.
It is recommended that when using the AD7112 with a high
speed amplifier, a capacitor (C1) be connected in the feedback
path as shown in Figure 2. This capacitor which should be be-
tween 5 pF and 15 pF, compensates for the phase lag intro-
duced by the output capacitance of the D/A converter. Figures
4 and 5 show the performance of the AD7112 using the
AD712, a high speed, low cost BiFET amplifier, and the
OP275, a dual bipolar/JFET amplifier suitable for audio appli-
cations. The performance with and without the compensation
capacitor is shown in both cases. For operation beyond
250 kHz, capacitor C1 may be reduced in value. This gives an
increase in bandwidth at the expense of a poorer transient re-
sponse as shown in Figure 7. In circuits where C1 is not in-
cluded, the high frequency roll-off point is primarily determined
by the characteristics of the output amplifier and not the AD7112.
Feedthrough and accuracy are sensitive to output leakage cur-
rents effects. For this reason it is recommended that the operat-
ing temperature of the AD7112 be kept as close to +25
°C as is
practically possible, particularly where the devices performance
at high attenuation levels is important. A typical plot of leakage
current vs. temperature is shown in Figure 11.
Some solder fluxes and cleaning materials can form slightly
conductive films which cause leakage effects between analog in-
put and output. The user is cautioned to ensure that the manu-
facturing process for circuits using the AD7112 does not allow
such films to form. Otherwise the feedthrough, accuracy and
maximum usable range will be affected.
STATIC ACCURACY PERFORMANCE
The D/A converter section of the AD7112 consists of a 17-bit
R–2R type converter. To obtain optimum static performance at
this level of resolution it is necessary to pay great attention to
amplifier selection, circuit grounding, etc.
Amplifier input bias current results in a dc offset at the output
of the amplifier due to current flowing in the feedback resistor
RFB. It is recommended that amplifiers with input bias currents
of less than 10 nA be used (e.g., AD712) to minimize this offset.


유사한 부품 번호 - AD7112_15

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD7112BN AD-AD7112BN Datasheet
230Kb / 12P
   LC2MOS LOGDAC Dual Logarithmic D/A Converter
REV. 0
AD7112BR AD-AD7112BR Datasheet
230Kb / 12P
   LC2MOS LOGDAC Dual Logarithmic D/A Converter
REV. 0
AD7112CN AD-AD7112CN Datasheet
230Kb / 12P
   LC2MOS LOGDAC Dual Logarithmic D/A Converter
REV. 0
AD7112CR AD-AD7112CR Datasheet
230Kb / 12P
   LC2MOS LOGDAC Dual Logarithmic D/A Converter
REV. 0
More results

유사한 설명 - AD7112_15

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD7112 AD-AD7112 Datasheet
230Kb / 12P
   LC2MOS LOGDAC Dual Logarithmic D/A Converter
REV. 0
AD7111ACRZ AD-AD7111ACRZ Datasheet
178Kb / 8P
   LC2MOS LOGDAC Logarithmic D/A Converter
REV. 0
AD7111 AD-AD7111 Datasheet
175Kb / 8P
   LC2MOS LOGDAC Logarithmic D/A Converter
REV. 0
AD7118 AD-AD7118 Datasheet
197Kb / 6P
   LOGDAC CMOS Logarithmic D/A Converter
REV. A
AD7118 AD-AD7118_15 Datasheet
194Kb / 6P
   CMOS Logarithmic D/A Converter
REV. A
ADL5310 AD-ADL5310_18 Datasheet
570Kb / 20P
   Dual Logarithmic Converter
ADL5310 AD-ADL5310_15 Datasheet
595Kb / 20P
   Dual Logarithmic Converter
REV. A
AD7226 AD-AD7226_15 Datasheet
423Kb / 16P
   LC MOS Quad 8-Bit D/A Converter
REV. D
logo
Motorola, Inc
MC1650 MOTOROLA-MC1650 Datasheet
113Kb / 11P
   DUAL A/D CONVERTER
logo
Analog Devices
AD9248 AD-AD9248_17 Datasheet
1Mb / 49P
   Dual A/D Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com