전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD7247A 데이터시트(PDF) 4 Page - Analog Devices

부품명 AD7247A
상세설명  LC MOS Dual 12-Bit DACPORTs
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD7247A 데이터시트(HTML) 4 Page - Analog Devices

  AD7247A_15 Datasheet HTML 1Page - Analog Devices AD7247A_15 Datasheet HTML 2Page - Analog Devices AD7247A_15 Datasheet HTML 3Page - Analog Devices AD7247A_15 Datasheet HTML 4Page - Analog Devices AD7247A_15 Datasheet HTML 5Page - Analog Devices AD7247A_15 Datasheet HTML 6Page - Analog Devices AD7247A_15 Datasheet HTML 7Page - Analog Devices AD7247A_15 Datasheet HTML 8Page - Analog Devices AD7247A_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
AD7237A/AD7247A
REV. 0
–4–
AD7237A PIN FUNCTION DESCRIPTION (DIP PIN NUMBERS)
Pin
Mnemonic
Description
1
REF INA
Voltage Reference Input for DAC A. The reference voltage for DAC A is applied to this pin. It is internally
buffered before being applied to the DAC. The nominal reference voltage for correct operation of the
AD7237A is 5 V.
2
REF OUT
Voltage Reference Output. The internal 5 V analog reference is provided at this pin. To operate the part with
internal reference, REF OUT should be connected to REF INA, REF INB.
3
REF INB
Voltage Reference Input for DAC B. The reference voltage for DAC B is applied to this pin. It is internally
buffered before being applied to the DAC. The nominal reference voltage for correct operation of the
AD7237A is 5 V.
4ROFSB
Output Offset Resistor for DAC B. This input configures the output ranges for DAC B. It is connected to
VOUTB for the +5 V range, to AGND for the +10 V range and to REF INB for the
±5 V range.
5VOUTB
Analog Output Voltage from DAC B. This is the buffer amplifier output voltage. Three different output
voltage ranges can be chosen: 0 V to +5 V, 0 V to +10 V and
±5 V. The amplifier is capable of developing
+10 V across a 2 k
Ω resistor to GND.
6
AGND
Analog Ground. Ground reference for DACs, reference and output buffer amplifiers.
7
DB7
Data Bit 7.
8-10
DB6-DB4
Data Bit 6 to Data Bit 4.
11
DB3
Data Bit 3/Data Bit 11 (MSB).
12
DGND
Digital Ground. Ground reference for digital circuitry.
13
DB2
Data Bit 2/Data Bit 10.
14
DB1
Data Bit 1/Data Bit 9.
15
DB0
Data Bit 0 (LSB)/Data Bit 8.
16
A0
Address Input. Least significant address input for input latches. A0 and A1 select which of the four input
latches data is written to (see Table II).
17
A1
Address Input. Most significant address input for input latches.
18
CS
Chip Select. Active low logic input. The device is selected when this input is active.
19
WR
Write Input. WR is an active low logic input which is used in conjunction with CS, A0 and A1 to write data
to the input latches.
20
LDAC
Load DAC. Logic input. A new word is loaded into the DAC latches from the respective input latches on the
falling edge of this signal.
21
VDD
Positive Supply (+12 V to +15 V).
22
VOUTA
Analog Output Voltage from DAC A. This is the buffer amplifier output voltage. Three different output
voltage ranges can be chosen: 0 V to +5 V, 0 V to +10 V and
±5 V. The amplifier is capable of developing
+10 V across a 2 k
Ω resistor to GND.
23
VSS
Negative Supply (0 V or –12 V to –15 V).
24
ROFSA
Output Offset Resistor for DAC A. This input configures the output ranges for DAC A. It is connected to
VOUTA for the +5 V range, to AGND for the +10 V range and to REF INA for the
±5 V range.


유사한 부품 번호 - AD7247A_15

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD7247AAN AD-AD7247AAN Datasheet
392Kb / 12P
   LC2MOS Dual 12-Bit DACPORTs
REV. 0
AD7247AAR AD-AD7247AAR Datasheet
392Kb / 12P
   LC2MOS Dual 12-Bit DACPORTs
REV. 0
AD7247AAR-REEL AD-AD7247AAR-REEL Datasheet
1Mb / 12P
   LC2MOS Dual 12-Bit DACPORT
REV. A
AD7247AARZ AD-AD7247AARZ Datasheet
1Mb / 12P
   LC2MOS Dual 12-Bit DACPORT
REV. A
AD7247ABN AD-AD7247ABN Datasheet
392Kb / 12P
   LC2MOS Dual 12-Bit DACPORTs
REV. 0
More results

유사한 설명 - AD7247A_15

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD7237A AD-AD7237A_15 Datasheet
395Kb / 12P
   LC MOS Dual 12-Bit DACPORTs
REV. 0
AD7245A AD-AD7245A_15 Datasheet
703Kb / 16P
   LC MOS 12-Bit DACPORTs
REV. B
AD7248A AD-AD7248A_15 Datasheet
703Kb / 16P
   LC MOS 12-Bit DACPORTs
REV. B
AD7237A AD-AD7237A Datasheet
392Kb / 12P
   LC2MOS Dual 12-Bit DACPORTs
REV. 0
5962-88766013A AD-5962-88766013A Datasheet
718Kb / 16P
   LC2MOS 12-Bit DACPORTs
REV. B
AD7237 AD-AD7237_15 Datasheet
1Mb / 12P
   LC MOS Dual 12 Bit DACPORT
REV. A
AD7247 AD-AD7247_15 Datasheet
1Mb / 12P
   LC MOS Dual 12 Bit DACPORT
REV. A
AD7245AARZ AD-AD7245AARZ Datasheet
669Kb / 16P
   LC2MOS 12-Bit DACPORTs
REV. B
AD7245A AD-AD7245A Datasheet
306Kb / 16P
   LC2MOS 12-Bit DACPORTs
REV. A
AD7245ABRZ AD-AD7245ABRZ Datasheet
669Kb / 16P
   LC2MOS 12-Bit DACPORTs
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com