전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD7273 데이터시트(PDF) 9 Page - Analog Devices

부품명 AD7273
상세설명  3 MSPS,10-/12-Bit ADCs in 8-Lead TSOT
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD7273 데이터시트(HTML) 9 Page - Analog Devices

Back Button AD7273_15 Datasheet HTML 5Page - Analog Devices AD7273_15 Datasheet HTML 6Page - Analog Devices AD7273_15 Datasheet HTML 7Page - Analog Devices AD7273_15 Datasheet HTML 8Page - Analog Devices AD7273_15 Datasheet HTML 9Page - Analog Devices AD7273_15 Datasheet HTML 10Page - Analog Devices AD7273_15 Datasheet HTML 11Page - Analog Devices AD7273_15 Datasheet HTML 12Page - Analog Devices AD7273_15 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 29 page
background image
AD7273/AD7274
Rev. 0 | Page 8 of 28
TIMING EXAMPLES
For the AD7274, if CS is brought high during the 14
th SCLK
rising edge after the two leading zeros and 12 bits of the
conversion are provided, the part can achieve the fastest
throughput rate, 3 MSPS. If CS is brought high during the 16
th
SCLK rising edge after the two leading zeros, 12 bits of the
conversion, and two trailing zeros are provided, a throughput
rate of 2.97 MSPS is achievable. This is illustrated in the
following two timing examples.
Timing Example 1
In Figure 6, using a 14 SCLK cycle, fSCLK = 48 MHz, and
the throughput is 3 MSPS. This produces a cycle time of
t2 + 12.5(1/fSCLK) + tACQ = 333 ns, where t2 = 6 ns min and
tACQ = 67 ns. This satisfies the requirement of 60 ns for tACQ.
Figure 6 also shows that tACQ comprises 0.5(1/fSCLK) + t9 + tQUIET,
where t9 = 4.2 ns max. This allows a value of 52.8 ns for tQUIET,
satisfying the minimum requirement of 4 ns.
Timing Example 2
The example in Figure 7 uses a 16 SCLK cycle, fSCLK = 48 MHz,
and the throughput is 2.97 MSPS. This produces a cycle time
of t2 + 12.5(1/fSCLK) + tACQ = 336 ns, where t2 = 6 ns min and
tACQ = 70 ns. Figure 7 shows that tACQ comprises 2.5(1/fSCLK) +
t8 + tQUIET, where t8 = 14 ns max. This satisfies the minimum
requirement of 4 ns for tQUIET.
12
3
4
5
13
14
15
16
SCLK
SDATA
THREE-STATE
THREE-
STATE TWO LEADING
ZEROS
TWO TRAILING
ZEROS
B
CS
t3
tCONVERT
t2
ZERO
Z
DB11
DB10
DB9
DB1
DB0
ZERO
ZERO
t6
t5
t8
t1
tQUIET
1/THROUGHPUT
t4
t7
Figure 5. AD7274 Serial Interface Timing 16 SCLK Cycle
12
3
4
5
13
14
SCLK
SDATA
THREE-STATE
THREE-
STATE
TWO LEADING
ZEROS
B
CS
t3
tCONVERT
t2
ZERO
Z
DB11
DB10
DB9
DB1
DB0
t6
t9
t1
tQUIET
1/THROUGHPUT
t4
t7
t5
Figure 6.AD7274 Serial Interface Timing 14 SCLK Cycle
12
3
4
5
13
12
14
15
16
SCLK
B
CS
tCONVERT
t2
t8
t1
tQUIET
1/THROUGHPUT
12.5(1/fSCLK)
tACQUISITION
Figure 7. Serial Interface Timing 16 SCLK Cycle


유사한 부품 번호 - AD7273_15

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD72731 AD-AD72731 Datasheet
549Kb / 29P
   3 MSPS,10-/12-Bit ADCs in 8-Lead TSOT
REV. 0
AD7273BRM AD-AD7273BRM Datasheet
243Kb / 20P
   3MSPS,10-/12-Bit ADCs in 8-Lead TSOT
REV. PrB (6/04)
AD7273BRMZ AD-AD7273BRMZ Datasheet
1Mb / 28P
   3 MSPS,10-/12-Bit ADCs in 8-Lead TSOT
REV. 0
AD7273BRMZ AD-AD7273BRMZ Datasheet
549Kb / 29P
   3 MSPS,10-/12-Bit ADCs in 8-Lead TSOT
REV. 0
AD7273BRMZ-REEL AD-AD7273BRMZ-REEL Datasheet
1Mb / 28P
   3 MSPS,10-/12-Bit ADCs in 8-Lead TSOT
REV. 0
More results

유사한 설명 - AD7273_15

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD7273BRMZ AD-AD7273BRMZ Datasheet
549Kb / 29P
   3 MSPS,10-/12-Bit ADCs in 8-Lead TSOT
REV. 0
AD7274 AD-AD7274_15 Datasheet
605Kb / 29P
   3 MSPS,10-/12-Bit ADCs in 8-Lead TSOT
REV. 0
AD7274BRMZ AD-AD7274BRMZ Datasheet
1Mb / 28P
   3 MSPS,10-/12-Bit ADCs in 8-Lead TSOT
REV. 0
AD7273BRMZ AD-AD7273BRMZ Datasheet
1Mb / 28P
   3 MSPS,10-/12-Bit ADCs in 8-Lead TSOT
REV. 0
AD7278 AD-AD7278_15 Datasheet
717Kb / 29P
   3 MSPS, 12-/10-/8-Bit ADCs in 6-Lead TSOT
REV. C
AD7276 AD-AD7276 Datasheet
501Kb / 28P
   3 MSPS, 12-/10-/8-Bit ADCs in 6-Lead TSOT
REV. C
AD7277 AD-AD7277_15 Datasheet
717Kb / 29P
   3 MSPS, 12-/10-/8-Bit ADCs in 6-Lead TSOT
REV. C
AD7276 AD-AD7276_15 Datasheet
717Kb / 29P
   3 MSPS, 12-/10-/8-Bit ADCs in 6-Lead TSOT
REV. C
AD7276 AD-AD7276_17 Datasheet
589Kb / 28P
   3 MSPS, 12-/10-/8-Bit ADCs in 6-Lead TSOT
AD7273 AD-AD7273 Datasheet
243Kb / 20P
   3MSPS,10-/12-Bit ADCs in 8-Lead TSOT
REV. PrB (6/04)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com