전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD7305 데이터시트(PDF) 8 Page - Analog Devices

부품명 AD7305
상세설명  3 V/5 V, Rail-to-Rail Quad, 8-Bit DAC
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD7305 데이터시트(HTML) 8 Page - Analog Devices

Back Button AD7305_15 Datasheet HTML 4Page - Analog Devices AD7305_15 Datasheet HTML 5Page - Analog Devices AD7305_15 Datasheet HTML 6Page - Analog Devices AD7305_15 Datasheet HTML 7Page - Analog Devices AD7305_15 Datasheet HTML 8Page - Analog Devices AD7305_15 Datasheet HTML 9Page - Analog Devices AD7305_15 Datasheet HTML 10Page - Analog Devices AD7305_15 Datasheet HTML 11Page - Analog Devices AD7305_15 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
AD7304/AD7305
Rev. C | Page 8 of 20
PIN CONFIGURATIONS AND FUNCTION DESCRIPTIONS
VOUTB 1
VOUTA 2
VSS 3
VREFA 4
VOUTC
16
VOUTD
15
VDD
14
VREFC
13
VREFB 5
VREFD
12
GND
6
SDI/SHDN
11
LDAC
7
CLK
10
CLR
8
CS
9
AD7304
TOP VIEW
(Not to Scale)
Figure 8. AD7304 Pin Configuration
Table 7. AD7304 Pin Function Descriptions
Pin No.
Mnemonic
Description
1
VOUTB
Channel B Rail-to-Rail Buffered DAC Voltage Output. Full-scale set by reference voltage applied to VREFB pin.
Output is open circuit when SHDN is enabled.
2
VOUTA
Channel A Rail-to-Rail Buffered DAC Voltage Output. Full-scale set by reference voltage applied to VREFA pin.
Output is open circuit when SHDN is enabled.
3
VSS
Negative Power Supply Input. Specified range of operation is 0 V to
−5.5 V.
4
VREFA
Channel A Reference Input. Establishes VOUTA full-scale voltage. Specified range of operation is VSS < VREFA < VDD.
5
VREFB
Channel B Reference Input. Establishes VOUTB full-scale voltage. Specified range of operation is VSS < VREFB < VDD.
6
GND
Common Analog and Digital Ground.
7
LDAC
Load DAC Register Strobe, Active Low. Simultaneously transfers data from all four input registers into the
corresponding DAC registers. Asynchronous active low input. DAC register is transparent when LDAC = 0. See
Table 4 for operation.
8
CLR
Clears All Input and DAC Registers to the Zero Condition. Asynchronous active low input. The serial register is
not effected.
9
CS
Chip Select, Active Low Input. Disables shift register loading when high. Transfers serial input register data to
the decoded input register when CS returns high. Does not effect LDAC operation.
10
CLK
Clock Input, Positive Edge Clocks Data into Shift Register. Disabled by chip select CS.
11
SDI/SHDN
Serial Data Input Loads Directly into the Shift Register, MSB First. Hardware shutdown (SHDN) control input,
active when pin is left floating by a three-state logic driver. Does not effect DAC register contents as long as
power is present on VDD.
12
VREFD
Channel D Reference Input. Establishes VOUTD full-scale voltage. Specified range of operation is VSS < VREFD < VDD.
13
VREFC
Channel C Reference Input. Establishes VOUTC full-scale voltage. Specified range of operation is VSS VREFC < VDD.
14
VDD
Positive Power Supply Input. Specified range of operation is 2.7 V to 5.5 V.
15
VOUTD
Channel D Rail-to-Rail Buffered DAC Voltage Output. Full-scale set by reference voltage applied to VREFD pin.
Output is open circuit when SHDN is enabled.
16
VOUTC
Channel C Rail-to-Rail Buffered DAC Voltage Output. Full-scale set by reference voltage applied to VREFC pin.
Output is open circuit when SHDN is enabled.


유사한 부품 번호 - AD7305_15

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD7305BN AD-AD7305BN Datasheet
936Kb / 14P
   3 V/5 V, Rail-to-Rail Quad, 8-Bit DAC
REV. A
AD7305BR AD-AD7305BR Datasheet
936Kb / 14P
   3 V/5 V, Rail-to-Rail Quad, 8-Bit DAC
REV. A
AD7305BR AD-AD7305BR Datasheet
902Kb / 20P
   3 V/5 V, Rail-to-Rail Quad, 8-Bit DAC
REV. C
AD7305BR AD-AD7305BR Datasheet
902Kb / 20P
   3 V/5 V, Rail-to-Rail Quad, 8-Bit DAC
REV. C
AD7305BR AD-AD7305BR Datasheet
902Kb / 20P
   3 V/5 V, Rail-to-Rail Quad, 8-Bit DAC
REV. C
More results

유사한 설명 - AD7305_15

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD7304 AD-AD7304 Datasheet
936Kb / 14P
   3 V/5 V, Rail-to-Rail Quad, 8-Bit DAC
REV. A
AD7304 AD-AD7304_15 Datasheet
902Kb / 20P
   3 V/5 V, Rail-to-Rail Quad, 8-Bit DAC
REV. C
AD7305BRZ-REEL AD-AD7305BRZ-REEL Datasheet
902Kb / 20P
   3 V/5 V, Rail-to-Rail Quad, 8-Bit DAC
REV. C
AD7305BRUZ AD-AD7305BRUZ Datasheet
902Kb / 20P
   3 V/5 V, Rail-to-Rail Quad, 8-Bit DAC
REV. C
AD7305BRZ AD-AD7305BRZ Datasheet
902Kb / 20P
   3 V/5 V, Rail-to-Rail Quad, 8-Bit DAC
REV. C
AD5300 AD-AD5300_15 Datasheet
221Kb / 13P
   2.7 V to 5.5 V, 140 A, Rail-to-Rail Output 8-Bit DAC in a SOT-23
REV. D
logo
Maxim Integrated Produc...
MAX533 MAXIM-MAX533 Datasheet
146Kb / 16P
   2.7V, Low-Power, 8-Bit Quad DAC with Rail-to-Rail Output Buffers
Rev 0; 6/96
logo
Analog Devices
AD5300 AD-AD5300 Datasheet
202Kb / 12P
   2.7 V to 5.5 V, 140 uA, Rail-to-Rail Output 8-Bit DAC in an SOT-23
REV. C
AD5300BRMZ-REEL7 AD-AD5300BRMZ-REEL7 Datasheet
221Kb / 13P
   2.7 V to 5.5 V, 140 muA, Rail-to-Rail Output 8-Bit DAC in a SOT-23
REV. D
logo
Maxim Integrated Produc...
MAX534 MAXIM-MAX534 Datasheet
125Kb / 16P
   5V, Low-Power, 8-Bit Quad DAC with Rail-to-Rail Output Buffers
Rev 0; 8/96
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com