전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ISL54233IRTZ-T7A 데이터시트(PDF) 2 Page - Intersil Corporation

부품명 ISL54233IRTZ-T7A
상세설명  Wideband Differential 3:1 Multiplexer
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INTERSIL [Intersil Corporation]
홈페이지  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL54233IRTZ-T7A 데이터시트(HTML) 2 Page - Intersil Corporation

  ISL54233IRTZ-T7A Datasheet HTML 1Page - Intersil Corporation ISL54233IRTZ-T7A Datasheet HTML 2Page - Intersil Corporation ISL54233IRTZ-T7A Datasheet HTML 3Page - Intersil Corporation ISL54233IRTZ-T7A Datasheet HTML 4Page - Intersil Corporation ISL54233IRTZ-T7A Datasheet HTML 5Page - Intersil Corporation ISL54233IRTZ-T7A Datasheet HTML 6Page - Intersil Corporation ISL54233IRTZ-T7A Datasheet HTML 7Page - Intersil Corporation ISL54233IRTZ-T7A Datasheet HTML 8Page - Intersil Corporation ISL54233IRTZ-T7A Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
ISL54233
2
FN7918.0
December 21, 2011
Pin Configuration
12 LD 2.2X1.4 UTQFN
TOP VIEW
12 LD 3x3 TQFN
TOP VIEW
NOTE:
1. ISL54233 switches shown for C1 = Logic “1” and C0 = Logic “0”.
10
12
9
C1
COM -
COM +
VDD
C0
8
7
11
6
4
5
2
1
3
3D+
2D-
2D+
GND
1D-
1D+
3D-
LOGIC
CONTROL
4MΩ
4MΩ
1
3
12
C1
COM -
COM +
VDD
C0
11
10
2
9
7
8
5
46
3D+
2D-
2D+
GND
1D-
1D+
3D-
LOGIC
CONTROL
4MΩ
4MΩ
PD
Pin Descriptions
UTQFN
TQFN
NAME
FUNCTION
1
1
3D+
USB3/DV Differential Input
2
2
2D-
USB2/DV Differential Input
3
3
2D+
USB2/DV Differential Input
4
4
1D-
USB1/DV Differential Input
5
5
1D+
USB1/DV Differential Input
6
6
GND
Ground Connection
7
7
COM+
Data Common Pin
8
8
COM-
Data Common Pin
9
9
C1
Digital Control Input
10
10
C0
Digital Control Input
11
11
VDD
Power Supply
12
12
3D-
USB3/DV Differential Input
-
PAD
PAD
Thermal Pad. Tie to Ground or Float
Truth Table
C1
C0
MODE
COMMENTS
0
0
Wired-OR Audio
All switches open
0
1
USB/DV #1
1D- and 1D+ ON
1
0
USB/DV #2
2D- and 2D+ ON
1
1
USB/DV #3
3D- and 3D+ ON
C0, C1: Logic “0” when
≤ 0.5V or float, Logic “1” when ≥ 1.4V with VDD in
range of 2.7V to 3.6V.


유사한 부품 번호 - ISL54233IRTZ-T7A

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
ISL54233IRTZ-T INTERSIL-ISL54233IRTZ-T Datasheet
1Mb / 18P
   Wideband Differential 3:1 Multiplexer
logo
Renesas Technology Corp
ISL54233IRTZ-T RENESAS-ISL54233IRTZ-T Datasheet
1Mb / 18P
   Wideband Differential 3:1 Multiplexer
More results

유사한 설명 - ISL54233IRTZ-T7A

제조업체부품명데이터시트상세설명
logo
Renesas Technology Corp
ISL54233 RENESAS-ISL54233 Datasheet
1Mb / 18P
   Wideband Differential 3:1 Multiplexer
logo
Intersil Corporation
ISL54233 INTERSIL-ISL54233 Datasheet
1Mb / 18P
   Wideband Differential 3:1 Multiplexer
logo
ON Semiconductor
MC10EL57 ONSEMI-MC10EL57 Datasheet
96Kb / 3P
   4:1 Differential Multiplexer
1996 REV 1
logo
Micrel Semiconductor
SY10EL57 MICREL-SY10EL57_10 Datasheet
55Kb / 5P
   4:1 DIFFERENTIAL MULTIPLEXER
SY10EL57 MICREL-SY10EL57 Datasheet
57Kb / 4P
   4:1 DIFFERENTIAL MULTIPLEXER
logo
ON Semiconductor
MC10EP57 ONSEMI-MC10EP57 Datasheet
99Kb / 8P
   4:1 Differential Multiplexer
April, 2000 ??Rev. 2
logo
Micrel Semiconductor
SY10EL57 MICREL-SY10EL57_06 Datasheet
55Kb / 5P
   4:1 DIFFERENTIAL MULTIPLEXER
logo
Analog Devices
AD9300 AD-AD9300 Datasheet
158Kb / 8P
   4 x 1 Wideband Video Multiplexer
REV. A
logo
ON Semiconductor
MC10EP56 ONSEMI-MC10EP56 Datasheet
106Kb / 8P
   Dual Differential 2:1 Multiplexer
January, 2004 ??Rev. 12
logo
Micrel Semiconductor
SY10E457 MICREL-SY10E457_06 Datasheet
63Kb / 4P
   TRIPLE DIFFERENTIAL 2:1 MULTIPLEXER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com