전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SA170 데이터시트(PDF) 3 Page - List of Unclassifed Manufacturers

부품명 SA170
상세설명  Transient Voltage Suppressor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ETC2 [List of Unclassifed Manufacturers]
홈페이지  
Logo ETC2 - List of Unclassifed Manufacturers

SA170 데이터시트(HTML) 3 Page - List of Unclassifed Manufacturers

  SA170 Datasheet HTML 1Page - List of Unclassifed Manufacturers SA170 Datasheet HTML 2Page - List of Unclassifed Manufacturers SA170 Datasheet HTML 3Page - List of Unclassifed Manufacturers SA170 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
SA5.0 thru SA170CA
Document Number: SA5.0 thru SA170CA
www.smsemi.com
Feb.29, 2012
3
Electrical Characteristics @ 25°C (Unless Otherwise Noted) TABLE1
Part
Number
Breakdown
Voltage
VBR @ IBR
Rated
Stand
Off
Voltage
Maximum
Reverse
Standby
current
ID @ VWM
Maximum
Peak
Pulse
Current
Maximum
Peak
Reverse
Voltage
VC @ IPP
Maximum
Temperature
Coefficient
of VBR
MIN
MAX
VBR(V)
IBR(mA)
VWM(V)
ID(µA)
IPP (A)
VC(V)
%/℃
SA43
SA43A
SA45
SA45A
47.8
47.8
50.0
50.0
58.4
52.8
61.1
55.3
1
1
1
1
43.0
43.0
45.0
45.0
1
1
1
1
6.5
7.2
6.2
6.9
76.7
69.4
80.3
72.7
.102
.102
.102
.102
SA48
SA48A
SA51
SA51A
53.3
53.3
56.7
56.7
65.1
58.9
69.3
62.7
1
1
1
1
48.0
48.0
51.0
51.0
1
1
1
1
5.8
6.5
5.5
6.1
85.5
77.4
91.1
82.4
.103
.103
.103
.103
SA54
SA54A
SA58
SA58A
60.0
60.0
64.4
64.4
73.3
66.3
78.7
71.2
1
1
1
1
54.0
54.0
58.0
58.0
1
1
1
1
5.2
5.7
4.9
5.3
96.3
87.1
103.0
93.6
.104
.104
.104
.104
SA60
SA60A
SA64
SA64A
66.7
66.7
71.1
71.1
81.5
73.7
86.9
78.6
1
1
1
1
60.0
60.0
64.0
64.0
1
1
1
1
4.7
5.2
4.4
4.9
107.0
96.8
114.0
103.0
.104
.104
.105
.105
SA70
SA70A
SA75
SA75A
77.8
77.8
83.3
83.3
95.1
86.0
102.0
92.1
1
1
1
1
70.0
70.0
75.0
75.0
1
1
1
1
4.0
4.4
3.7
4.1
125.0
113.0
134.0
121.0
.105
.105
.105
.105
SA78
SA78A
SA85
SA85A
86.7
86.7
94.4
94.4
106.0
95.8
115.0
104.0
1
1
1
1
78.0
78.0
85.0
85.0
1
1
1
1
3.6
4.0
3.3
3.6
139.0
126.0
151.0
137.0
.106
.106
.106
.106
SA90
SA90A
SA100
SA100A
100.0
100.0
111.0
111.0
122.0
111.0
136.0
123.0
1
1
1
1
90.0
90.0
100.0
100.0
1
1
1
1
3.1
3.4
2.8
3.1
160.0
146.0
179.0
162.0
.107
.107
.107
.107
SA110
SA110A
SA120
SA120A
122.0
122.0
133.0
133.0
149.0
135.0
163.0
147.0
1
1
1
1
110.0
110.0
120.0
120.0
1
1
1
1
2.6
2.8
2.3
2.0
196.0
177.0
214.0
193.0
.107
.107
.107
.107
SA130
SA130A
SA150
SA150A
144.0
144.0
167.0
167.0
176.0
159.0
204.0
185.0
1
1
1
1
130.0
130.0
150.0
150.0
1
1
1
1
2.2
2.4
1.9
2.1
231.0
209.0
268.0
243.0
.108
.108
.108
.108
SA160
SA160A
SA170
SA170A
178.0
178.0
189.0
189.0
218.0
197.0
231.0
209.0
1
1
1
1
160.0
160.0
170.0
170.0
1
1
1
1
1.7
1.9
1.6
1.8
287.0
259.0
304.0
275.0
.108
.108
.108
.108
1.
For bi-directional construction, indicate a C or CA suffix after part number, i.e. SA170C or SA170CA
打印无效


유사한 부품 번호 - SA170

제조업체부품명데이터시트상세설명
logo
Pan Jit International I...
SA170 PANJIT-SA170 Datasheet
169Kb / 6P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR(VOLTAGE - 5.0 TO 170 Volts 500 Watt Peak Pulse Power)
logo
Jinan Jing Heng Electro...
SA170 JINGHENG-SA170 Datasheet
84Kb / 4P
   Transient Voltage Suppressor
logo
First Components Intern...
SA170 FCI-SA170 Datasheet
178Kb / 4P
   5.0V to 170V GPP TRANSIENT VOLTAGE SUPPRESSORS
logo
Taiwan Semiconductor Co...
SA170 TSC-SA170 Datasheet
667Kb / 5P
   500 Watts Transient Voltage Suppressor
logo
Won-Top Electronics
SA170 WTE-SA170 Datasheet
68Kb / 5P
   500W TRANSIENT VOLTAGE SUPPRESSORS
More results

유사한 설명 - SA170

제조업체부품명데이터시트상세설명
logo
Sensitron
DLZ5 SENSITRON-DLZ5_08 Datasheet
64Kb / 3P
   Transient Voltage Suppressor / Data Line Transient Suppressor
logo
EIC discrete Semiconduc...
P4KE EIC-P4KE Datasheet
51Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
P6KE EIC-P6KE Datasheet
52Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
SA50 EIC-SA50 Datasheet
52Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
Micro Commercial Compon...
SMDA03C-7 MCC-SMDA03C-7 Datasheet
131Kb / 2P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
New Jersey Semi-Conduct...
15KP58C NJSEMI-15KP58C Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
15KP64C NJSEMI-15KP64C Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
15KP26CA NJSEMI-15KP26CA Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
30KP350C NJSEMI-30KP350C Datasheet
395Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
15KP220CA NJSEMI-15KP220CA Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
1.5KE11 NJSEMI-1.5KE11 Datasheet
906Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com