전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD7323 데이터시트(PDF) 4 Page - Analog Devices

부품명 AD7323
상세설명  500 kSPS, 4-Channel, Software-Selectable, True Bipolar Input, 12-Bit Plus Sign ADC
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD7323 데이터시트(HTML) 4 Page - Analog Devices

  AD7323_15 Datasheet HTML 1Page - Analog Devices AD7323_15 Datasheet HTML 2Page - Analog Devices AD7323_15 Datasheet HTML 3Page - Analog Devices AD7323_15 Datasheet HTML 4Page - Analog Devices AD7323_15 Datasheet HTML 5Page - Analog Devices AD7323_15 Datasheet HTML 6Page - Analog Devices AD7323_15 Datasheet HTML 7Page - Analog Devices AD7323_15 Datasheet HTML 8Page - Analog Devices AD7323_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 37 page
background image
Data Sheet
AD7323
Rev. B | Page 3 of 36
SPECIFICATIONS
VDD = 12 V to 16.5 V, VSS = −12 V to −16.5 V, VCC = 2.7 V to 5.25 V, VDRIVE = 2.7 V to 5.25 V, VREF = 2.5 V to 3.0 V internal/external,
fSCLK = 10 MHz, fS = 500 kSPS, TA = TMAX to TMIN, unless otherwise noted.
Table 2.
B Version
Parameter1
Min
Typ
Max
Unit
Test Conditions/Comments
DYNAMIC PERFORMANCE
fIN = 50 kHz sine wave
Signal-to-Noise Ratio (SNR)2
76
dB
Differential mode, VCC = 4.75 V to 5.25 V
75.5
dB
Differential mode, VCC < 4.75 V
72.5
dB
Single-ended/pseudo differential mode; ±10 V, ±2.5 V and
±5 V ranges, VCC = 4.75 V to 5.25 V
72
dB
Single-ended/pseudo differential mode; 0 V to 10 V,
VCC = 4.75 V to 5.25 V and all ranges at VCC < 4.75 V
Signal-to-Noise + Distortion
(SINAD)2
75
dB
Differential mode; ±2.5 V and ±5 V ranges
74
dB
Differential mode; 0 V to 10 V
76
dB
Differential mode; ±10 V range
72
dB
Single-ended/pseudo differential mode; ±2.5 V and ±5 V
ranges
72.5
dB
Single-ended/pseudo differential mode; 0 V to +10 V and
±10 V ranges
Total Harmonic Distortion
(THD)2
−80
dB
Differential mode; ±2.5 V and ±5 V ranges
−79
dB
Differential mode; 0 V to 10 V ranges
−82
dB
Differential mode; ±10 V range
−77
dB
Single-ended/pseudo differential mode; ±5 V range
−79
dB
Single-ended/pseudo differential mode; ±2.5 V range
−80
dB
Single-ended/pseudo differential mode; 0 V to +10 V and
±10 V ranges
Peak Harmonic or Spurious
Noise (SFDR)2
−81
dB
Differential mode; ±2.5 V and ±5 V ranges
−80
dB
Differential mode; 0 V to 10 V ranges
−82
dB
Differential mode; ±10 V ranges
−78
dB
Single-ended/pseudo differential mode; ±5 V range
−80
Single-ended/pseudo differential mode; ±2.5 V range
−79
dB
Single-ended/pseudo differential mode; 0 V to +10 V and
±10 V ranges
Intermodulation Distortion
(IMD)2
fa = 50 kHz, fb = 30 kHz
Second-Order Terms
−88
dB
Third-Order Terms
−90
dB
Aperture Delay3
7
ns
Aperture Jitter3
50
ps
Common-Mode Rejection
(CMRR)2
−79
dB
Up to 100 kHz ripple frequency; see
Figure 17
Channel-to-Channel
Isolation2
−72
dB
fIN on unselected channels up to 100 kHz; see
Figure 14
Full Power Bandwidth
22
MHz
At 3 dB
5
MHz
At 0.1 dB


유사한 부품 번호 - AD7323_15

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD7323 AD-AD7323_17 Datasheet
686Kb / 37P
   4-Channel, Software-Selectable, True Bipolar Input, 12-Bit Plus Sign ADC
More results

유사한 설명 - AD7323_15

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD7323 AD-AD7323 Datasheet
732Kb / 36P
   500 kSPS, 4-Channel, Software-Selectable, True Bipolar Input, 12-Bit Plus Sign ADC
REV. 0
AD7321 AD-AD7321_15 Datasheet
886Kb / 37P
   500 kSPS, 2-Channel, Software-Selectable, True Bipolar Input, 12-Bit Plus Sign ADC
REV. B
AD7321 AD-AD7321 Datasheet
577Kb / 36P
   500 kSPS, 2-Channel, Software-Selectable, True Bipolar Input, 12-Bit Plus Sign ADC
REV. 0
AD7327 AD-AD7327 Datasheet
756Kb / 36P
   500 kSPS, 8-Channel, Software-Selectable, True Bipolar Input, 12-Bit Plus Sign ADC
REV. 0
AD7327 AD-AD7327_15 Datasheet
954Kb / 37P
   500 kSPS, 8-Channel, Software-Selectable, True Bipolar Input, 12-Bit Plus Sign ADC
REV. B
AD7324 AD-AD7324 Datasheet
591Kb / 36P
   4-Channel, Software-Selectable, True Bipolar Input, 12-Bit Plus Sign ADC
REV. 0
AD7324 AD-AD7324_15 Datasheet
920Kb / 37P
   4-Channel, Software-Selectable, True Bipolar Input, 12-Bit Plus Sign ADC
REV. B
AD7324 AD-AD7324_17 Datasheet
734Kb / 37P
   4-Channel, Software-Selectable, True Bipolar Input, 12-Bit Plus Sign ADC
AD7323 AD-AD7323_17 Datasheet
686Kb / 37P
   4-Channel, Software-Selectable, True Bipolar Input, 12-Bit Plus Sign ADC
AD7321 AD-AD7321_17 Datasheet
697Kb / 37P
   2-Channel, Software-Selectable, True Bipolar Input, 12-Bit Plus Sign ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com