전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD7392 데이터시트(PDF) 10 Page - Analog Devices

부품명 AD7392
상세설명  3 V, Parallel Input Micropower 10-/12-Bit DACs
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD7392 데이터시트(HTML) 10 Page - Analog Devices

Back Button AD7392_15 Datasheet HTML 6Page - Analog Devices AD7392_15 Datasheet HTML 7Page - Analog Devices AD7392_15 Datasheet HTML 8Page - Analog Devices AD7392_15 Datasheet HTML 9Page - Analog Devices AD7392_15 Datasheet HTML 10Page - Analog Devices AD7392_15 Datasheet HTML 11Page - Analog Devices AD7392_15 Datasheet HTML 12Page - Analog Devices AD7392_15 Datasheet HTML 13Page - Analog Devices AD7392_15 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
AD7392/AD7393
Rev. C | Page 10 of 20
TIME (2µs/DIV)
2µs
AD7392
20mV
CS
(5V/DIV)
VDD = 5V
VREF = 2.5V
fCLK = 50kHz
CODE: 0x7F TO 0x80
VOUT
(5mV/DIV)
Figure 17. Midscale Transition Performance
TIME (5µs/DIV)
5µs
5mV
VDD = 5V
VREF = 2.5V
CS = HIGH
VOUT
(5mV/DIV)
D0 TO D11
(5V/DIV)
Figure 18. Digital Feedthrough
TIME (100µs/DIV)
100µs
1V
VDD = 5V
VREF = 2.5V
AD7392
VOUT
(1V/DIV)
CS
(5V/DIV)
Figure 19. Large Signal Settling Time
–30
10
100
1k
10k
100k
–25
–20
–15
–10
–5
0
5
FREQUENCY (Hz)
VDD = 5V
VREF = 100mV + 2VDC
DATA = 0xFFF
Figure 20. Reference Multiplying Bandwidth
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
012
34
2.0
REFERENCE VOLTAGE (V)
AD7392
VDD = 5V
CODE = 0x768
TA = 25°C
5
Figure 21. Integral Nonlinearity Error vs. Reference Voltage
0
0
100
200
300
400
500
600
1.2
1.0
0.8
0.6
0.4
0.2
HOURS OF OPERATION AT 150°C
AD7392
SAMPLE SIZE = 50
CODE = 0xFFF
CODE = 0x000
Figure 22. Long-Term Drift Accelerated by Burn-In


유사한 부품 번호 - AD7392_15

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD7392AN AD-AD7392AN Datasheet
199Kb / 11P
   3 V, Parallel Input Micropower 10- and 12-Bit DACs
REV. A
AD7392AN AD-AD7392AN Datasheet
458Kb / 20P
   3 V, Parallel Input Micropower 10-/12-Bit DACs
REV. C
AD7392ANZ AD-AD7392ANZ Datasheet
458Kb / 20P
   3 V, Parallel Input Micropower 10-/12-Bit DACs
REV. C
AD7392AR AD-AD7392AR Datasheet
199Kb / 11P
   3 V, Parallel Input Micropower 10- and 12-Bit DACs
REV. A
AD7392AR AD-AD7392AR Datasheet
458Kb / 20P
   3 V, Parallel Input Micropower 10-/12-Bit DACs
REV. C
More results

유사한 설명 - AD7392_15

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD7393 AD-AD7393_15 Datasheet
458Kb / 20P
   3 V, Parallel Input Micropower 10-/12-Bit DACs
REV. C
AD7392AR-REEL AD-AD7392AR-REEL Datasheet
458Kb / 20P
   3 V, Parallel Input Micropower 10-/12-Bit DACs
REV. C
AD7392 AD-AD7392 Datasheet
199Kb / 11P
   3 V, Parallel Input Micropower 10- and 12-Bit DACs
REV. A
AD7397ARUZ AD-AD7397ARUZ Datasheet
216Kb / 12P
   3 V, Parallel Input Dual 12-Bit /10-Bit DACs
REV. 0
AD7396 AD-AD7396_15 Datasheet
229Kb / 12P
   3 V, Parallel Input Dual 12-Bit /10-Bit DACs
REV. 0
AD7397 AD-AD7397_15 Datasheet
229Kb / 12P
   3 V, Parallel Input Dual 12-Bit /10-Bit DACs
REV. 0
AD7396 AD-AD7396 Datasheet
226Kb / 12P
   3 V, Parallel Input Dual 12-Bit /10-Bit DACs
REV. 0
AD7391ANZ AD-AD7391ANZ Datasheet
203Kb / 12P
   3 V Serial-Input Micropower 10-Bit and 12-Bit DACs
REV. A
AD7390 AD-AD7390 Datasheet
203Kb / 12P
   3 V Serial-Input Micropower 10-Bit and 12-Bit DACs
REV. A
AD7391 AD-AD7391_15 Datasheet
203Kb / 12P
   3 V Serial-Input Micropower 10-Bit and 12-Bit DACs
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com