전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SS94A1E 데이터시트(PDF) 2 Page - Honeywell Accelerometers

부품명 SS94A1E
상세설명  Interactive Catalog Replaces Catalog Pages
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  HONEYWELL-ACC [Honeywell Accelerometers]
홈페이지  http://www.inertialsensor.com
Logo HONEYWELL-ACC - Honeywell Accelerometers

SS94A1E 데이터시트(HTML) 2 Page - Honeywell Accelerometers

  SS94A1E Datasheet HTML 1Page - Honeywell Accelerometers SS94A1E Datasheet HTML 2Page - Honeywell Accelerometers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Solid State Sensors
SS94A Series
Analog Position Sensors
Honeywell Sensing and Control 1-800-537-6945 USA
1-815-235-6847 International 1-800-737-3360 Canada
19
FEATURES
Single current sinking or current
sourcing linear output
Improved temperature stability
Three pin in-line printed circuit board
terminals
Standard .100 mounting centers
Laser trimmed thin film and thick film
resistors minimize sensitivity
variations and compensate for
temperature variations
Flux range of ±100 to ±2500 gauss
OPERATION
The SS9 utilizes a Hall effect integrated
circuit chip which provides increased
temperature stability and performance.
Laser trimmed thick film resistors on the
ceramic substrate and thin film resistors
on the integrated circuit reduce null and
gain shifts over temperature which results
in consistent sensitivity from one device
to the next.
MOUNTING DIMENSIONS
(For reference only)
SS9
TYPICAL TRANSFER CHARACTERISTICS
SS9 ORDER GUIDE
Catalog Listing
SS94A1
SS94A1B
SS94A1E
SS94A1F
SS94A2
SS94A2C
SS94A2D
Main Feature
Gen. purpose
5 VDC operation
Low drift
High sensitivity
Noise shielded††
Noise shielded††
Noise shielded††
Supply Voltage (VDC)*
6.6 to 12.6
4.5 to 8.0
6.6 to 12.6
6.6 to 12.6
6.6 to 12.6
6.6 to 12.6
6.6 to 12.6
Supply Current (mA)**
13 typ.
8 typ.
13 typ.
13 typ.
13 typ.
13 typ.
13 typ.
30 max.
17.5 max.
30 max.
30 max.
30 max.
30 max.
30 max.
Output Current (mA)
Sinking or Sourcing
1 max.
1 max.
1 max.
1 max.
1 max.
1 max.
1 max.
Response Time (µ sec.)
3 typ.
3 typ.
3 typ.
3 typ.
3 typ.
3 typ.
3 typ.
Magnetic Characteristics***
Span*
.625 VS
.375 VS
.625 VS
.625 VS
.625 VS
.625 VS
.625 VS
Range (gauss)*
–500 to +500
–500 to +500
–500 to +500
–100 to +100
–500 to +500
–1000 to +1000
–2500 to +2500
Sensitivity (mV/gauss @ 25°C)
5.0±.1
1.875±.100
5.0±.1
25.0±.5
5.0±.1
2.50±.05
1.00±.02
Linearity† (% span)
–0.8 typ.
–0.8 typ.
–0.8 typ.
–0.8 typ.
–0.8 typ.
–0.8 typ.
–0.8 typ.
–1.5 max.
–1.5 max.
–1.5 max.
–1.5 max.
–1.5 max.
–1.5 max.
–1.5 max.
Vout (0 gauss @ 25°C)***
4.00±.04V
2.50±.05V
4.00±.04V
4.00±.08V
4.00±.04V
4.00±.04V
4.00±.04V
Temperature Error (all %s
reference 25°C value)*
Null (%/°C)
±.02
±.025
±.01
±.10
±.02
±.0125
±.007
Gain (%/°C)
±.02
±.025
±.02
+.02
±.02
±.02
±.02
–.055
MilliTesla = Gauss 10-1
*–40° to 125°C.
** Excludes load. Typical at 25°C/Maximum at –40°C.
***@Vs
5 VDC for SS94A1B only/@ Vs
8 VDC for all others.
† Derived from straight line between end points.
†† Silver coating on back of ceramic is electrically connected to – terminal.
Specified using a 2.2K resistor unless otherwise noted.
Null voltage (Vout at 0 gauss) and sensitivity are ratiometric to supply voltage.
Magnets page 25.
Application consideration: The output is
clamped at the high end. Clamping voltage
may be as low as 9VDC. The output will not
exceed the clamping voltage regardless of
field strength or supply voltage.
PDFINFO
p a g e - 0 1 9


유사한 부품 번호 - SS94A1E

제조업체부품명데이터시트상세설명
logo
Honeywell Solid State E...
SS94A1 HONEYWELL-SS94A1 Datasheet
64Kb / 1P
   CENTERLINE OF HALL CELL ONLY THELOCATION OF CERAMIC COVER IS SPECIFIED
logo
List of Unclassifed Man...
SS94A1B ETC2-SS94A1B Datasheet
57Kb / 1P
   LINEAR OUTPUT HALL EFFECT TRANSDUCER
logo
Honeywell Solid State E...
SS94A1F HONEYWELL-SS94A1F Datasheet
60Kb / 1P
   CENTERLINE OF NALL CELL ONLY THE LOCATION OF THE CERAMIC COVER IS NOT SPECIFIED
More results

유사한 설명 - SS94A1E

제조업체부품명데이터시트상세설명
logo
Honeywell Accelerometer...
26PCFFS2G HONEYWELL-ACC-26PCFFS2G Datasheet
180Kb / 3P
   Interactive Catalog Replaces Catalog Pages
DUXL05D HONEYWELL-ACC-DUXL05D Datasheet
433Kb / 9P
   Interactive Catalog Replaces Catalog Pages
HIH-4010-004 HONEYWELL-ACC-HIH-4010-004 Datasheet
433Kb / 9P
   Interactive Catalog Replaces Catalog Pages
logo
Honeywell Solid State E...
SS400 HONEYWELL-SS400 Datasheet
245Kb / 3P
   Interactive Catalog Replaces Catalog Pages
242PC100G HONEYWELL-242PC100G Datasheet
348Kb / 5P
   Interactive Catalog Replaces Catalog Pages
BZ-3AT HONEYWELL-BZ-3AT Datasheet
433Kb / 9P
   Interactive Catalog Replaces Catalog Pages
26PCCFA6G HONEYWELL-26PCCFA6G Datasheet
180Kb / 3P
   Interactive Catalog Replaces Catalog Pages
logo
Honeywell Accelerometer...
162PC01G HONEYWELL-ACC-162PC01G Datasheet
507Kb / 5P
   Interactive Catalog Replaces Catalog Pages
logo
Honeywell Solid State E...
CSLA1CE HONEYWELL-CSLA1CE Datasheet
433Kb / 9P
   Interactive Catalog Replaces Catalog Pages
26PCAFA6G HONEYWELL-26PCAFA6G Datasheet
180Kb / 3P
   Interactive Catalog Replaces Catalog Pages
26PCDFA6G HONEYWELL-26PCDFA6G Datasheet
180Kb / 3P
   Interactive Catalog Replaces Catalog Pages
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com