전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD7440 데이터시트(PDF) 5 Page - Analog Devices

부품명 AD7440
상세설명  Differential Input, 1 MSPS 10-Bit and 12-Bit ADCs in an 8-Lead SOT-23
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD7440 데이터시트(HTML) 5 Page - Analog Devices

  AD7440_15 Datasheet HTML 1Page - Analog Devices AD7440_15 Datasheet HTML 2Page - Analog Devices AD7440_15 Datasheet HTML 3Page - Analog Devices AD7440_15 Datasheet HTML 4Page - Analog Devices AD7440_15 Datasheet HTML 5Page - Analog Devices AD7440_15 Datasheet HTML 6Page - Analog Devices AD7440_15 Datasheet HTML 7Page - Analog Devices AD7440_15 Datasheet HTML 8Page - Analog Devices AD7440_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 29 page
background image
AD7440/AD7450A
Rev. C | Page 4 of 28
Parameter
Test Conditions/Comments
B Version
Unit
CONVERSION RATE
Conversion Time
888 ns with an 18 MHz SCLK
16
SCLK cycles
Track-and-Hold Acquisition Time2
Sine wave input
200
ns max
Step input
290
ns max
Throughput Rate
1
MSPS max
POWER REQUIREMENTS
VDD
Range: 3 V + 20%/–10%; 5 V ± 5%
2.7/5.25
V min/V max
IDD8
Normal Mode (Static)
SCLK on or off
0.5
mA typ
Normal Mode (Operational)
VDD = 4.75 V to 5.25 V
1.95
mA max
VDD = 2.7 V to 3.6 V
1.45
mA max
Full Power-Down Mode
SCLK on or off
1
μA max
Power Dissipation
Normal Mode (Operational)
VDD = 5 V, 1.55 mW typ for 100 kSPS9
9.25
mW max
VDD = 3 V, 0.6 mW typ for 100 kSPS9
4
mW max
Full Power-Down Mode
VDD = 5 V, SCLK on or off
5
μW max
VDD = 3 V, SCLK on or off
3
μW max
1 Common-mode voltage. The input signal can be centered on a dc common-mode voltage in the range specified in Figure 28 and Figure 29.
2 See the Terminology section.
3 Analog inputs with slew rates exceeding 27 V/μs (full-scale input sine wave > 3.5 MHz) within the acquisition time can cause the converter to return an
incorrect result.
4 Because the input spans of VIN+ and VIN– are both VREF and are 180° out of phase, the differential voltage is 2 × VREF.
5 The AD7440 is functional with a reference input from 100 mV and for VDD = 5 V; the reference can range up to 3.5 V.
6 The AD7440 is functional with a reference input from 100 mV and for VDD = 3 V; the reference can range up to 2.2 V.
7 Guaranteed by characterization.
8 Measured with a midscale dc input.
9 See the Power vs. Throughput section.


유사한 부품 번호 - AD7440_15

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD7440BRM AD-AD7440BRM Datasheet
771Kb / 28P
   Differential Input, 1 MSPS 10-Bit and 12-Bit ADCs in an 8-Lead SOT-23
Rev. B
AD7440BRM AD-AD7440BRM Datasheet
784Kb / 28P
   Differential Input, 1 MSPS ADCs in an 8-Lead SOT-23
REV. C
AD7440BRM-REEL7 AD-AD7440BRM-REEL7 Datasheet
771Kb / 28P
   Differential Input, 1 MSPS 10-Bit and 12-Bit ADCs in an 8-Lead SOT-23
Rev. B
AD7440BRM-REEL7 AD-AD7440BRM-REEL7 Datasheet
784Kb / 28P
   Differential Input, 1 MSPS ADCs in an 8-Lead SOT-23
REV. C
AD7440BRMZ AD-AD7440BRMZ Datasheet
674Kb / 27P
   Differential Input, 1 MSPS 10-Bit and 12-Bit ADCs in an 8-Lead SOT-23
Rev. D
More results

유사한 설명 - AD7440_15

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD7450A AD-AD7450A_15 Datasheet
864Kb / 29P
   Differential Input, 1 MSPS 10-Bit and 12-Bit ADCs in an 8-Lead SOT-23
REV. C
AD7440 AD-AD7440 Datasheet
771Kb / 28P
   Differential Input, 1 MSPS 10-Bit and 12-Bit ADCs in an 8-Lead SOT-23
Rev. B
AD7440 AD-AD7440_V01 Datasheet
674Kb / 27P
   Differential Input, 1 MSPS 10-Bit and 12-Bit ADCs in an 8-Lead SOT-23
Rev. D
AD7441 AD-AD7441_10 Datasheet
629Kb / 24P
   Pseudo Differential Input, 1 MSPS, 10-/12-Bit ADCs in an 8-Lead SOT-23
Rev. D
AD7441 AD-AD7441_15 Datasheet
722Kb / 25P
   Pseudo Differential Input, 1 MSPS, 10-/12-Bit ADCs in an 8-Lead SOT-23
REV. D
AD7451 AD-AD7451_15 Datasheet
722Kb / 25P
   Pseudo Differential Input, 1 MSPS, 10-/12-Bit ADCs in an 8-Lead SOT-23
REV. D
AD7440BRT AD-AD7440BRT Datasheet
784Kb / 28P
   Differential Input, 1 MSPS ADCs in an 8-Lead SOT-23
REV. C
AD7476 AD-AD7476_15 Datasheet
560Kb / 25P
   1 MSPS, 12-/10-/8-Bit ADCs in 6-Lead SOT-23
Rev. F
AD7478 AD-AD7478_15 Datasheet
560Kb / 25P
   1 MSPS, 12-/10-/8-Bit ADCs in 6-Lead SOT-23
Rev. F
AD7477AAKS AD-AD7477AAKS Datasheet
466Kb / 24P
   1 MSPS, 12-/10-/8-Bit ADCs in 6-Lead SOT-23
Rev. F
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com