전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SA065C104CAR 데이터시트(PDF) 6 Page - AVX Corporation

부품명 SA065C104CAR
상세설명  Axial Leads/SpinGuard
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AVX [AVX Corporation]
홈페이지  http://www.avx.com
Logo AVX - AVX Corporation

SA065C104CAR 데이터시트(HTML) 6 Page - AVX Corporation

  SA065C104CAR Datasheet HTML 1Page - AVX Corporation SA065C104CAR Datasheet HTML 2Page - AVX Corporation SA065C104CAR Datasheet HTML 3Page - AVX Corporation SA065C104CAR Datasheet HTML 4Page - AVX Corporation SA065C104CAR Datasheet HTML 5Page - AVX Corporation SA065C104CAR Datasheet HTML 6Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
48
Axial Leads/Packaging
TAPE AND REEL
D1
D2
F
C
E
A
B
CLASS I / RS-296
A.
5mm ± 0.5mm
(.200" ± 0.020")
B*.
52.4mm ± 1.5mm
(2.063" ± 0.059")
C.
6.35mm ± 0.4mm
(0.250" ± 0.016")
D1-D2.
1.4mm
(0.055" MAX.)
E.
1.2mm
(0.047" MAX.)
F.
1.6mm
(0.063" MAX.)
G.
356mm
(14.00")
H.
76mm
(3.000")
I.
25.4mm
(1.000")
J.
84mm
(3.300")
K.
70mm
(2.750")
Leader Tape: 300mm min. (12")
Splicing: Tape Only
Missing Parts: 0.25% of component count max.-
No consecutive missing parts
K
J
H
I
G
Optional
Design
REEL QUANTITIES (MAX.) ‡
SA05
7,500 pcs.
MA10
5,000 pcs.
SA10
7,500 pcs.
MA20
5,000 pcs.
SA11
5,000 pcs.
MA30
3,000 pcs.
SA20
5,000 pcs.
MA40
3,000 pcs.
SA30
5,000 pcs.
MA50
950 pcs.
SA40
5,000 pcs.
MA60
650 pcs.
‡ 1000 pc. reels available for distribution pack only in ±1% and ±2%
tolerance.
* Standard Tape Spacing Shown. Also available in 26.0mm + 1.5mm,
– 0mm, (1.023 in. + .059 in. -0 in. ) for SpinGuards only. EIA Class I,
II and III tape spacings are available for molded axials. Tape spacing
for Class II is 63.5mm ± 1.5mm (2.50 in ± .059 in), and for Class III
73mm ± 1.5mm (2.87 in ± .059 in)
ADDITIONAL PACKAGING AVAILABLE
AMMO PACK
Tape
SA05, SA10
SA11
BOX SIZES (Nominal)
Spacing
SA20
SA30
SA40
LW
H
52.4mm ± 1.5mm
4,000 pcs.
2000
2,000 pcs.
255mm
73mm
93mm
(2.062" ± .059")
(10.039")
(2.874")
(3.661")
26.0mm + 1.5mm - 0mm
4,000 pcs.
*
2000
2,000 pcs.
*
255mm
48mm
113mm
(1.023" + .059" - 0")
(10.039")
(1.889")
(4.448")
*SpinGuard only
BULK PACK (MOLDED AXIALS ONLY)
MA10
MA20
MA30
100 pcs. (bag)
MA40
MA50
MA60
50 pcs. (bag)


유사한 부품 번호 - SA065C104CAR

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
SA06 ETC-SA06 Datasheet
120Kb / 2P
   Encapsulated DC-DC Converter
SA06-24-12 ETC-SA06-24-12 Datasheet
120Kb / 2P
   Encapsulated DC-DC Converter
SA06-24-12S ETC-SA06-24-12S Datasheet
120Kb / 2P
   Encapsulated DC-DC Converter
SA06-24-15S ETC-SA06-24-15S Datasheet
120Kb / 2P
   Encapsulated DC-DC Converter
SA06-24-24S ETC-SA06-24-24S Datasheet
120Kb / 2P
   Encapsulated DC-DC Converter
More results

유사한 설명 - SA065C104CAR

제조업체부품명데이터시트상세설명
logo
AVX Corporation
AA101C103K4R AVX-AA101C103K4R Datasheet
481Kb / 3P
   Axial Leads/SpinGuard
SA101A101JAR AVX-SA101A101JAR Datasheet
261Kb / 6P
   Axial Leads/SpinGuard
SA101C102JAR AVX-SA101C102JAR Datasheet
261Kb / 6P
   Axial Leads/SpinGuard
SA101A471JAR AVX-SA101A471JAR Datasheet
261Kb / 6P
   Axial Leads/SpinGuard
SA102A470JAA AVX-SA102A470JAA Datasheet
261Kb / 6P
   Axial Leads/SpinGuard
SA101C472KAA AVX-SA101C472KAA Datasheet
261Kb / 6P
   Axial Leads/SpinGuard
SA115C104KARC AVX-SA115C104KARC Datasheet
261Kb / 6P
   Axial Leads/SpinGuard
SA111E104MAR AVX-SA111E104MAR Datasheet
261Kb / 6P
   Axial Leads/SpinGuard
SA105C103MAR AVX-SA105C103MAR Datasheet
261Kb / 6P
   Axial Leads/SpinGuard
SA105E104MAR AVX-SA105E104MAR Datasheet
261Kb / 6P
   Axial Leads/SpinGuard짰
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com