전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BUZ21 데이터시트(PDF) 4 Page - Intersil Corporation

부품명 BUZ21
상세설명  19A, 100V, 0.100 Ohm, N-Channel Power MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INTERSIL [Intersil Corporation]
홈페이지  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

BUZ21 데이터시트(HTML) 4 Page - Intersil Corporation

  BUZ21 Datasheet HTML 1Page - Intersil Corporation BUZ21 Datasheet HTML 2Page - Intersil Corporation BUZ21 Datasheet HTML 3Page - Intersil Corporation BUZ21 Datasheet HTML 4Page - Intersil Corporation BUZ21 Datasheet HTML 5Page - Intersil Corporation BUZ21 Datasheet HTML 6Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
4
FIGURE 6. TRANSFER CHARACTERISTICS
FIGURE 7. DRAIN TO SOURCE ON RESISTANCE vs GATE
VOLTAGE AND DRAIN CURRENT
FIGURE 8. DRAIN TO SOURCE ON RESISTANCE vs
JUNCTION TEMPERATURE
FIGURE 9. GATE THRESHOLD VOLTAGE vs JUNCTION
TEMPERATURE
FIGURE 10. CAPACITANCE vs DRAIN TO SOURCE VOLTAGE
FIGURE 11. TRANSCONDUCTANCE vs DRAIN CURRENT
Typical Performance Curves Unless Otherwise Specified (Continued)
25
20
15
10
5
0
05
10
VGS, GATE TO SOURCE VOLTAGE (V)
PULSE DURATION = 80
µs
VDS = 25V
TJ = 25
oC
0.1
0
010
20
30
ID, DRAIN CURRENT (A)
8V
9V
VGS = 5V
20V
10V
0.2
0.3
0.4
40
5.5V
7.5V
7V
6.5V
6V
PULSE DURATION = 80
µs
0
-50
0
50
100
150
TJ, JUNCTION TEMPERATURE (
oC)
0.20
0.15
0.10
0.05
0.25
VGS = 10V, ID = 9A
PULSE DURATION = 80
µs
0
-50
0
50
100
150
TJ, JUNCTION TEMPERATURE (
oC)
4
3
2
1
5
VDS = VGS, ID = 1mA
0
102030
40
VDS, DRAIN TO SOURCE VOLTAGE (V)
101
100
10-1
10-2
VGS = 0, f = 1MHz
CISS
COSS
CRSS
VGS = 0V, f = 1MHz
CISS = CGS + CGD
CRSS = CGD
COSS ≈ CDS + CGD
10
8
6
4
2
0
0
5
10
15
20
25
ID, DRAIN CURRENT (A)
VDS = 25V
PULSE DURATION = 80
µs
TJ = 25
oC
BUZ21


유사한 부품 번호 - BUZ21

제조업체부품명데이터시트상세설명
logo
Siemens Semiconductor G...
BUZ21 SIEMENS-BUZ21 Datasheet
65Kb / 8P
   SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated)
logo
Infineon Technologies A...
BUZ21 INFINEON-BUZ21 Datasheet
90Kb / 8P
   SIPMOS Power Transistor
05.99
logo
Inchange Semiconductor ...
BUZ21 ISC-BUZ21 Datasheet
66Kb / 2P
   Nanosecond Switching Speeds
BUZ211 ISC-BUZ211 Datasheet
47Kb / 2P
   SOA is Power Dissipation Limited
logo
Siemens Semiconductor G...
BUZ213 SIEMENS-BUZ213 Datasheet
180Kb / 6P
   main ratings
More results

유사한 설명 - BUZ21

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
IRF9140 INTERSIL-IRF9140 Datasheet
59Kb / 7P
   -19A, -100V, 0.200 Ohm, P-Channel Power MOSFET
IRFP9140 INTERSIL-IRFP9140 Datasheet
59Kb / 7P
   19A, 100V, 0.200 Ohm, P-Channel Power MOSFET
logo
Unisonic Technologies
UTT18P10 UTC-UTT18P10 Datasheet
243Kb / 6P
   100V, 19A P-CHANNEL POWER MOSFET
logo
Shindengen Electric Mfg...
P19LA10SL SHINDENGEN-P19LA10SL Datasheet
1Mb / 7P
   Power MOSFETs 100V, 19A, N-channel
logo
Intersil Corporation
IRF9540 INTERSIL-IRF9540 Datasheet
59Kb / 7P
   19A, 100V, 0.200 Ohm, P-Channel Power MOSFETs
IRF520 INTERSIL-IRF520 Datasheet
69Kb / 7P
   9.2A, 100V, 0.270 Ohm, N-Channel Power MOSFET
November 1999
IRFD110 INTERSIL-IRFD110 Datasheet
52Kb / 6P
   1A, 100V, 0.600 Ohm, N-Channel Power MOSFET
IRFF110 INTERSIL-IRFF110 Datasheet
328Kb / 7P
   3.5A, 100V, 0.600 Ohm, N-Channel Power MOSFET
IRFF120 INTERSIL-IRFF120 Datasheet
325Kb / 7P
   6.0A, 100V, 0.300 Ohm, N-Channel Power MOSFET
logo
New Jersey Semi-Conduct...
IRFF130 NJSEMI-IRFF130 Datasheet
150Kb / 3P
   8.0A, 100V, 0.180 Ohm, N-Channel Power MOSFET
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com