전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD7520LD 데이터시트(PDF) 4 Page - Intersil Corporation

부품명 AD7520LD
상세설명  10-Bit, 12-Bit, Multiplying D/A Converters
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INTERSIL [Intersil Corporation]
홈페이지  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

AD7520LD 데이터시트(HTML) 4 Page - Intersil Corporation

  AD7520LD Datasheet HTML 1Page - Intersil Corporation AD7520LD Datasheet HTML 2Page - Intersil Corporation AD7520LD Datasheet HTML 3Page - Intersil Corporation AD7520LD Datasheet HTML 4Page - Intersil Corporation AD7520LD Datasheet HTML 5Page - Intersil Corporation AD7520LD Datasheet HTML 6Page - Intersil Corporation AD7520LD Datasheet HTML 7Page - Intersil Corporation AD7520LD Datasheet HTML 8Page - Intersil Corporation AD7520LD Datasheet HTML 9Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
10-10
Definition of Terms
Nonlinearity: Error contributed by deviation of the DAC
transfer function from a “best straight line” through the actual
plot of transfer function. Normally expressed as a percent-
age of full scale range or in (sub)multiples of 1 LSB.
Resolution: It is addressing the smallest distinct analog
output change that a D/A converter can produce. It is
commonly expressed as the number of converter bits. A
converter with resolution of n bits can resolve output changes
of 2-N of the full-scale range, e.g., 2-N VREF for a unipolar
conversion. Resolution by no means implies linearity.
Settling Time: Time required for the output of a DAC to set-
tle to within specified error band around its final value (e.g.,
1/
2 LSB) for a given digital input change, i.e., all digital inputs
LOW to HIGH and HIGH to LOW.
Gain Error: The difference between actual and ideal analog
output values at full scale range, i.e., all digital inputs at
HIGH state. It is expressed as a percentage of full scale
range or in (sub)multiples of 1 LSB.
Feedthrough Error: Error caused by capacitive coupling
from VREF to IOUT1 with all digital inputs LOW.
Output Capacitance: Capacitance from IOUT1 and IOUT2
terminals to ground.
Output Leakage Current: Current which appears on IOUT1
terminal when all digital inputs are LOW or on IOUT2
terminal when all digital inputs are HIGH.
Detailed Description
The AD7520, AD7530, AD7521 and AD7531 are monolithic,
multiplying D/A converters. A highly stable thin film R-2R
resistor ladder network and NMOS SPDT switches form the
basis of the converter circuit, CMOS level shifters permit low
power TTL/CMOS compatible operation. An external voltage
or current reference and an operational amplifier are all that
is required for most voltage output applications.
A simplified equivalent circuit of the DAC is shown in the
Functional Diagram. The NMOS SPDT switches steer the lad-
der leg currents between IOUT1 and IOUT2 buses which must
be held either at ground potential. This configuration main-
tains a constant current in each ladder leg independent of the
input code.
Converter errors are further reduced by using separate
metal interconnections between the major bits and the
outputs. Use of high threshold switches reduce offset (leak-
age) errors to a negligible level.
The level shifter circuits are comprised of three inverters with
positive feedback from the output of the second to the first, see
Figure 1. This configuration results in TTL/CMOS compatible
operation over the full military temperature range. With the lad-
der SPDT switches driven by the level shifter, each switch is
binarily weighted for an ON resistance proportional to the
respective ladder leg current. This assures a constant voltage
drop across each switch, creating equipotential terminations for
the 2R ladder resistors and highly accurate leg currents.
Pin Descriptions
AD7520/30
AD7521/31
PIN NAME
DESCRIPTION
11
IOUT1
Current Out summing junction of the R2R ladder network.
22
IOUT2
Current Out virtual ground, return path for the R2R ladder network.
3
3
GND
Digital Ground. Ground potential for digital side of D/A.
4
4
Bits 1(MSB)
Most Significant Digital Data Bit.
5
5
Bit 2
Digital Bit 2.
6
6
Bit 3
Digital Bit 3.
7
7
Bit 4
Digital Bit 4.
8
8
Bit 5
Digital Bit 5.
9
9
Bit 6
Digital Bit 6.
10
10
Bit 7
Digital Bit 7.
11
11
Bit 8
Digital Bit 8.
12
12
Bit 9
Digital Bit 9.
13
13
Bit 10
Digital Bit 10 (AD7521/31). Least Significant Digital Data Bit (AD7520/30).
-
14
Bit 11
Digital Bit 11 (AD7521/31).
-
15
Bit 12
Least Significant Digital Data Bit (AD7521/31).
14
16
V+
Power Supply +5V to +15V.
15
17
VREF
Voltage Reference Input to set the output range. Supplies the R2R resistor ladder.
16
18
RFEEDBACK Feedback resistor used for the current to voltage conversion when using an external Op Amp.
V+
DTL/TTL/
CMOS INPUT
13
4
5
6
7
2
89
TO LADDER
IOUT2 IOUT1
FIGURE 1. CMOS SWITCH
AD7520, AD7530, AD7521, AD7531


유사한 부품 번호 - AD7520LD

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD7520LD AD-AD7520LD Datasheet
640Kb / 8P
   CMOS 10&12-Bit Monolithic Multiplying D/A Converters
logo
Intersil Corporation
AD7520LD INTERSIL-AD7520LD Datasheet
6Mb / 180P
   Data Acquisition
More results

유사한 설명 - AD7520LD

제조업체부품명데이터시트상세설명
logo
Renesas Technology Corp
AD7520 RENESAS-AD7520 Datasheet
541Kb / 10P
   10-Bit, 12-Bit, Multiplying D/A Converters
logo
Intersil Corporation
AD7520 INTERSIL-AD7520_02 Datasheet
373Kb / 10P
   10-Bit, 12-Bit, Multiplying D/A Converters
logo
Analog Devices
AD7520 AD-AD7520 Datasheet
640Kb / 8P
   CMOS 10&12-Bit Monolithic Multiplying D/A Converters
logo
Maxim Integrated Produc...
MX7530 MAXIM-MX7530 Datasheet
192Kb / 4P
   CMOS 10 and 12 Bit Multiplying D/a Converters
Rev 1; 7/95
MX7520 MAXIM-MX7520 Datasheet
294Kb / 8P
   CMOS 10 and 12 Bit Multiplying D/A Converters
Rev 1; 7/95
logo
Analog Devices
AD7520 AD-AD7520_15 Datasheet
3Mb / 12P
   CMOS 10 12 BIT MONOLITHIC MULTIPLYING D/A CONVERTERS
REV. B
logo
Maxim Integrated Produc...
MX7530-MX7531 MAXIM-MX7530-MX7531 Datasheet
2Mb / 4P
   cmos 10 and 12 Bit Multiplying D/A Converters
Rev 1; 7/95
logo
Analog Devices
PM7545 AD-PM7545 Datasheet
520Kb / 12P
   12-BIT BUFFERED MULTIPLYING CMOS D/A CONVERTERS
REV. C
logo
List of Unclassifed Man...
PM7545HPZ ETC2-PM7545HPZ Datasheet
3Mb / 11P
   12-BIT BUFFERED MULTIPLYING CMOS D/A CONVERTERS
logo
National Semiconductor ...
DAC1020 NSC-DAC1020 Datasheet
264Kb / 14P
   10-Bit, 12-Bit Binary Multiplying D/A Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com