전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74HCT245 데이터시트(PDF) 3 Page - ON Semiconductor

부품명 74HCT245
상세설명  Octal 3-State Noninverting Bus Transceiver with LSTTL-Compatible Inputs
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ONSEMI [ON Semiconductor]
홈페이지  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

74HCT245 데이터시트(HTML) 3 Page - ON Semiconductor

  74HCT245 Datasheet HTML 1Page - ON Semiconductor 74HCT245 Datasheet HTML 2Page - ON Semiconductor 74HCT245 Datasheet HTML 3Page - ON Semiconductor 74HCT245 Datasheet HTML 4Page - ON Semiconductor 74HCT245 Datasheet HTML 5Page - ON Semiconductor 74HCT245 Datasheet HTML 6Page - ON Semiconductor 74HCT245 Datasheet HTML 7Page - ON Semiconductor 74HCT245 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
74HCT245
http://onsemi.com
3
MAXIMUM RATINGS (Note 1)
Symbol
Parameter
Value
Unit
VCC
DC Supply Voltage
*0.5 to )7.0
V
VIN
DC Input Voltage
*0.5 to VCC )0.5
V
VOUT
DC Output Voltage
(Note 2)
*0.5 to VCC )0.5
V
IIK
DC Input Diode Current
$20
mA
IOK
DC Output Diode Current
$35
mA
IOUT
DC Output Sink Current
$35
mA
ICC
DC Supply Current per Supply Pin
$75
mA
IGND
DC Ground Current per Ground Pin
$75
mA
TSTG
Storage Temperature Range
*65 to )150
_C
TL
Lead Temperature, 1 mm from Case for 10 Seconds
260
_C
TJ
Junction Temperature Under Bias
)150
_C
qJA
Thermal Resistance
TSSOP
128
_C/W
PD
Power Dissipation in Still Air at 85
_C
TSSOP
450
mW
MSL
Moisture Sensitivity
Level 1
FR
Flammability Rating
Oxygen Index: 30% to 35%
UL 94 V-0 @ 0.125 in
VESD
ESD Withstand Voltage
Human Body Model (Note 3)
Machine Model (Note 4)
u2000
u200
V
ILATCHUP
Latchup Performance
Above VCC and Below GND at 85_C (Note 5)
$300
mA
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the
Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect
device reliability.
1. Measured with minimum pad spacing on an FR4 board, using 10 mm-by-1 inch, 20 ounce copper trace with no air flow.
2. IO absolute maximum rating must observed.
3. Tested to EIA/JESD22-A114-A.
4. Tested to EIA/JESD22-A115-A.
5. Tested to EIA/JESD78.
RECOMMENDED OPERATING CONDITIONS
Symbol
Parameter
Min
Max
Unit
VCC
DC Supply Voltage (Referenced to GND)
4.5
5.5
V
Vin, Vout
DC Input Voltage, Output Voltage (Referenced to GND)
0
VCC
V
TA
Operating Temperature, All Package Types
–55
+125
_C
tr, tf
Input Rise and Fall Time (Figure 3)
VCC = 4.5 V
0
500
ns


유사한 부품 번호 - 74HCT245

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
74HCT245 PHILIPS-74HCT245 Datasheet
130Kb / 22P
   Octal bus transceiver; 3-state
Rev. 03-31 January 2005
logo
Nexperia B.V. All right...
74HCT245 NEXPERIA-74HCT245 Datasheet
264Kb / 15P
   Octal bus transceiver; 3-state
Rev. 6 - 6 September 2021
74HCT245-Q100 NEXPERIA-74HCT245-Q100 Datasheet
259Kb / 15P
   Octal bus transceiver; 3-state
Rev. 2 - 14 July 2020
logo
ON Semiconductor
74HCT245A ONSEMI-74HCT245A Datasheet
118Kb / 9P
   Octal 3?뭆tate Noninverting Bus Transceiver with LSTTL Compatible Inputs
January, 2007 ??Rev. 10
logo
NXP Semiconductors
74HCT245BQ PHILIPS-74HCT245BQ Datasheet
130Kb / 22P
   Octal bus transceiver; 3-state
Rev. 03-31 January 2005
More results

유사한 설명 - 74HCT245

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
MC74HCT245A ONSEMI-MC74HCT245A Datasheet
180Kb / 8P
   Octal 3-State Noninverting Bus Transceiver with LSTTL Compatible Inputs
March, 2000 ??Rev. 8
MC74HCT245A ONSEMI-MC74HCT245A_07 Datasheet
118Kb / 9P
   Octal 3?뭆tate Noninverting Bus Transceiver with LSTTL Compatible Inputs
January, 2007 ??Rev. 10
MC74HCT373A ONSEMI-MC74HCT373A Datasheet
185Kb / 8P
   Octal 3-State Noninverting Transceiver Latch with LSTTL-Compatible Inputs?
March, 2000 ??Rev. 8
MC74HCT373A ONSEMI-MC74HCT373A_14 Datasheet
124Kb / 7P
   Octal 3-State Noninverting Transparent Latch with LSTTL-Compatible Inputs
September, 2014 ??Rev. 13
MC74HCT573A ONSEMI-MC74HCT573A Datasheet
186Kb / 8P
   Octal 3-State Noninverting Transparent Latch with LSTTL Compatible Inputs
March, 2000 ??Rev. 8
MC74HCT573ADWR2G ONSEMI-MC74HCT573ADWR2G Datasheet
153Kb / 8P
   Octal 3-State Noninverting Transparent Latch with LSTTL Compatible Inputs
June, 2011 ??Rev. 12
MC74HCT573A ONSEMI-MC74HCT573A_14 Datasheet
120Kb / 6P
   Octal 3-State Noninverting Transparent Latch with LSTTL Compatible Inputs
September, 2014 ??Rev. 13
MC74HCT373ADWR2G ONSEMI-MC74HCT373ADWR2G Datasheet
153Kb / 9P
   Octal 3-State Noninverting Transparent Latch with LSTTL-Compatible Inputs
June, 2011 ??Rev. 12
MC74HCT573ADWG ONSEMI-MC74HCT573ADWG Datasheet
153Kb / 8P
   Octal 3-State Noninverting Transparent Latch with LSTTL Compatible Inputs
June, 2011 ??Rev. 12
logo
Motorola, Inc
MC74HCT573A MOTOROLA-MC74HCT573A Datasheet
202Kb / 6P
   Octal 3-State Noninverting Transparent Latch with LSTTL Compatible Inputs
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com