전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CA139 데이터시트(PDF) 1 Page - Intersil Corporation

부품명 CA139
상세설명  Quad Voltage Comparators for Industrial, Commercial and Military Applications
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INTERSIL [Intersil Corporation]
홈페이지  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CA139 데이터시트(HTML) 1 Page - Intersil Corporation

  CA139 Datasheet HTML 1Page - Intersil Corporation CA139 Datasheet HTML 2Page - Intersil Corporation CA139 Datasheet HTML 3Page - Intersil Corporation CA139 Datasheet HTML 4Page - Intersil Corporation CA139 Datasheet HTML 5Page - Intersil Corporation CA139 Datasheet HTML 6Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1
File Number
795.6
CA139, CA139A, CA239, CA339,
LM339, LM2901, LM3302
Quad Voltage Comparators for Industrial,
Commercial and Military Applications
The devices in this series consist of four independent single
or dual supply voltage comparators on a single monolithic
substrate. The common mode input voltage range includes
ground even when operated from a single supply, and the
low power supply current drain makes these comparators
suitable for battery operation. These types were designed to
directly interface with TTL and CMOS.
Type CA139A, has a lower input offset voltage than the
CA139. Some of the SOIC parts are available on tape and
reel (see Ordering Information table). Replace the M suffix in
the part number with M96 when ordering (e.g.,
CA0239M96).
Pinout
CA139A (SOIC)
CA139, CA339, LM3302 (PDIP, SOIC)
CA239, LM2901, LM339 (PDIP)
TOP VIEW
Features
• Operation from Single or Dual Supplies
• Common Mode Input Voltage Range to GND
• Output Voltage Compatible with TTL, DTL, ECL,
MOS and CMOS
• Differential Input Voltage Range Equal to the
Supply Voltage
• Maximum Input Offset Voltage (VIO)
- CA139A . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2mV
- CA139, CA239, CA339. . . . . . . . . . . . . . . . . . . . . . 5mV
- LM2901. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 7mV
- LM3302. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 20mV
• Replacement for Industry Types 139, 239, 339, 139A,
2901, 3302
Applications
• Square Wave Generator
• Time Delay Generators
• Pulse Generators
• Multivibrators
• High Voltage Digital Logic Gates
• A/D Converters
• MOS Clock Timers
Schematic Diagram
Ordering Information
PART NO. (BRAND)
TEMP.
RANGE
(oC)
PACKAGE
PKG.
NO.
CA0139E
-55 to 125
14 Ld PDIP
E14.3
CA0139M, AM (139, 139A)
-55 to 125
14 Ld SOIC
M14.15
CA0239E
-25 to 85
14 Ld PDIP
E14.3
CA0239M96 (239)
-25 to 85
14 Ld SOIC
M14.15
CA0339E
0 to 70
14 Ld PDIP
E14.3
CA0339M (339)
0 to 70
14 Ld SOIC
M14.15
LM339N
0 to 70
14 Ld PDIP
E14.3
LM2901N
-40 to 85
14 Ld PDIP
E14.3
LM3302M96 (3302)
-40 to 85
14 Ld SOIC
M14.15
LM3302N
-40 to 85
14 Ld PDIP
E14.3
OUTPUT 2
OUTPUT 1
V+
NEG. INPUT 1
POS. INPUT 1
NEG. INPUT 2
POS. INPUT 2
OUTPUT 3
OUTPUT 4
GND
POS. INPUT 4
NEG. INPUT 4
POS. INPUT 3
NEG. INPUT 3
1
2
3
4
5
6
7
14
13
12
11
10
9
8
1
4
2
3
5
+ INPUT
3
4
- INPUT
V+
12
Q5
Q6
Q4
Q3
Q2
Q1
13
11
10
2
Q7
Q8
OUTPUT
TO 2, 3, 4
TO 2, 3, 4
4
+
-
2
+
-
1
7
6
3
+
-
9
8
14
COMPARATOR NO 1
3.5
µA
100
µA
3.5
µA
100
µA
Data Sheet
October 1999
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 321-724-7143
| Copyright
© Intersil Corporation 1999


유사한 부품 번호 - CA139

제조업체부품명데이터시트상세설명
logo
GE Solid State
CA139 GESS-CA139 Datasheet
129Kb / 1P
   Single/Quad Types Comparators
logo
Intersil Corporation
CA139 INTERSIL-CA139 Datasheet
152Kb / 6P
   Quad Voltage Comparators for Industrial, Commercial and Military Applications
logo
Harris Corporation
CA1391 HARRIS-CA1391 Datasheet
51Kb / 4P
   TV Horizontal Processors
CA1391E HARRIS-CA1391E Datasheet
51Kb / 4P
   TV Horizontal Processors
logo
List of Unclassifed Man...
CA1391E ETC2-CA1391E Datasheet
2Mb / 31P
   SEMICONDUCTORS
More results

유사한 설명 - CA139

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
CA139 INTERSIL-CA139_01 Datasheet
152Kb / 6P
   Quad Voltage Comparators for Industrial, Commercial and Military Applications
CA124 INTERSIL-CA124 Datasheet
200Kb / 7P
   Quad, 1MHz, Operational Amplifiers for Commercial, Industrial, and Military Applications
May 2001
CA3141 INTERSIL-CA3141 Datasheet
39Kb / 4P
   High-Voltage Diode Array For Commercial, Industrial and Military Applications
January 1999
logo
Harris Corporation
CA3141 HARRIS-CA3141 Datasheet
33Kb / 4P
   High-Voltage Diode Array For Commercial, Industrial and Military Applications
logo
Finisar Corporation.
FTE8510K1LTN FINISAR-FTE8510K1LTN Datasheet
558Kb / 2P
   For Industrial and Military Applications
logo
Intersil Corporation
CA158 INTERSIL-CA158 Datasheet
85Kb / 7P
   Dual, 1MHz, Operational Amplifiers for Commercial Industrial, and Military Applications
October 1999
CA158 INTERSIL-CA158_01 Datasheet
187Kb / 7P
   Dual, 1MHz, Operational Amplifiers for Commercial Industrial, and Military Applications
logo
Harris Corporation
CA555 HARRIS-CA555_99 Datasheet
65Kb / 6P
   Timers for Timing Delays and Oscillator Applications in Commercial, Industrial and Military Equipment
CA741C HARRIS-CA741C Datasheet
421Kb / 6P
   HIGH-GAIN SINGLE AND DUAL OPERATIONAL AMPLIFIERS FOR MILITARY INDUSTRIAL AND COMMERCIAL APPLICATIONS
logo
Intersil Corporation
CA555 INTERSIL-CA555 Datasheet
84Kb / 6P
   Timers for Timing Delays and Oscillator Applications in Commercial, Industrial and Military Equipment
December 1999
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com