전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD7564 데이터시트(PDF) 10 Page - Analog Devices

부품명 AD7564
상세설명  3.3 V/5 V, Low Power, Quad 12-Bit DAC
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD7564 데이터시트(HTML) 10 Page - Analog Devices

Back Button AD7564_15 Datasheet HTML 6Page - Analog Devices AD7564_15 Datasheet HTML 7Page - Analog Devices AD7564_15 Datasheet HTML 8Page - Analog Devices AD7564_15 Datasheet HTML 9Page - Analog Devices AD7564_15 Datasheet HTML 10Page - Analog Devices AD7564_15 Datasheet HTML 11Page - Analog Devices AD7564_15 Datasheet HTML 12Page - Analog Devices AD7564_15 Datasheet HTML 13Page - Analog Devices AD7564_15 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
REV.
AD7564
–10–
2.0
0.0
1.4
0.6
0.2
0.4
0.4
0.2
1.2
0.8
1.0
1.4
1.6
1.8
1.2
1.0
0.8
0.6
|VREF – VBIAS| – Volts
VDD = +3.3V
TA = +25°C
OP AMP = AD820
VREF = +1.23V (AD589)
Figure 9. Integral Nonlinearity Error vs. VREF
(Biased Mode)
2.0
0.0
1.4
0.6
0.2
0.4
0.4
0.2
1.2
0.8
1.0
1.4
1.6
1.8
1.2
1.0
0.8
0.6
|VREF – VBIAS| – Volts
VDD = +5V
TA = +25°C
OP AMP = AD820
VBIAS = +1.23V (AD589)
Figure 10. Integral Nonlinearity Error vs. VREF
(Biased Mode)
0.2
–0.5
4095
–0.2
–0.4
1024
–0.3
0
0.1
–0.1
0.0
3072
2048
CODE – LSBs
VDD = +3.3V
TA = +25°C
VBIAS = 1.23V
VREF = 0V
Figure 11. All Codes Linearity Plot (Biased Mode)
2.0
0.0
1.4
0.6
0.2
0.4
0.4
0.2
1.2
0.8
1.0
1.4
1.6
1.8
1.2
1.0
0.8
0.6
|VREF – VBIAS| – Volts
VDD = +3.3V
TA = +25°C
OP AMP = AD820
VREF = +1.23V (AD589)
Figure 12. Differential Nonlinearity Error vs. VREF
(Biased Mode)
2.0
0.0
1.4
0.6
0.2
0.4
0.4
0.2
1.2
0.8
1.0
1.4
1.6
1.8
1.2
1.0
0.8
0.6
|VREF – VBIAS| – Volts
VDD = +5V
TA = +25°C
OP AMP = AD820
VBIAS = +1.23V (AD589)
Figure 13. Differential Nonlinearity Error vs. VREF
(Biased Mode)
0.4
–0.1
0.2
0.0
0.1
0.3
4095
1024
0
3072
2048
CODE – LSBs
NORMAL MODE
VDD = +5V
TA = +25°C
VREF = 10V
Figure 14. All Codes Linearity Plot (Normal Mode)
B


유사한 부품 번호 - AD7564_15

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD7564AR-B AD-AD7564AR-B Datasheet
392Kb / 16P
   LC2MOS 3.3 V/5 V, Low Power, Quad 12-Bit DAC
REV. A
AD7564AR-B AD-AD7564AR-B Datasheet
468Kb / 17P
   LC2MOS 3.3 V/5 V, Low Power, Quad 12-Bit DAC
REV. B
AD7564ARS-B AD-AD7564ARS-B Datasheet
392Kb / 16P
   LC2MOS 3.3 V/5 V, Low Power, Quad 12-Bit DAC
REV. A
AD7564ARS-B AD-AD7564ARS-B Datasheet
468Kb / 17P
   LC2MOS 3.3 V/5 V, Low Power, Quad 12-Bit DAC
REV. B
AD7564ARS-BREEL AD-AD7564ARS-BREEL Datasheet
468Kb / 17P
   LC2MOS 3.3 V/5 V, Low Power, Quad 12-Bit DAC
REV. B
More results

유사한 설명 - AD7564_15

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD7564 AD-AD7564 Datasheet
392Kb / 16P
   LC2MOS 3.3 V/5 V, Low Power, Quad 12-Bit DAC
REV. A
AD7564ARS-BREEL AD-AD7564ARS-BREEL Datasheet
468Kb / 17P
   LC2MOS 3.3 V/5 V, Low Power, Quad 12-Bit DAC
REV. B
AD7948 AD-AD7948_15 Datasheet
333Kb / 16P
   3.3 V/5 V Multiplying 12-Bit DACs
REV. B
AD7943BNZ AD-AD7943BNZ Datasheet
333Kb / 16P
   3.3 V/5 V Multiplying 12-Bit DACs
REV. B
AD7945ARS-BREEL AD-AD7945ARS-BREEL Datasheet
333Kb / 16P
   3.3 V/5 V Multiplying 12-Bit DACs
REV. B
AD7943BRSZ AD-AD7943BRSZ Datasheet
221Kb / 16P
   3.3 V/5 V Multiplying 12-Bit DACs
REV. B
AD7943 AD-AD7943 Datasheet
329Kb / 16P
   3.3 V/5 V Multiplying 12-Bit DACs
REV. B
AD7945 AD-AD7945_15 Datasheet
333Kb / 16P
   3.3 V/5 V Multiplying 12-Bit DACs
REV. B
AD7945BNZ AD-AD7945BNZ Datasheet
221Kb / 16P
   3.3 V/5 V Multiplying 12-Bit DACs
REV. B
AD7945BRSZ AD-AD7945BRSZ Datasheet
221Kb / 16P
   3.3 V/5 V Multiplying 12-Bit DACs
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com